Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR0H473ZF Datasheet(PDF) 7 Page - NEC

Part # FR0H473ZF
Description  Super Capacitors
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

FR0H473ZF Datasheet(HTML) 7 Page - NEC

Back Button FR0H473ZF Datasheet HTML 3Page - NEC FR0H473ZF Datasheet HTML 4Page - NEC FR0H473ZF Datasheet HTML 5Page - NEC FR0H473ZF Datasheet HTML 6Page - NEC FR0H473ZF Datasheet HTML 7Page - NEC FR0H473ZF Datasheet HTML 8Page - NEC FR0H473ZF Datasheet HTML 9Page - NEC FR0H473ZF Datasheet HTML 10Page - NEC FR0H473ZF Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
2010.11.8 9565SCAVOL12E
Super Capacitors Vol.12 7
5. Part Number System
FG Series bulk type
FG
0H
223
Z
F
Environmental pollutant reduced
Capacitance tolerance
+80%, −20%
Nominal capacitance(μF)
First two digits represent significant figure
Third digit specifies number of zeroes to follow microfarad code.
Maximum operating voltage
0V:3.5Vdc, 0H:5.5Vdc, 0J:6.5Vdc, 1A:11Vdc, 1B:12Vdc
Series name
Height (excluding lead)
16:16mm
18:18mm
Tape type
Bulk part name
FM Series tape type (Ammo pack)
FM0H223ZF
TP
16
FC Series tape type (Embossed tape)
FC0H104ZF
TB
R
24 - SS
Indivisual management code
Tape width
Positive electrode position in relation to tapes forward direction
Embossed tape type
Bulk part name
FM, FC, FT, FG, FS, FR, FY, FE, FA Series


Similar Part No. - FR0H473ZF

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
FR0H474ZF KEMET-FR0H474ZF Datasheet
52Kb / 1P
   Supercapacitors, Radial Pin, Commercial Grade, FR, 0.47 F, -20/80%, 5.5 V, Pin Leads, Lead Spacing = 5.08mm
More results

Similar Description - FR0H473ZF

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
305DCN2R7Q ILLINOISCAPACITOR-305DCN2R7Q Datasheet
404Kb / 2P
   Super Capacitors
106DCR2R3SGU ILLINOISCAPACITOR-106DCR2R3SGU Datasheet
172Kb / 2P
   Radial Leaded Super Capacitors
105DER2R5SFN ILLINOISCAPACITOR-105DER2R5SFN Datasheet
261Kb / 3P
   Radial Leaded Super Capacitors
logo
Taiyo Yuden (U.S.A.), I...
EMK105SD152KV-F TAIYO-YUDEN-EMK105SD152KV-F Datasheet
311Kb / 2P
   Super Low Distortion Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
CLG04P050L28 ETC2-CLG04P050L28 Datasheet
907Kb / 26P
   Super Capacitors To Improve Power Performance.
logo
Taiyo Yuden (U.S.A.), I...
UMK107SD272KA-T TAIYO-YUDEN-UMK107SD272KA-T Datasheet
312Kb / 2P
   Super Low Distortion Multilayer Ceramic Capacitors (CFCAP(TM))
TMK316SD104KL-T TAIYO-YUDEN-TMK316SD104KL-T Datasheet
312Kb / 2P
   Super Low Distortion Multilayer Ceramic Capacitors (CFCAP(TM))
TMK316SD563KF-T TAIYO-YUDEN-TMK316SD563KF-T Datasheet
312Kb / 2P
   Super Low Distortion Multilayer Ceramic Capacitors (CFCAP(TM))
UMK107SD102KA-T TAIYO-YUDEN-UMK107SD102KA-T Datasheet
313Kb / 2P
   Super Low Distortion Multilayer Ceramic Capacitors (CFCAP(TM))
UMK212SD472KD-T TAIYO-YUDEN-UMK212SD472KD-T Datasheet
312Kb / 2P
   Super Low Distortion Multilayer Ceramic Capacitors (CFCAP(TM))
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com