Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSD914X Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # NSD914X
Description  High Speed Switching Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

NSD914X Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  NSD914X Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd NSD914X Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Lead finish:100% matte Sn(Tin).
High speed switching application.
Extremely small SOD-523 package.
Qualified maximum reflow temperature:26
0℃
High-speed switching.
Type No.
Marking
Package Code
NSD914X
5D
SOD-523
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Limits
Unit
Continuous reverse voltage
VR
100
V
Continuous forward current
IF
200
mA
Non-repetitive peak forward surge current IFSM
500
mA
Total power dissipation
Ptot
200
mW
Thermal resistance junction-to-ambient
RθJA
635
℃/W
Junction temperature
Tj
150
Storage temperature
Tstg
-65-150
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Min.
Max.
Unit
Conditions
Reverse breakdown voltage
V(BR)
100
V
IR=100μA
Forward voltage
VF
1.0
V
IF=10mA
25
nA
VR=20V
Reverse current
IR
5.0
μA
VR=75V
Diode capacitance
Cd
4.0
pF
VR=0,f=1MHz
Reverse recovery time
trr
4
ns
IF=10mA,IR=10mA
NSD914X
High Speed Switching Diode
Features
Applications
Ordering Information
Dimensions in inches and (millimeters)
SOD-523
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - NSD914X

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
NSD914X CHENDA-NSD914X Datasheet
324Kb / 3P
   High Spee d Switching Diode
logo
Galaxy Semi-Conductor H...
NSD914X BILIN-NSD914X Datasheet
150Kb / 3P
   High Speed Switching Diode
NSD914X BILIN-NSD914X Datasheet
108Kb / 3P
   High Speed Switching Diode
logo
ON Semiconductor
NSD914XV2T1 ONSEMI-NSD914XV2T1 Datasheet
51Kb / 3P
   High?뭆peed Switching Diode
December, 2006 ??Rev. 3
NSD914XV2T1G ONSEMI-NSD914XV2T1G Datasheet
51Kb / 3P
   High?뭆peed Switching Diode
December, 2006 ??Rev. 3
More results

Similar Description - NSD914X

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
   SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
logo
Rohm
DAN202FM ROHM-DAN202FM Datasheet
1Mb / 7P
   Switching Diode (High speed switching)
DAP202FMFH ROHM-DAP202FMFH Datasheet
1Mb / 7P
   Switching Diode (High speed switching)
BAV70HY ROHM-BAV70HY Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
BAV99FM ROHM-BAV99FM Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
BAW56HYFH ROHM-BAW56HYFH Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
DAN202FMFH ROHM-DAN202FMFH Datasheet
1Mb / 7P
   Switching Diode (High speed switching)
DAP222ZM ROHM-DAP222ZM Datasheet
1Mb / 7P
   Switching Diode (High speed switching)
1SS400CM ROHM-1SS400CM Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
BAW56HY ROHM-BAW56HY Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
DAN222ZM ROHM-DAN222ZM Datasheet
1Mb / 7P
   Switching Diode (High speed switching)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com