Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SVZD1V156M Datasheet(PDF) 3 Page - NEC

Part # SVZD1V156M
Description  SV/Z Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

SVZD1V156M Datasheet(HTML) 3 Page - NEC

  SVZD1V156M Datasheet HTML 1Page - NEC SVZD1V156M Datasheet HTML 2Page - NEC SVZD1V156M Datasheet HTML 3Page - NEC SVZD1V156M Datasheet HTML 4Page - NEC SVZD1V156M Datasheet HTML 5Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9653TCAVOL13E1106E1
SV/Z Series
40
[B2, C2, C, V, D cases production date code]
[DC Rated Voltage code]
í MARKINGS
7KHVWDQGDUGPDUNLQJVKRZVFDSDFLWDQFH'&UDWHGYROWDJHDQGSRODULW\
J106
Polarity
Capacitance Code (pF)
DC Rated Voltage Code
22
6T
Polarity
Capacitance ( F)
Production Date Code
DC Rated Voltage
DC Rated Voltage
Polarity
Capacitance ( F)
Production Date Code
220
10T
[A case] (ex. 10 F / 6.3 V)
[B2 case] (ex. 22 F / 6.3 V)
[C2, C, V, D case] (ex. 220 F / 10 V)
NOTE: Production date code will resume beginning in 2015.
Jan. Feb. Mar. Apr. May. Jun. Jul. Aug. Sep. Oct. Nov. Dec.
2011
ab
c
d
e
f
g
h
j
k
l
m
2012
np
q
r
s
t
u
v
w
x
y
z
2013
AB
CD
E
F
G
H
J
K
L
M
2014
NP
Q
R
S
T
UV
W
X
Y
Z
M
Y
Code
G
J
A
C
D
E
V
Rated
4 V
6.3 V
10 V
16 V
20 V
25 V
35V
Voltage


Similar Part No. - SVZD1V156M

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SVZ1400 SSDI-SVZ1400 Datasheet
47Kb / 1P
   100-6500 AMPS 70-4500 VOLTS 73.5-1820 VOLTS 5.6-1400 VOLTS SURGE ARRESTOR MODULE
SVZ5.6 SSDI-SVZ5.6 Datasheet
47Kb / 1P
   100-6500 AMPS 70-4500 VOLTS 73.5-1820 VOLTS 5.6-1400 VOLTS SURGE ARRESTOR MODULE
More results

Similar Description - SVZD1V156M

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
SV SHARMA-SV Datasheet
353Kb / 2P
   SV Series
logo
NEC
FSVP20E107M NEC-FSVP20E107M Datasheet
147Kb / 4P
   F/SV Series
ESVD0G687M NEC-ESVD0G687M Datasheet
161Kb / 8P
   E/SV Series
logo
Seoul Semiconductor
X92050C SEOUL-X92050C Datasheet
603Kb / 15P
   Z-Power series
logo
Keysight Technologies
DSOZ594A KEYSIGHT-DSOZ594A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
DSAZ254A KEYSIGHT-DSAZ254A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
DSAZ632A KEYSIGHT-DSAZ632A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
DSAZ504A KEYSIGHT-DSAZ504A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
DSAZ592A KEYSIGHT-DSAZ592A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
DSOZ592A KEYSIGHT-DSOZ592A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com