Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC712ULG4 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # DAC712ULG4
Description  16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC712ULG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button DAC712ULG4 Datasheet HTML 5Page - Texas Instruments DAC712ULG4 Datasheet HTML 6Page - Texas Instruments DAC712ULG4 Datasheet HTML 7Page - Texas Instruments DAC712ULG4 Datasheet HTML 8Page - Texas Instruments DAC712ULG4 Datasheet HTML 9Page - Texas Instruments DAC712ULG4 Datasheet HTML 10Page - Texas Instruments DAC712ULG4 Datasheet HTML 11Page - Texas Instruments DAC712ULG4 Datasheet HTML 12Page - Texas Instruments DAC712ULG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
TIMING CHARACTERISTICS
WR
A ,A
0
1
D0-D15
t
DH
t
AW
t
WP
t
DW
t
AH
TIMING REQUIREMENTS
A
0
, A1 Valid to End of WR
A
0
, A1 Hold after End of WR
DAC712
www.ti.com ................................................................................................................................................. SBAS023A – SEPTEMBER 2000 – REVISED JULY 2009
Figure 1. Timing Diagram
At TA = –40°C to +85°C, +VCC = +12V or +15V, and –VCC = –12V or –15V, unless otherwise noted.
DAC712
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tDW
Data Valid to End of WR
50
ns
tAW
50
ns
tAH
10
ns
tDH
Data Hold after End of WR
10
ns
tWP
(1)
Write Pulse Width
50
ns
tCP
CLEAR Pulse Width
200
ns
(1)
For single-buffered operation, tWP is 80ns minimum; see the Single-Buffered Operation section.
Copyright © 2000–2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): DAC712


Similar Part No. - DAC712ULG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC712U BURR-BROWN-DAC712U Datasheet
302Kb / 12P
   16-BIT DIGITAL-TO-ANALOG CONVERTER With 16-Bit Bus Interface
DAC712UB BURR-BROWN-DAC712UB Datasheet
302Kb / 12P
   16-BIT DIGITAL-TO-ANALOG CONVERTER With 16-Bit Bus Interface
More results

Similar Description - DAC712ULG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC715 TI1-DAC715 Datasheet
230Kb / 14P
[Old version datasheet]   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
logo
Burr-Brown (TI)
DAC715 BURR-BROWN-DAC715 Datasheet
288Kb / 11P
   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
DAC712 BURR-BROWN-DAC712 Datasheet
302Kb / 12P
   16-BIT DIGITAL-TO-ANALOG CONVERTER With 16-Bit Bus Interface
PCM2702 BURR-BROWN-PCM2702 Datasheet
117Kb / 11P
   16-Bit Stereo DIGITAL-TO-ANALOG CONVERTER with Interface
logo
Texas Instruments
DAC716 TI1-DAC716 Datasheet
176Kb / 16P
[Old version datasheet]   16-Bit DIGITAL-TO-ANALOG CONVERTER with Serial Data Interface
logo
Burr-Brown (TI)
DAC716 BURR-BROWN-DAC716 Datasheet
201Kb / 13P
   16-Bit DIGITAL-TO-ANALOG CONVERTER with Serial Data Interface
logo
Texas Instruments
DAC714 TI1-DAC714 Datasheet
779Kb / 22P
[Old version datasheet]   16-Bit DIGITAL-TO-ANALOG CONVERTER With Serial Data Interface
logo
Burr-Brown (TI)
DAC714 BURR-BROWN-DAC714 Datasheet
127Kb / 14P
   16-Bit DIGITAL-TO-ANALOG CONVERTER With Serial Data Interface
logo
Micro Analog systems
MAS6501 MAS-MAS6501 Datasheet
205Kb / 16P
   16-Bit Analog-to-Digital Converter
logo
DATEL, Inc.
5962-8953101HXA DATEL-5962-8953101HXA Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com