Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC900E Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # DAC900E
Description  10-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC900E Datasheet(HTML) 10 Page - Texas Instruments

Back Button DAC900E Datasheet HTML 6Page - Texas Instruments DAC900E Datasheet HTML 7Page - Texas Instruments DAC900E Datasheet HTML 8Page - Texas Instruments DAC900E Datasheet HTML 9Page - Texas Instruments DAC900E Datasheet HTML 10Page - Texas Instruments DAC900E Datasheet HTML 11Page - Texas Instruments DAC900E Datasheet HTML 12Page - Texas Instruments DAC900E Datasheet HTML 13Page - Texas Instruments DAC900E Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
DAC900
10
SBAS093B
TYPICAL CHARACTERISTICS: VD = VA = +3V (Cont.)
At TA = +25°C, Differential IOUT = 20mA, 50Ω double-terminated load, SFDR up to Nyquist, unless otherwise specified.
I
OUTFS (mA)
80
75
70
65
60
55
50
45
40
510
20
2
X
X
*
*
*
*
X
X
SFDR vs I
OUTFS and fOUT AT 100MSPS
2.1MHz
5.04MHz
10.1MHz
40.4MHz
THD vs f
CLOCK AT fOUT = 2.1MHz
f
CLOCK (MSPS)
–70
–75
–80
–85
–90
–95
–100
25
50
100
125
150
0
2HD
3HD
SFDR vs TEMPERATURE AT 100MSPS, 0dBFS
Temperature (
°C)
80
75
70
65
60
55
50
45
40
–20
0
25
70
50
85
–40
2.1MHz
10.1MHz
40.4MHz
X
X
X
X
X
X
X
DUAL-TONE OUTPUT SPECTRUM
Frequency (MHz)
0
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
5
1015
20
25
3035
40
45
50
f
CLOCK = 100MSPS
f
OUT1 = 13.5MHz
f
OUT2 = 14.5MHz
SFDR = 61.5dBc
Amplitude = 0dBFS
FOUR-TONE OUTPUT SPECTRUM
Frequency (MHz)
0
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
510
15
20
25
f
CLOCK = 50MSPS
f
OUT1 = 6.25MHz
f
OUT2 = 6.75MHz
f
OUT3 = 7.25MHz
f
OUT4 = 7.75MHz
SFDR = 62.5dBc
Amplitude = 0dBFS


Similar Part No. - DAC900E

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC900E BURR-BROWN-DAC900E Datasheet
192Kb / 16P
   10-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC900E

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC900 BURR-BROWN-DAC900 Datasheet
192Kb / 16P
   10-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
DAC902 BURR-BROWN-DAC902 Datasheet
216Kb / 16P
   12-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
DAC904 BURR-BROWN-DAC904 Datasheet
192Kb / 16P
   14-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC904 TI1-DAC904 Datasheet
789Kb / 23P
[Old version datasheet]   14-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
DAC908 TI1-DAC908 Datasheet
789Kb / 23P
[Old version datasheet]   8-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC908 BURR-BROWN-DAC908 Datasheet
180Kb / 15P
   8-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC902 TI1-DAC902 Datasheet
802Kb / 24P
[Old version datasheet]   12-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
ADC101C021 TI1-ADC101C021_15 Datasheet
1Mb / 44P
[Old version datasheet]   10-Bit Analog-to-Digital Converter
logo
List of Unclassifed Man...
KAD2710C ETC2-KAD2710C Datasheet
414Kb / 17P
   10-Bit, 275MSPS Analog-to-Digital Converter
KAD2710L ETC2-KAD2710L Datasheet
417Kb / 17P
   10-Bit, 275MSPS Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com