Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC811JP Datasheet(PDF) 10 Page - Texas Instruments

Part # DAC811JP
Description  Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC811JP Datasheet(HTML) 10 Page - Texas Instruments

Back Button DAC811JP Datasheet HTML 6Page - Texas Instruments DAC811JP Datasheet HTML 7Page - Texas Instruments DAC811JP Datasheet HTML 8Page - Texas Instruments DAC811JP Datasheet HTML 9Page - Texas Instruments DAC811JP Datasheet HTML 10Page - Texas Instruments DAC811JP Datasheet HTML 11Page - Texas Instruments DAC811JP Datasheet HTML 12Page - Texas Instruments DAC811JP Datasheet HTML 13Page - Texas Instruments DAC811JP Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
DAC811AH
NRND
CDIP SB
JD
28
1
Green (RoHS &
no Sb/Br)
AU
N / A for Pkg Type
DAC811BH
NRND
CDIP SB
JD
28
1
Green (RoHS &
no Sb/Br)
AU
N / A for Pkg Type
DAC811JP
NRND
PDIP
NTD
28
13
Green (RoHS &
no Sb/Br)
CU NIPDAU
N / A for Pkg Type
DAC811JPG4
NRND
PDIP
NTD
28
13
Green (RoHS &
no Sb/Br)
CU NIPDAU
N / A for Pkg Type
DAC811JU
ACTIVE
SOIC
DW
28
20
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-3-260C-168 HR
DAC811JU/1K
ACTIVE
SOIC
DW
28
1000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-3-260C-168 HR
DAC811JU/1KE4
ACTIVE
SOIC
DW
28
1000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-3-260C-168 HR
DAC811JUG4
ACTIVE
SOIC
DW
28
20
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-3-260C-168 HR
DAC811KP
NRND
PDIP
NTD
28
13
Green (RoHS &
no Sb/Br)
CU NIPDAU
N / A for Pkg Type
DAC811KPG4
NRND
PDIP
NTD
28
13
Green (RoHS &
no Sb/Br)
CU NIPDAU
N / A for Pkg Type
DAC811KU
ACTIVE
SOIC
DW
28
20
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-3-260C-168 HR
DAC811KUG4
ACTIVE
SOIC
DW
28
20
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-3-260C-168 HR
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
PACKAGE OPTION ADDENDUM
www.ti.com
3-Jul-2009
Addendum-Page 1


Similar Part No. - DAC811JP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC811JP BURR-BROWN-DAC811JP Datasheet
96Kb / 9P
   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC811JP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC811 BURR-BROWN-DAC811 Datasheet
96Kb / 9P
   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC813 TI1-DAC813 Datasheet
548Kb / 16P
[Old version datasheet]   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC813 BURR-BROWN-DAC813 Datasheet
298Kb / 11P
   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
DAC667 BURR-BROWN-DAC667 Datasheet
159Kb / 9P
   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
DAC7545 BURR-BROWN-DAC7545 Datasheet
383Kb / 12P
   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
logo
Texas Instruments
DAC7545JP TI1-DAC7545JP Datasheet
383Kb / 12P
[Old version datasheet]   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
DAC7545 TI1-DAC7545_16 Datasheet
612Kb / 13P
[Old version datasheet]   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
DAC1201 TI1-DAC1201 Datasheet
322Kb / 6P
[Old version datasheet]   Monolithic Microprocessor-Compatible 12-Bit Resolution DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7545 BURR-BROWN-DAC7545 Datasheet
203Kb / 7P
   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
logo
Texas Instruments
DAC1201KP-V TI-DAC1201KP-V Datasheet
314Kb / 7P
[Old version datasheet]   MONOLITHIC MICROPROCESSOR-COMPATIBLE 12 BIT RESOLUTIION DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com