Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LF-250P Datasheet(PDF) 11 Page - NEC

Part # LF-250P
Description  Noise Filters
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

LF-250P Datasheet(HTML) 11 Page - NEC

Back Button LF-250P Datasheet HTML 7Page - NEC LF-250P Datasheet HTML 8Page - NEC LF-250P Datasheet HTML 9Page - NEC LF-250P Datasheet HTML 10Page - NEC LF-250P Datasheet HTML 11Page - NEC LF-250P Datasheet HTML 12Page - NEC LF-250P Datasheet HTML 13Page - NEC LF-250P Datasheet HTML 14Page - NEC LF-250P Datasheet HTML 15Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 51 page
background image
Noise Filters VOL.11
11
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9615NFSVOL11E1106E1
LF Series
Small Current Type with
Screw Terminal
[RoHS Compliant]
LF Series
Small Current Type with
Screw Terminal
[RoHS Compliant]
bLF-205A, LF-205P
bLF-215U
bLF-210, 210N, 210P, LF-215, 215N, 215P
IN
E
95
105
115
16
16
8-4.5ø
5-M4
25
50
Label
63
72
81
13.5
13.5
IN
6-3.5ø
4-M3
15
33
IN
95
107
115
16
16
50
25
2-4.5ø
4-M4
Label
Label
*Recommended torque (N・m) max. ◆Line terminal (M3: 0.49)
*Recommended torque (N・m) max. ◆Line terminal (M4: 0.78)
*Recommended torque (N・m) max. ◆Line terminal (M4: 0.78)
◆Earth terminal (M4: 1.18)
Shape and Dimensions
bLF-205A, 205P, 215U
bLF-210, 215, 210P, 215P
bLF-210N, 215N
IN
E
IN
E
IN
Circuit Diagram
LF-205A
250
5
1500
300
1
1.5
30
–20 to +55
170
LF-205P
250
5
2000
300
1
1.5
30
–20 to +55
170
LF-210
250
10
1500
300
1
1.5
30
–20 to +55
UL
590
LF-215
250
15
1500
300
1
1.5
30
–20 to +55
620
LF-215U
250
15
1500
300
1
1.5
30
–20 to +55
UL
620
LF-210N
250
10
1500
300
1
1.5
30
–20 to +55
650
LF-210P
250
10
2000
300
1
1.5
30
–20 to +55
590
LF-215N
250
15
1500
300
1
1.5
30
–20 to +55
650
LF-215P
250
15
2000
300
1
1.5
30
–20 to +55
620
Rated
Rated
WithstandingInsulation resistance
Leakage
Voltage
Self-
Operating
Model
voltage
current
voltage 1 min.,
500VDC 1 min.,
currentdrop
temperature temperatureCertified Weight
AC/DC (V)
AC/DC (A)
line to groundline to ground
250V/60Hz,
50Hz,
rise
range
standard
(g)
AC (V)
(M ) min.
(mA) max.
(V) max.
(K) max.
(˚C)
[mm]
Casing Type
Metal box


Similar Part No. - LF-250P

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
LF-250P KEMET-LF-250P Datasheet
82Kb / 1P
   KEMET, LF, EMI/RFI Filters, Noise Suppression, 250 VAC, 250 V, 50 A
More results

Similar Description - LF-250P

ManufacturerPart #DatasheetDescription
logo
Okaya Electric America,...
RZR-6815N OKAYA-RZR-6815N Datasheet
80Kb / 1P
   NOISE FILTERS
logo
KOA Speer Electronics, ...
KC1JLTD KOA-KC1JLTD Datasheet
116Kb / 8P
   Noise Filters
logo
TDK Electronics
MDF2016BSS270CTD25 TDK-MDF2016BSS270CTD25 Datasheet
171Kb / 3P
   Noise Suppression Filters
MAF0603FAL470BT000 TDK-MAF0603FAL470BT000 Datasheet
146Kb / 3P
   Noise Suppression Filters
MDF2016BSS420CTD25 TDK-MDF2016BSS420CTD25 Datasheet
172Kb / 3P
   Noise Suppression Filters
MAF0603FAL330BT000 TDK-MAF0603FAL330BT000 Datasheet
147Kb / 3P
   Noise Suppression Filters
MDF1005GAD102ATD25 TDK-MDF1005GAD102ATD25 Datasheet
160Kb / 3P
   Noise Suppression Filters
MDF2016BSS120CTD25 TDK-MDF2016BSS120CTD25 Datasheet
170Kb / 3P
   Noise Suppression Filters
MDF2016BSS600CTD25 TDK-MDF2016BSS600CTD25 Datasheet
173Kb / 3P
   Noise Suppression Filters
MDF2016BSS180CTD25 TDK-MDF2016BSS180CTD25 Datasheet
171Kb / 3P
   Noise Suppression Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com