Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP1 Datasheet(PDF) 6 Page - NEC

Part # EP1
Description  Miniature Relays
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

EP1 Datasheet(HTML) 6 Page - NEC

  EP1 Datasheet HTML 1Page - NEC EP1 Datasheet HTML 2Page - NEC EP1 Datasheet HTML 3Page - NEC EP1 Datasheet HTML 4Page - NEC EP1 Datasheet HTML 5Page - NEC EP1 Datasheet HTML 6Page - NEC EP1 Datasheet HTML 7Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Allspecificationsinthiscatalogandproductionstatusofproductsaresubjecttochangewithoutnotice.Priortothepurchase,pleasecontactNECTOKINforupdatedproductdata.
Pleaserequestforaspecificationsheetfordetailedproductdatapriortothepurchase.
Beforeusingtheproductinthiscatalog,pleaseread"Precautions"andothersafetyprecautionslistedintheprintedversioncatalog.
9600RELVOL08E1003N1
The production bases responsible for the
superb quality of NEC TOKIN’s Miniature Relays.
This is a R&D and production site
responsible for developing and
designing new products. There is
abundant expertise and experience in
manufacturing technology.
The production line employs
state-of-the-art robots and image
processing technology to ensure that
NEC TOKIN miniature relays achieve
maximum efficiency and quality.
Established in 1997, this mass
production factory boasts the most
advanced equipment. The intricate
construction of miniature relays requires
the highest level of precision for
processing and assembly. In order to
ensure high quality, the production line
is fully automated. The miniature relays
produced here are shipped to
customers all over the world.
NEC TOKIN has two production bases — NEC TOKIN Shiroishi Operations and NEC
TOKIN Electronics (Philippines) Inc. — that ensure a constant and stable supply of high-
quality and highly reliable miniature relays using the most advanced equipment available.
Both plants have received ISO9001, ISO/TS16949 and ISO14001 certification.
NEC TOKIN Shiroishi Operations
NEC TOKIN Electronics (Philippines) Inc.


Similar Part No. - EP1

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
EP1 TEC-EP1 Datasheet
214Kb / 3P
   Dual stage filter offers high insertion loss
logo
Vishay Siliconix
EP1 VISHAY-EP1 Datasheet
280Kb / 8P
   Wet Tantalum Capacitors, High Energy, Ultra High Capacitance
EP1 VISHAY-EP1 Datasheet
467Kb / 10P
   Wet Tantalum Capacitors, High Energy, Ultra High Capacitance, -55 °C to 125 °C Operation
01-Jan-2023
logo
NEC
EP1-3L1 NEC-EP1-3L1 Datasheet
193Kb / 12P
   AUTOMOTIVE RELAYS (Twin, Single) Relays
EP1-3L2 NEC-EP1-3L2 Datasheet
193Kb / 12P
   AUTOMOTIVE RELAYS (Twin, Single) Relays
More results

Similar Description - EP1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RMB962 ETC2-RMB962 Datasheet
302Kb / 3P
   miniature relays
logo
Willow Technologies Ltd
SERIESE WILLOW-SERIESE Datasheet
1Mb / 2P
   Miniature Relays
logo
Altech corporation
RM84-2012 ALTECH-RM84-2012 Datasheet
1Mb / 8P
   Miniature Electromagnetic Relays
logo
DB Lectro Inc
20D-1A12E1 DBLECTRO-20D-1A12E1 Datasheet
986Kb / 2P
   MINIATURE REED RELAYS
20D-1A12N1 DBLECTRO-20D-1A12N1 Datasheet
1Mb / 2P
   MINIATURE REED RELAYS
21D-1E12N0 DBLECTRO-21D-1E12N0 Datasheet
873Kb / 2P
   MINIATURE REED RELAYS
logo
RHOPOINT COMPONENTS
9011 RHOPOINT-9011 Datasheet
90Kb / 2P
   Miniature SIP Relays
logo
OEN India Limited
57DP-6-1A6 OENINDIA-57DP-6-1A6 Datasheet
79Kb / 1P
   MINIATURE POWER RELAYS
logo
Coto Technology
9011 COTO-9011 Datasheet
94Kb / 2P
   Miniature SIP Relays
logo
Kemet Corporation
UC2 KEMET-UC2 Datasheet
1Mb / 16P
   Miniature Signal Relays
2/2/2023
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com