Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AE1414D16F Datasheet(PDF) 7 Page - NEC

Part # AE1414D16F
Description  Multilayer Piezoelectric Actuators
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

AE1414D16F Datasheet(HTML) 7 Page - NEC

Back Button AE1414D16F Datasheet HTML 3Page - NEC AE1414D16F Datasheet HTML 4Page - NEC AE1414D16F Datasheet HTML 5Page - NEC AE1414D16F Datasheet HTML 6Page - NEC AE1414D16F Datasheet HTML 7Page - NEC AE1414D16F Datasheet HTML 8Page - NEC AE1414D16F Datasheet HTML 9Page - NEC AE1414D16F Datasheet HTML 10Page - NEC AE1414D16F Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
2011.06.22 9307MPAVOL06E1106H2
Outer Dimensions
Note:
Factory-shipped polarization : Red lead wire
=(+),
White lead wire
=(-)
Above drawings do not include dimension of wire
connection area and diameter of the wire. Please contact
us for details.
T1
T2
W1
(+)
(−)
W2
W1
W2
T1
T2
(+)
(−)
Unit
:mm
Model
T1
W1
H
T2
W2
L
AE0203D04F
2
±0.1
3
±0.1
5
±0.1
3.5Max.
4.5Max.
100
AE0203D04DF
2.4Max.
3.4Max.
AE0203D08F
2
±0.1
3
±0.1
10
±0.1
3.5Max.
4.5Max.
100
AE0203D08DF
2.4Max.
3.4Max.
AE0203D16F
2
±0.1
3
±0.1
20
±0.1
3.5Max.
4.5Max.
100
AE0203D16DF
2.4Max.
3.4Max.
AE0203D44H40F
2
±0.1
3
±0.1
40
±0.1
3.5Max.
4.5Max.
100
AE0203D44H40DF
2.4Max.
3.4Max.
AE0505D08F
5
±0.1
5
±0.1
10
±0.1
6.5Max.
6.5Max.
100
AE0505D08DF
5.4Max.
5.4Max.
AE0505D16F
5
±0.1
5
±0.1
20
±0.1
6.5Max.
6.5Max.
100
AE0505D16DF
5.4Max.
5.4Max.
AE0505D44H40F
5
±0.1
5
±0.1
40
±0.1
6.5Max.
6.5Max.
100
AE0505D44H40DF
5.4Max.
5.4Max.
AE1010D16F
10
±0.1
10
±0.1
20
±0.1
11.5Max.
11.5Max.
100
AE1010D16DF
10.4Max.
10.4Max.
AE1010D44H40F
10
±0.1
10
±0.1
40
±0.1
11.5Max.
11.5Max.
100
AE1010D44H40DF
10.4Max.
10.4Max.
AE1414D16F
14.2
±0.1
14.2
±0.1
20
±0.1
15.7Max.
15.7Max.
100
AE2525D15F
25.1
±0.1
25.1
±0.1
20
±0.1
26.6Max.
26.6Max.
100
*L
=Length of lead wire
Overall length 5,10 and 20mm Products
Overall length 40mm Product
Multilayer Piezoelectric Actuators Vol.06 7


Similar Part No. - AE1414D16F

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
AE1414D16DF KEMET-AE1414D16DF Datasheet
70Kb / 1P
   KEMET, AE, Piezo Actuators, Multilayer
AE1414D16DF KEMET-AE1414D16DF Datasheet
5Mb / 30P
   Multilayer Piezoelectric Actuators AE Series Resin Coated
More results

Similar Description - AE1414D16F

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
AE0505D44H40DF KEMET-AE0505D44H40DF Datasheet
476Kb / 13P
   Multilayer Piezoelectric Actuators
ASB170C801ND0LF KEMET-ASB170C801ND0LF Datasheet
460Kb / 12P
   Multilayer Piezoelectric Actuators
logo
HOKURIKU ELECTRIC INDUS...
E3462AA HOKURIKU-E3462AA Datasheet
118Kb / 1P
   Piezoelectric Actuators
logo
Kemet Corporation
AE0505D44H40D-H0F KEMET-AE0505D44H40D-H0F Datasheet
5Mb / 30P
   Multilayer Piezoelectric Actuators AE Series Resin Coated
AER13.6X10X10DF KEMET-AER13.6X10X10DF Datasheet
1Mb / 17P
   Multilayer Piezoelectric Actuators AER Series Resin Coated, Ring Shape
AE1010D44H40DF KEMET-AE1010D44H40DF Datasheet
70Kb / 1P
   KEMET, AE, Piezo Actuators, Multilayer
AE035035D18H18DF KEMET-AE035035D18H18DF Datasheet
65Kb / 1P
   KEMET, AE, Piezo Actuators, Multilayer
AE0707D16DF KEMET-AE0707D16DF Datasheet
70Kb / 1P
   KEMET, AE, Piezo Actuators, Multilayer
AER20X15.4X10DF KEMET-AER20X15.4X10DF Datasheet
63Kb / 1P
   KEMET, AER, Piezo Actuators, Multilayer
AE0505D08D-H0F KEMET-AE0505D08D-H0F Datasheet
64Kb / 1P
   KEMET, AE, Piezo Actuators, Multilayer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com