Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EB2 Datasheet(PDF) 7 Page - NEC

Part # EB2
Description  Miniature Relays
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

EB2 Datasheet(HTML) 7 Page - NEC

  EB2 Datasheet HTML 1Page - NEC EB2 Datasheet HTML 2Page - NEC EB2 Datasheet HTML 3Page - NEC EB2 Datasheet HTML 4Page - NEC EB2 Datasheet HTML 5Page - NEC EB2 Datasheet HTML 6Page - NEC EB2 Datasheet HTML 7Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Allspecificationsinthiscatalogandproductionstatusofproductsaresubjecttochangewithoutnotice.Priortothepurchase,pleasecontactNECTOKINforupdatedproductdata.
Pleaserequestforaspecificationsheetfordetailedproductdatapriortothepurchase.
Beforeusingtheproductinthiscatalog,pleaseread"Precautions"andothersafetyprecautionslistedintheprintedversioncatalog.
9600RELVOL08E1003N1
NEC TOKIN Miniature Relays keep on evolving.
In order to respond to various needs from customers, NEC TOKIN is creating new products
through continuous efforts for downsizing, weight saving, high performance, change of
mounting method, and so forth
The world’s smallest class signal
relay for use in telecommunications,
FA control, and measuring
equipment. UA&UB relays are the
ultra-compact type with a
mounting area of 60mm
2. UC&UD
relays are the ultra-compact type
with low profile of 5.45mm.
U Series
EX1, EX2&EU2 relay
U Series
EX1, EX2&EU2 relay
Ultra small signal relays
Miniature power relays for
Automotive electronic systems
These relays are suitable for motor
reversible control such as power
window and door lock, etc.
EX1&EX2 relays are the world’s
smallest class of mounting area.
EU2 relay is the surface mount
twin relay with the world’s lowest
profile (7.8mm).
EP1K relay is a high heat
resistance relay for junction boxes.
It is suitable for control of heaters
and fans, etc. It was developed
based on the EP1 relay, and the
performance of carrying current is
about 10A larger than the EP1
relay.
EP1K relay
EM1 relay
EP1K relay
EM1 relay
Miniature power relays for
Automotive electronic systems
Miniature power relays for
Automotive electronic systems
EM1 relay is a high heat resistance
relay for junction boxes. It is
suitable for large inrush current
loads such as lamps and
condensers, or heaters and fans.
Inrush current of 100A and
carrying current of 50A are
achieved.


Similar Part No. - EB2

ManufacturerPart #DatasheetDescription
logo
NEC
EB2 NEC-EB2 Datasheet
114Kb / 8P
   COMPACT AND LIGHT WEIGHT SURFACE MOUNTING TYPE
logo
Kemet Corporation
EB2-12NU KEMET-EB2-12NU Datasheet
1Mb / 17P
   Electronic switching systems
EB2-12NU-L KEMET-EB2-12NU-L Datasheet
1Mb / 17P
   Electronic switching systems
EB2-12SNU KEMET-EB2-12SNU Datasheet
1Mb / 17P
   Electronic switching systems
EB2-12SNU-L KEMET-EB2-12SNU-L Datasheet
1Mb / 17P
   Electronic switching systems
More results

Similar Description - EB2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RMB962 ETC2-RMB962 Datasheet
302Kb / 3P
   miniature relays
logo
Willow Technologies Ltd
SERIESE WILLOW-SERIESE Datasheet
1Mb / 2P
   Miniature Relays
logo
Altech corporation
RM84-2012 ALTECH-RM84-2012 Datasheet
1Mb / 8P
   Miniature Electromagnetic Relays
logo
DB Lectro Inc
20D-1A12E1 DBLECTRO-20D-1A12E1 Datasheet
986Kb / 2P
   MINIATURE REED RELAYS
20D-1A12N1 DBLECTRO-20D-1A12N1 Datasheet
1Mb / 2P
   MINIATURE REED RELAYS
21D-1E12N0 DBLECTRO-21D-1E12N0 Datasheet
873Kb / 2P
   MINIATURE REED RELAYS
logo
RHOPOINT COMPONENTS
9011 RHOPOINT-9011 Datasheet
90Kb / 2P
   Miniature SIP Relays
logo
OEN India Limited
57DP-6-1A6 OENINDIA-57DP-6-1A6 Datasheet
79Kb / 1P
   MINIATURE POWER RELAYS
logo
Coto Technology
9011 COTO-9011 Datasheet
94Kb / 2P
   Miniature SIP Relays
logo
Kemet Corporation
UC2 KEMET-UC2 Datasheet
1Mb / 16P
   Miniature Signal Relays
2/2/2023
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com