Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS1205IRGER Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1205IRGER
Description  Two 1-bit, 10Mhz, 2nd Order Delta-sigma Modulators
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1205IRGER Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS1205IRGER Datasheet HTML 3Page - Texas Instruments ADS1205IRGER Datasheet HTML 4Page - Texas Instruments ADS1205IRGER Datasheet HTML 5Page - Texas Instruments ADS1205IRGER Datasheet HTML 6Page - Texas Instruments ADS1205IRGER Datasheet HTML 7Page - Texas Instruments ADS1205IRGER Datasheet HTML 8Page - Texas Instruments ADS1205IRGER Datasheet HTML 9Page - Texas Instruments ADS1205IRGER Datasheet HTML 10Page - Texas Instruments ADS1205IRGER Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
ADS1205
SBAS312B − JANUARY 2005 − REVISED AUGUST 2007
www.ti.com
7
PARAMETER MEASUREMENT INFORMATION
CLKOUT
OUT x
t
C1
t
W2
t
D4
t
D3
t
C2
t
W1
t
D1
t
D2
CLKIN
Figure 1. ADS1205 Timing Diagram
TIMING REQUIREMENTS(1)
over recommended operating free-air temperature range at −40
°C to +85°C, AVDD = 5V, and BVDD = 2.7 to 5V, unless otherwise noted.
PARAMETER
MIN
MAX
UNIT
tC1
CLKIN period: (CLKSEL = 0)
41.6(2)
1000
ns
tW1
CLKIN high time: (CLKSEL = 0)
10
tC1 − 10
ns
tC2
CLKOUT period using internal oscillator (CLKSEL = 1)
83
125
ns
CLKOUT period using external clock (CLKSEL = 0)
2
× tC1
ns
tW2
CLKOUT high time
(tC2/2) − 5
(tC2/2) + 5
ns
tD1
CLKOUT rising edge delay after CLKIN rising edge: (CLKOUT = 0)
0
10
ns
tD2
CLKOUT falling edge delay after CLKIN rising edge: (CLKOUT = 0)
0
10
ns
tD3
Data valid delay after rising edge of CLKOUT (CLKSEL = 1)
(tC2/4) − 8
(tC2/4) + 8
ns
tD4
Data valid delay after rising edge of CLKOUT (CLKSEL = 0)
tW1 − 3
tW1 + 7
ns
(1) All input signals are specified with tR = tF = 5ns (10% to 90% of BVDD) and timed from a voltage level of (VIL + VIH)/2. See Figure 1.
(2) With reduced accuracy, the minimum clock period can go down to 30ns.


Similar Part No. - ADS1205IRGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1205IRGER TI-ADS1205IRGER Datasheet
300Kb / 22P
[Old version datasheet]   TWO 1-BIT, 10MHz, 2nd-ORDER DELTA-SIGMA MODULATORS
ADS1205IRGER TI1-ADS1205IRGER Datasheet
1Mb / 30P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1205IRGERG4 TI-ADS1205IRGERG4 Datasheet
300Kb / 22P
[Old version datasheet]   TWO 1-BIT, 10MHz, 2nd-ORDER DELTA-SIGMA MODULATORS
More results

Similar Description - ADS1205IRGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1209 TI-ADS1209_15 Datasheet
966Kb / 23P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1205 TI-ADS1205 Datasheet
300Kb / 22P
[Old version datasheet]   TWO 1-BIT, 10MHz, 2nd-ORDER DELTA-SIGMA MODULATORS
ADS1209 TI-ADS1209 Datasheet
432Kb / 20P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1205 TI-ADS1205_15 Datasheet
850Kb / 29P
[Old version datasheet]   Two 1-Bit, 10MHz,2nd-Order Delta-sigma Modulators
ADS1209 TI-ADS1209_1 Datasheet
415Kb / 20P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1209 TI1-ADS1209_14 Datasheet
1,020Kb / 24P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1205 TI1-ADS1205_14 Datasheet
1Mb / 30P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1204 TI-ADS1204_15 Datasheet
968Kb / 28P
[Old version datasheet]   Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1204 TI1-ADS1204 Datasheet
812Kb / 27P
[Old version datasheet]   Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1204 TI1-ADS1204_14 Datasheet
1Mb / 29P
[Old version datasheet]   Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com