Electronic Components Datasheet Search |
|
MCM69Q536TQ8 Datasheet(PDF) 4 Page - Motorola, Inc |
|
MCM69Q536TQ8 Datasheet(HTML) 4 Page - Motorola, Inc |
4 / 12 page MCM69Q536 4 MOTOROLA FAST SRAM PIN DESCRIPTIONS Pin Locations Symbol Type Description 55, 57, 59, 61, 63, 65, 68, 70, 72, 74, 76, 143, 145, 167, 169 A0 – A14 Input Synchronous Address Inputs: These inputs are registered and must meet setup and hold times. 2, 6, 8, 12, 14, 18, 20, 25, 27, 31, 33, 37, 39, 43, 47, 51, 82, 86, 90, 94, 96, 100, 102, 106, 108, 113. 115, 119, 121, 125, 127, 131, 135, 139, 170, 174 D0 – D35 Input Synchronous Data Input. 150 E1 Input Synchronous Chip Enable: Active low for depth expansion. 151 E2 Input Synchronous Chip Enable: Active high for depth expansion. 152 G Input Asynchronous Output Enable Input: Low — enables output buffers (Qx pins). High — Qx pins are high impedance. 156 K Input Clock: This signal registers the address, data in, and all control signals except G. 146 PT Input Pass–through enable: Synchronous. 3, 7, 9, 13, 15, 19, 21, 24, 26, 30, 32, 36, 38, 42, 46, 50, 83, 87, 91, 95, 97, 101, 103, 107, 109, 112, 114, 118, 120, 124, 126, 130, 143, 138, 171, 175 Q0 – Q35 Output Synchronous Data Output. 148 W Input Synchronous Write. 4, 10, 16, 22, 28, 34, 40, 49, 67, 84, 98, 104, 110, 116, 122, 128, 137, 155, 172 VDD Supply + 3.3 V Power Supply. 1, 5, 11, 17, 23, 29, 35, 41, 44, 45, 48, 52, 53, 66, 85, 88, 89, 93, 99, 105, 111, 117, 123. 129, 132, 133, 136, 154, 165, 173, 176 VSS Supply Ground. 54, 56, 58, 60, 62, 64, 69, 71, 73, 75, 77 – 81, 140, 141, 142, 144, 147, 149, 153, 157 – 164, 166, 168 NC — No Connection: There is no connection to the chip. TRUTH TABLE Oi Input at tn Clock Result from tn + 1 Clock Notes Operation E1 E2 W PT Data Input D Data Output Q Write and Pass–Through L H L L D written to A D data appears 1 Write/Read L H L H D written to A Q out from A 2 Pass–Through L H H L D data D data appears 3 Read L H H H Don’t Care Q out from A 4 Deselected X L X X Don’t Care Q is high–Z 5 Deselected H X X X Don’t Care Q is high–Z 6 NOTES: 1. Write D to array and output D at Q. 2. Output contents of array to Q then write D to array. 3. Output D at Q. Do not write. 4. Output contents of array to Q. Do not write. 5. No operation. 6. No operation. |
Similar Part No. - MCM69Q536TQ8 |
|
Similar Description - MCM69Q536TQ8 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |