Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCM69P819ZP3.8R Datasheet(PDF) 6 Page - Motorola, Inc

Part # MCM69P819ZP3.8R
Description  256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM69P819ZP3.8R Datasheet(HTML) 6 Page - Motorola, Inc

Back Button MCM69P819ZP3.8R Datasheet HTML 2Page - Motorola, Inc MCM69P819ZP3.8R Datasheet HTML 3Page - Motorola, Inc MCM69P819ZP3.8R Datasheet HTML 4Page - Motorola, Inc MCM69P819ZP3.8R Datasheet HTML 5Page - Motorola, Inc MCM69P819ZP3.8R Datasheet HTML 6Page - Motorola, Inc MCM69P819ZP3.8R Datasheet HTML 7Page - Motorola, Inc MCM69P819ZP3.8R Datasheet HTML 8Page - Motorola, Inc MCM69P819ZP3.8R Datasheet HTML 9Page - Motorola, Inc MCM69P819ZP3.8R Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
MCM69P819
6
MOTOROLA FAST SRAM
TRUTH TABLE (See Notes 1 Through 5)
Next Cycle
Address
Used
SE1
SE2
SE3
ADSP
ADSC
ADV
G 3
DQx
Write 2, 4
Deselect
None
1
X
X
X
0
X
X
High–Z
X
Deselect
None
0
X
1
0
X
X
X
High–Z
X
Deselect
None
0
0
X
0
X
X
X
High–Z
X
Deselect
None
X
X
1
1
0
X
X
High–Z
X
Deselect
None
X
0
X
1
0
X
X
High–Z
X
Begin Read
External
0
1
0
0
X
X
X
High–Z
X5
Begin Read
External
0
1
0
1
0
X
X
High–Z
READ5
Continue Read
Next
X
X
X
1
1
0
1
High–Z
READ
Continue Read
Next
X
X
X
1
1
0
0
DQ
READ
Continue Read
Next
1
X
X
X
1
0
1
High–Z
READ
Continue Read
Next
1
X
X
X
1
0
0
DQ
READ
Suspend Read
Current
X
X
X
1
1
1
1
High–Z
READ
Suspend Read
Current
X
X
X
1
1
1
0
DQ
READ
Suspend Read
Current
1
X
X
X
1
1
1
High–Z
READ
Suspend Read
Current
1
X
X
X
1
1
0
DQ
READ
Begin Write
External
0
1
0
1
0
X
X
High–Z
WRITE
Continue Write
Next
X
X
X
1
1
0
X
High–Z
WRITE
Continue Write
Next
1
X
X
X
1
0
X
High–Z
WRITE
Suspend Write
Current
X
X
X
1
1
1
X
High–Z
WRITE
Suspend Write
Current
1
X
X
X
1
1
X
High–Z
WRITE
NOTES:
1. X = Don’t Care. 1 = logic high. 0 = logic low.
2. Write is defined as either 1) any SBx and SW low or 2) SGW is low.
3. G is an asynchronous signal and is not sampled by the clock K. G drives the bus immediately (tGLQX) following G going low.
4. On write cycles that follow read cycles, G must be negated prior to the start of the write cycle to ensure proper write data setup times. G must
also remain negated at the completion of the write cycle to ensure proper write data hold times.
5. This read assumes the RAM was previously deselected.
LINEAR BURST ADDRESS TABLE (LBO = VSS)
1st Address (External)
2nd Address (Internal)
3rd Address (Internal)
4th Address (Internal)
X . . . X00
X . . . X01
X . . . X10
X . . . X11
X . . . X01
X . . . X10
X . . . X11
X . . . X00
X . . . X10
X . . . X11
X . . . X00
X . . . X01
X . . . X11
X . . . X00
X . . . X01
X . . . X10
INTERLEAVED BURST ADDRESS TABLE (LBO = VDD)
1st Address (External)
2nd Address (Internal)
3rd Address (Internal)
4th Address (Internal)
X . . . X00
X . . . X01
X . . . X10
X . . . X11
X . . . X01
X . . . X00
X . . . X11
X . . . X10
X . . . X10
X . . . X11
X . . . X00
X . . . X01
X . . . X11
X . . . X10
X . . . X01
X . . . X00
WRITE TRUTH TABLE
Cycle Type
SGW
SW
SBa
SBb
Read
H
H
X
X
Read
H
L
H
H
Write Byte a
H
L
L
H
Write Byte b
H
L
H
L
Write All Bytes
H
L
L
L
Write All Bytes
L
X
X
X


Similar Part No. - MCM69P819ZP3.8R

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM69P817 MOTOROLA-MCM69P817 Datasheet
177Kb / 16P
   256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P817ZP2.5 MOTOROLA-MCM69P817ZP2.5 Datasheet
177Kb / 16P
   256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P817ZP2.5R MOTOROLA-MCM69P817ZP2.5R Datasheet
177Kb / 16P
   256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P817ZP3 MOTOROLA-MCM69P817ZP3 Datasheet
177Kb / 16P
   256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P817ZP3.5 MOTOROLA-MCM69P817ZP3.5 Datasheet
177Kb / 16P
   256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
More results

Similar Description - MCM69P819ZP3.8R

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM69P817 MOTOROLA-MCM69P817 Datasheet
177Kb / 16P
   256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P818 MOTOROLA-MCM69P818 Datasheet
179Kb / 16P
   256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P618C MOTOROLA-MCM69P618C Datasheet
205Kb / 12P
   64K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P736 MOTOROLA-MCM63P736 Datasheet
315Kb / 20P
   128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P737K MOTOROLA-MCM63P737K Datasheet
395Kb / 20P
   128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P837 MOTOROLA-MCM63P837 Datasheet
719Kb / 30P
   256K x 36 and 512K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69F817 MOTOROLA-MCM69F817 Datasheet
175Kb / 16P
   256K x 18 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM69F819 MOTOROLA-MCM69F819 Datasheet
274Kb / 20P
   256K x 18 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM63P733A MOTOROLA-MCM63P733A Datasheet
238Kb / 16P
   128K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P531 MOTOROLA-MCM63P531 Datasheet
334Kb / 16P
   32K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com