Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SOD-123FL Datasheet(PDF) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # SOD-123FL
Description  Surface Mount Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

SOD-123FL Datasheet(HTML) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  SOD-123FL Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd SOD-123FL Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd SOD-123FL Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
0.6
0.8
1.0
1.2
1.4
1.6
0.01
0.02
0.06
0.04
0.1
0.2
0.4
1.0
2
4
10
100
TJ=25
Pulse Width=300us
FIG.1 --TYPICAL FORWARD CHARACTERISTIC
FIG.2 -- TYPICAL JUNCTION CAPACITANCE
INSTANTANEOUS FORWARD VOLTAGE,V
REVERSE VOLTAGE,VOLTS
FIG.3 -- TYPICAL INSTANTANEOUS
FIG.4 -- FORWARD DERATING CURVE
AMBIENT TEMPERATURE,
INSTANTANEOUS REVERSE VOLTAGE,V
0
5
10
15
20
25
30
35
40
10
9
8
7
6
5
4
3
2
1
0
0
0.6
0.8
1.2
1.0
0
20
40
60
80
100
120
140
160
0.4
0.2
Resistive or Inductive Load
3.0 x 3.0mm
40
µm
Thick Copper Pad Areas
0
100 200 300 400 500 600 700 800
900
0.01
0.1
10
1
100
TJ = 150°C
TJ = 125°C
TJ = 100°C
TJ =75°C
TJ =50°C
TJ =25°C
REVERSE CHARACTERISTICS
RS07B-RS07M
Surface Mount Rectifiers
Ratings AND Charactieristic Curves
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - SOD-123FL

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SOD-123FL LUGUANG-SOD-123FL Datasheet
184Kb / 2P
   1.0A Surface Mount Fast Recovery Rectifiers
logo
Shenzhen Taychipst Elec...
SOD-123FL TAYCHIPST-SOD-123FL Datasheet
1Mb / 2P
   SURFACE MOUNT SCHOTTKY POWER RECTIFIER
logo
Shenzhen Luguang Electr...
SOD-123FL LUGUANG-SOD-123FL Datasheet
171Kb / 2P
   1.0A Surface Mount General Purpose Rectifiers
logo
Shenzhen Taychipst Elec...
SOD-123FL TAYCHIPST-SOD-123FL Datasheet
1Mb / 2P
   SURFACE MOUNT SCHOTTKY POWER RECTIFIER
logo
Shenzhen Luguang Electr...
SOD-123FL LUGUANG-SOD-123FL Datasheet
215Kb / 4P
   Voltage Regulator Diodes
More results

Similar Description - SOD-123FL

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SN2A EIC-SN2A Datasheet
38Kb / 2P
   SURFACE MOUNT RECTIFIERS
SNWA EIC-SNWA Datasheet
38Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
Shenzhen Luguang Electr...
GL41A LUGUANG-GL41A Datasheet
300Kb / 2P
   Surface Mount Rectifiers
US3AB LUGUANG-US3AB Datasheet
173Kb / 2P
   Surface Mount Rectifiers
MURS140 LUGUANG-MURS140 Datasheet
172Kb / 2P
   Surface Mount Rectifiers
MURS340 LUGUANG-MURS340 Datasheet
174Kb / 2P
   Surface Mount Rectifiers
MURS405 LUGUANG-MURS405 Datasheet
176Kb / 2P
   Surface Mount Rectifiers
logo
MAKO SEMICONDUCTOR CO.,...
1N4007-M7 MAKOSEMI-1N4007-M7 Datasheet
266Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
Diode Semiconductor Kor...
US1AB DSK-US1AB Datasheet
86Kb / 2P
   SURFACE MOUNT RECTIFIERS
RS5AC DSK-RS5AC Datasheet
146Kb / 2P
   SURFACE MOUNT RECTIFIERS
US3AB DSK-US3AB Datasheet
108Kb / 2P
   SURFACE MOUNT RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com