Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SOT-23 Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # SOT-23
Description  Dual Series Switching Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

SOT-23 Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  SOT-23 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd SOT-23 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd SOT-23 Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Test
conditions
MIN
MAX
UNIT
Reverse breakdown voltage
V(BR)
IR= 2.5μA
75
V
Reverse voltage leakage current
IR
VR=25V
VR=75V
VR=25V Tj=150℃
VR=75V Tj=150℃
35
1
30
50
nA
μA
μA
μA
Forward voltage
VF
IF=1mA
IF=10mA
IF=50mA
IF=150mA
715
855
1000
1250
mV
Diode capacitance
CD
VR=0V
f=1MHz
1.5
pF
Reverse recovery time
trr
IF=IR=10mA,
Irr=0.1×IR,RL=100Ω
4
nS
TYPICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
BAV99
Dual Series Switching Diode
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - SOT-23

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SOT-23 LUGUANG-SOT-23 Datasheet
229Kb / 2P
   Dual Surface Mount Fast Switching Diode
logo
SHENZHEN YONGERJIA INDU...
SOT-23 WINNERJOIN-SOT-23 Datasheet
150Kb / 1P
   SOT-23 Plastic-Encapsulate Transistors
logo
Motorola, Inc
SOT-23 MOTOROLA-SOT-23 Datasheet
258Kb / 20P
   Zener Voltage Regulator Didoes
logo
SHENZHEN YONGERJIA INDU...
SOT-23 WINNERJOIN-SOT-23 Datasheet
98Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
KEC(Korea Electronics)
SOT-23 KEC-SOT-23 Datasheet
354Kb / 1P
   PACKAGE DIMENSION
More results

Similar Description - SOT-23

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BAV199L ONSEMI-BAV199L Datasheet
85Kb / 4P
   Dual Series Switching Diode
October, 2016 ??Rev. 10
logo
Galaxy Semi-Conductor H...
BAV99 BILIN-BAV99_15 Datasheet
163Kb / 3P
   Dual series switching diode
logo
Micro Commercial Compon...
BAV199 MCC-BAV199 Datasheet
173Kb / 3P
   Dual Series Switching Diode
logo
Shenzhen Luguang Electr...
BAV99 LUGUANG-BAV99_V01 Datasheet
769Kb / 3P
   Dual Series Switching Diode
logo
Leshan Radio Company
LBAV99LT1 LRC-LBAV99LT1 Datasheet
109Kb / 3P
   Dual Series Switching Diode
BAV99LT1 LRC-BAV99LT1 Datasheet
54Kb / 2P
   Dual Series Switching Diode
logo
ON Semiconductor
BAV199LT1 ONSEMI-BAV199LT1 Datasheet
66Kb / 4P
   Dual Series Switching Diode
1997 REV 1
logo
WILLAS ELECTRONIC CORP
BAV99 WILLAS-BAV99 Datasheet
418Kb / 3P
   Dual Series Switching Diode
logo
Leshan Radio Company
LBAV99LT1G LRC-LBAV99LT1G Datasheet
316Kb / 5P
   Dual Series Switching Diode
LBAV99LT1G LRC-LBAV99LT1G_15 Datasheet
95Kb / 4P
   Dual Series Switching Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com