Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAV21W Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # BAV21W
Description  Surface Mount Fast Switching Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

BAV21W Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  BAV21W Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd BAV21W Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Case: SOD-123, Molded Plastic
Case Material: UL Flammability Rating
Classification 94V-0
Polarity: Cathode Band
Type Code: BAV19W: A8 or T2 or T3
BAV20W: T2 or T3
BAV21W: T3
Weight: 0.01 grams (approx.)
Characteristic
Symbol
BAV19W
BAV20W
BAV21W
Unit
Non-Repetitive Peak Reverse Voltage
VRM
120
200
250
V
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
100
150
200
V
RMS Reverse Voltage
VR(RMS)
71
106
141
V
Forward Continuous Current
IFM
400
mA
Average Rectified Output Current
IO
200
mA
Non-Repetitive Peak Forward Surge Current @ t = 1.0ms
@ t = 1.0s
IFSM
2.5
0.5
A
Repetitive Peak Forward Surge Current
IFRM
625
mA
Power Dissipation
(Note 2)
Pd
250
mW
Thermal Resistance Junction to Ambient Air (Note 2)
RqJA
500
°C/W
Operating and Storage Temperature Range
Tj ,TSTG
-65 to +150
°C
Maximum Ratings
Characteristic
Symbol
Min
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 1)
BAV19W
BAV20W
BAV21W
V(BR)R
120
200
250
¾
V
IR = 100mA
Forward Voltage (Note 1)
VFM
¾
1.0
1.25
V
IF = 100mA
IF = 200mA
Peak Reverse Current
@ Rated DC Blocking Voltage (Note 1)
IRM
¾
100
15
nA
mA
Tj = 25°C
Tj = 100°C
Total Capacitance
CT
¾
5.0
pF
VR = 0, f = 1.0MHz
Reverse Recovery Time
trr
¾
50
ns
IF = IR = 30mA,
Irr = 0.1 x IR,RL = 100W
Electrical Characteristics
Fast Switching Speed
Surface Mount Package Ideally Suited for
Automatic Insertion
For General Purpose Switching Applications
Notes:
1. Short duration pulse test used to minimize self-heating effect.
Maximum Ratings and Electrical Characteristics
Rating at 25
oC ambient temperature unless otherwise specified.
Features
Mechanical Data
SOD-123
Dimensions in inches and (millimeters)
BAV19W-BAV21W
Surface Mount Fast Switching Diode
0.053(1.35)
Max.
0.006(0.15)
Typ. Min.
0.010(0.25)
Min.
0.004(0.10)
Max.
0.067(1.70)
0.055(1.40)
0.022(0.55)
Typ. Min.
0.152(3.85)
0.140(3.55)
0.112(2.85)
0.100(2.55)
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - BAV21W

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
BAV21W SHUNYE-BAV21W Datasheet
925Kb / 2P
   FAST SWITCHING DIODES
logo
Pan Jit International I...
BAV21W PANJIT-BAV21W Datasheet
54Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
logo
Zibo Seno Electronic En...
BAV21W ZSELEC-BAV21W Datasheet
91Kb / 3P
   Silicon Epitaxial Planar Diodes
logo
Taiwan Semiconductor Co...
BAV21W TSC-BAV21W Datasheet
95Kb / 1P
   410 mW High Voltage SMD Switching Diode
logo
SAMYANG ELECTRONICS CO....
BAV21W SAMYANG-BAV21W Datasheet
706Kb / 3P
   Small-Signal Switching Diodes
More results

Similar Description - BAV21W

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBD4448HT DIODES-MMBD4448HT Datasheet
167Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
DS30263 Rev. 5 - 2
1N4448W DIODES-1N4448W Datasheet
73Kb / 3P
   FAST SWITCHING SURFACE MOUNT DIODE
DS12002 Rev. 9 - 2
BAS19 DIODES-BAS19 Datasheet
71Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
DS12004 Rev. 12 - 2
BAS19W DIODES-BAS19W Datasheet
64Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
DS30118 Rev. 6 - 2
logo
Transys Electronics
BAS19W TRSYS-BAS19W Datasheet
115Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Diodes Incorporated
1N4448W DIODES-1N4448W_10 Datasheet
80Kb / 4P
   FAST SWITCHING SURFACE MOUNT DIODE
DS12002 Rev. 18 - 2
MMDT2227M DIODES-MMDT2227M_08 Datasheet
140Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Diotech Company.
1SS400 DIOTECH-1SS400 Datasheet
784Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Taiwan Semiconductor Co...
BAS19 TSC-BAS19_07 Datasheet
118Kb / 2P
   Surface Mount Fast Switching Diode
logo
Won-Top Electronics
BAV70 WTE-BAV70 Datasheet
44Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Guangdong Kexin Industr...
KAV16W KEXIN-KAV16W Datasheet
40Kb / 1P
   Surface Mount Fast Switching Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com