Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

125NHG1BS-690 Datasheet(PDF) 9 Page - Cooper Bussmann, Inc.

Part # 125NHG1BS-690
Description  Circuit Protection Solutions Low Voltage Fuse Links Catalogue
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

125NHG1BS-690 Datasheet(HTML) 9 Page - Cooper Bussmann, Inc.

Back Button 125NHG1BS-690 Datasheet HTML 5Page - Cooper Bussmann, Inc. 125NHG1BS-690 Datasheet HTML 6Page - Cooper Bussmann, Inc. 125NHG1BS-690 Datasheet HTML 7Page - Cooper Bussmann, Inc. 125NHG1BS-690 Datasheet HTML 8Page - Cooper Bussmann, Inc. 125NHG1BS-690 Datasheet HTML 9Page - Cooper Bussmann, Inc. 125NHG1BS-690 Datasheet HTML 10Page - Cooper Bussmann, Inc. 125NHG1BS-690 Datasheet HTML 11Page - Cooper Bussmann, Inc. 125NHG1BS-690 Datasheet HTML 12Page - Cooper Bussmann, Inc. 125NHG1BS-690 Datasheet HTML 13Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 55 page
background image
Low Voltage Fuse Links Catalogue
For Product Data Sheets, visit www.cooperbussmann.com
Offset Blade Tags
240 - 550V / 2 - 63A
Specifications
Description:
Fuse Links for general
industrial applications with Q1 fusing factor -
general purpose (gG) and motor
protection (gM) characteristics.
Ratings:
Applications:
General Industrial and Motors
applications
Agency Information:
Meets BS88: Part 6, 1988 and
IEC 269: Parts 1, 1986
RoHS Compliant
Dimensions
Catalogue Numbers
Industrial & Motor Applications to BS88
Part No
Dimensions (mm)
A
B
D
E
F
N
SSD
23.0
12.0
47.0
13.0
0.8
3.2
NSD &
NSD20M
34.5
13.8
58.5
12.7
0.8
3.5
NSD20M36 &
NSD32M
17.5
ESD - 32A
35.5
13.8
68.0
15.0
1.2
3.5
ESD40 - 63A
17.5
ESD63M
21.0
Rating (A)
Catalogue
Number
Class
BS
Reference
Fuseholder
Unit
Packing
2
SSD2
gG
E1
N/A
20
4
SSD4
6
SSD6
10
SSD10
16
SSD16
20
SSD20
32
SSD32
Rating (A)
Catalogue
Number
Class
BS
Reference
Fuseholder
Unit
Packing
2
NSD2
gR
F1
SAFELOC
32NNSF
20
4
NSD4
6
NSD6
10
NSD10
16
NSD16
20
NSD20
32
NSD32
20M25
NSD20M25
gM
20M32
NSD20M32
20M36
NSD20M36
32M36
NSD32M36
32M40
NSD32M40
32M50
NSD32M50
32M63
NSD32M63
Rating (A)
Catalogue
Number
Class
BS
Reference
Fuse Holder
Unit
Packing
2
ESD2
gG
F2
SAFELOC
63ENSF
20
4
ESD4
6
ESD6
10
ESD10
16
ESD16
20
ESD20
32
ESD32
40
ESD40
50
ESD50
63
ESD63
63M80
ESD63M80
gM
63M100
ESD63M100
Volts: - 240V ac (SSD)
- 415V ac (NSD gM) / ESD gG (40 - 63A)
- 550V ac (NSD gG) / ESD gG (2 - 32A)
Amps: - 2 - 63A
IR - 33kA @ 240V ac
- 80kA @ 500V ac
Data Sheet SSD: 4105
Data Sheet NSD: 4100
10


Similar Part No. - 125NHG1BS-690

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
125NHG1B-690 COOPER-125NHG1B-690 Datasheet
330Kb / 9P
   NH DIN Dual Indication Fuse Links
logo
List of Unclassifed Man...
125NHG1B-690 ETC1-125NHG1B-690 Datasheet
614Kb / 9P
   690 Volts gG/gL NH Fuse links
More results

Similar Description - 125NHG1BS-690

ManufacturerPart #DatasheetDescription
logo
ABB
NHPL052760R1 ABB-NHPL052760R1 Datasheet
53Kb / 1P
   Fuse link type CMF High voltage – fuse links
logo
Littelfuse
NHFS3B LITTELFUSE-NHFS3B Datasheet
427Kb / 2P
   NH Fuse Links
logo
List of Unclassifed Man...
C08G0-5 ETC1-C08G0-5 Datasheet
1Mb / 13P
   Cylindrical fuse links
189000 ETC2-189000 Datasheet
334Kb / 1P
   Miniature Fuse-Links
logo
Cooper Bussmann, Inc.
C08G0-5 COOPER-C08G0-5 Datasheet
1Mb / 13P
   Cylindrical fuse links
logo
List of Unclassifed Man...
PV-32ANH1 ETC1-PV-32ANH1 Datasheet
256Kb / 8P
   NH photovoltaic fuse links
logo
Cooper Bussmann, Inc.
PV-63A-01XL COOPER-PV-63A-01XL Datasheet
449Kb / 14P
   XL Photovoltaic fuse links
PV-32ANH1 COOPER-PV-32ANH1 Datasheet
256Kb / 8P
   NH photovoltaic fuse links
logo
List of Unclassifed Man...
L5622.5A ETC2-L5622.5A Datasheet
144Kb / 1P
   L562 MINIATURE GLASS FUSE LINKS
logo
Cooper Bussmann, Inc.
011-9925 COOPER-011-9925 Datasheet
62Kb / 1P
   BS88 Joint Service Fuse Links
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com