Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMA5148AKW Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MMA5148AKW
Description  Xtrinsic MMA51xxAKW PSI5 Inertial Sensor
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA5148AKW Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MMA5148AKW Datasheet HTML 2Page - Freescale Semiconductor, Inc MMA5148AKW Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA5148AKW Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA5148AKW Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA5148AKW Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA5148AKW Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA5148AKW Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA5148AKW Datasheet HTML 9Page - Freescale Semiconductor, Inc MMA5148AKW Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
Sensors
6
Freescale Semiconductor, Inc.
MMA51xxAKW
2.3
Electrical Characteristics - Supply and I/O
VL ≤ (VCC - VSS) ≤ VH, TL ≤ TA ≤ TH, ΔT ≤ 25 K/min, unless otherwise specified.
#
Characteristic
Symbol
Min
Typ
Max
Units
20
Quiescent Supply Current
*
IIDLE
4.0
8.0
mA
(1)
21
Modulation Supply Current
*
IMOD
IIDLE+ 22.0
IIDLE+ 26.0
IIDLE+ 30.0
mA
(1)
22
Inrush Current (Power On until VBUF, VREG, VREGA Stable)
IINRUSH
⎯⎯
30
mA
(3)
23
24
25
Internally Regulated Voltages
VBUF
VREG
VREGA
*
*
*
VBUF
VREG
VREGA
3.60
2.425
2.425
3.80
2.50
2.50
4.00
2.575
2.575
V
V
V
(1)
(1)
(1)
26
27
28
29
30
31
32
33
Low Voltage Detection Threshold
VCC Falling
VBUF Falling
VREG Falling
VREGA Falling
Hysteresis
VCC
VBUF
VREG
VREGA
VVCC_UV_F
VBUF_UV_F
VREG_UV_F
VREGA_UV_F
VCC_HYST
VBUF_HYST
VREG_HYST
VREGA_HYST
3.40
2.95
2.15
2.15
0.10
0.05
0.05
0.05
3.70
3.15
2.25
2.25
0.25
0.10
0.10
0.10
4.0
3.35
2.35
2.35
0.40
0.15
0.15
0.15
V
V
V
V
V
V
V
V
(3, 6)
(3, 6)
(3, 6)
(3, 6)
(3)
(3)
(3)
(3)
34
35
External Capacitor (VBUF, VREG, VREGA)
Capacitance
ESR (including interconnect resistance)
ESR
500
0
1000
1500
200
nF
m
Ω
(9)
(9)
36
Output High Voltage (DO)
ILoad = 100 μAVOH
VREG - 0.1
⎯⎯
V(9)
37
Output Low Voltage (DO)
ILoad = 100 μAVOL
⎯⎯
0.1
V
(9)
38
Input High Voltage
CS, SCLK, DI
VIH
0.7 * VREG
⎯⎯
V(9)
39
Input Low Voltage
CS, SCLK, DI
VIL
⎯⎯
0.3 * VREG
V(9)
40
41
Input Current
High (at VIH) (DI)
Low (at VIL) (CS)
IIH
IIL
-100
10
-10
100
μA
μA
(9)
(9)
42
Pulldown Resistance (SCLK)
RPD
20
100
k
Ω
(9)


Similar Part No. - MMA5148AKW

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA5148KW FREESCALE-MMA5148KW Datasheet
1Mb / 55P
   PSI5 Inertial Sensor
logo
NXP Semiconductors
MMA5148KW NXP-MMA5148KW Datasheet
1Mb / 61P
   Xtrinsic MMA51xxKW PSI5 Inertial Sensor
Rev. 11, 08/2012
logo
Freescale Semiconductor...
MMA5148KWR2 FREESCALE-MMA5148KWR2 Datasheet
1Mb / 55P
   PSI5 Inertial Sensor
logo
NXP Semiconductors
MMA5148KWR2 NXP-MMA5148KWR2 Datasheet
1Mb / 61P
   Xtrinsic MMA51xxKW PSI5 Inertial Sensor
Rev. 11, 08/2012
MMA5148LCW NXP-MMA5148LCW Datasheet
897Kb / 59P
   MMA51xxL, PSI5 Inertial Sensor
Rev. 5.0, 01/2017
More results

Similar Description - MMA5148AKW

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA52XXAKW FREESCALE-MMA52XXAKW Datasheet
472Kb / 35P
   Xtrinsic MMA52xxAKW PSI5 Inertial Sensor
logo
NXP Semiconductors
MMA52XXKW NXP-MMA52XXKW Datasheet
1Mb / 58P
   Xtrinsic MMA52xxKW PSI5 Inertial Sensor
Rev. 11, 08/2012
MMA52XXLW NXP-MMA52XXLW Datasheet
1Mb / 59P
   Xtrinsic MMA52xxLW PSI5 Inertial Sensor
Rev. 1, 03/2014
MMA52XXAKW NXP-MMA52XXAKW Datasheet
597Kb / 35P
   Xtrinsic MMA52xxAKW PSI5 Inertial Sensor
Rev. 0, 09/2012
MMA51XXLW NXP-MMA51XXLW Datasheet
1Mb / 60P
   Xtrinsic MMA51xxLW PSI5 Inertial Sensor
Rev. 1, 03/2014
MMA51XXKW NXP-MMA51XXKW Datasheet
1Mb / 61P
   Xtrinsic MMA51xxKW PSI5 Inertial Sensor
Rev. 11, 08/2012
logo
Freescale Semiconductor...
MMA52XXWR2 FREESCALE-MMA52XXWR2 Datasheet
1Mb / 61P
   PSI5 Inertial Sensor
MMA52XXKW FREESCALE-MMA52XXKW Datasheet
1Mb / 55P
   PSI5 Inertial Sensor
MMA51XXKW FREESCALE-MMA51XXKW Datasheet
1Mb / 55P
   PSI5 Inertial Sensor
logo
NXP Semiconductors
MMA51XXL NXP-MMA51XXL Datasheet
897Kb / 59P
   MMA51xxL, PSI5 Inertial Sensor
Rev. 5.0, 01/2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com