Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMA5106AKW Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MMA5106AKW
Description  Xtrinsic MMA51xxAKW PSI5 Inertial Sensor
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA5106AKW Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MMA5106AKW Datasheet HTML 1Page - Freescale Semiconductor, Inc MMA5106AKW Datasheet HTML 2Page - Freescale Semiconductor, Inc MMA5106AKW Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA5106AKW Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA5106AKW Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA5106AKW Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA5106AKW Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA5106AKW Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA5106AKW Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
Sensors
Freescale Semiconductor, Inc.
5
MMA51xxAKW
2
Electrical Characteristics
2.1
Maximum Ratings
Maximum ratings are the extreme limits to which the device can be exposed without permanently damaging it.
2.2
Operating Range
VL ≤ (VCC - VSS) ≤ VH, TL ≤ TA ≤ TH, ΔT ≤ 25 K/min, unless otherwise specified.
#
Rating
Symbol
Value
Unit
1
2
3
Supply Voltage (VCC, IDATA)
Reverse Current
≤ 160 mA, t ≤ 80 ms
Continuous
Transient (< 10
μs)
VCC_REV
VCC_MAX
VCC_TRANS
-0.7
+20.0
+25.0
V
V
V
(3)
(3)
(9)
4
VBUF, Test
-0.3 to +4.2
V
(3)
5
VREG, VREGA, SCLK, CS, DIN, DOUT
-0.3 to +3.0
V
(3)
6
Powered Shock (six sides, 0.5 ms duration)
gpms
±2000
g
(3)
7
Unpowered Shock (six sides, 0.5 ms duration)
gshock
±2500
g
(3)
8
Drop Shock (to concrete, tile or steel surface, 10 drops, any orientation)
hDROP
1.2
m
(5)
9
10
11
12
Electrostatic Discharge (per AECQ100)
External Pins (VCC, IDATA, VSS, VSSA), HBM (100 pF, 1.5 kΩ)
HBM (100 pF, 1.5 k
Ω)
CDM (R = 0
Ω)
MM (200 pF, 0
Ω)
VESD
VESD
VESD
VESD
±4000
±2000
±1500
±200
V
V
V
V
(5)
(5)
(5)
(5)
13
14
Temperature Range
Storage
Junction
Tstg
TJ
-40 to +125
-40 to +150
°C
°C
(3)
(9)
15
Thermal Resistance
θJC
2.5
°C/W
(9,14)
#
Characteristic
Symbol
Min
Typ
Max
Units
16
17
Supply Voltage
VCC
VCC_UV
VL
4.2
VVCC_UV_F
VH
17.0
VL
V
V
(1)
(9)
18
19
Operating Temperature Range
TA
TA
TL
-40
-40
TH
+105
+125
°C
°C
(1)
(3)


Similar Part No. - MMA5106AKW

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA5106KW FREESCALE-MMA5106KW Datasheet
1Mb / 55P
   PSI5 Inertial Sensor
logo
NXP Semiconductors
MMA5106KW NXP-MMA5106KW Datasheet
1Mb / 61P
   Xtrinsic MMA51xxKW PSI5 Inertial Sensor
Rev. 11, 08/2012
logo
Freescale Semiconductor...
MMA5106KWR2 FREESCALE-MMA5106KWR2 Datasheet
1Mb / 55P
   PSI5 Inertial Sensor
logo
NXP Semiconductors
MMA5106KWR2 NXP-MMA5106KWR2 Datasheet
1Mb / 61P
   Xtrinsic MMA51xxKW PSI5 Inertial Sensor
Rev. 11, 08/2012
MMA5106LCW NXP-MMA5106LCW Datasheet
897Kb / 59P
   MMA51xxL, PSI5 Inertial Sensor
Rev. 5.0, 01/2017
More results

Similar Description - MMA5106AKW

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA52XXAKW FREESCALE-MMA52XXAKW Datasheet
472Kb / 35P
   Xtrinsic MMA52xxAKW PSI5 Inertial Sensor
logo
NXP Semiconductors
MMA52XXKW NXP-MMA52XXKW Datasheet
1Mb / 58P
   Xtrinsic MMA52xxKW PSI5 Inertial Sensor
Rev. 11, 08/2012
MMA52XXLW NXP-MMA52XXLW Datasheet
1Mb / 59P
   Xtrinsic MMA52xxLW PSI5 Inertial Sensor
Rev. 1, 03/2014
MMA52XXAKW NXP-MMA52XXAKW Datasheet
597Kb / 35P
   Xtrinsic MMA52xxAKW PSI5 Inertial Sensor
Rev. 0, 09/2012
MMA51XXLW NXP-MMA51XXLW Datasheet
1Mb / 60P
   Xtrinsic MMA51xxLW PSI5 Inertial Sensor
Rev. 1, 03/2014
MMA51XXKW NXP-MMA51XXKW Datasheet
1Mb / 61P
   Xtrinsic MMA51xxKW PSI5 Inertial Sensor
Rev. 11, 08/2012
logo
Freescale Semiconductor...
MMA52XXWR2 FREESCALE-MMA52XXWR2 Datasheet
1Mb / 61P
   PSI5 Inertial Sensor
MMA52XXKW FREESCALE-MMA52XXKW Datasheet
1Mb / 55P
   PSI5 Inertial Sensor
MMA51XXKW FREESCALE-MMA51XXKW Datasheet
1Mb / 55P
   PSI5 Inertial Sensor
logo
NXP Semiconductors
MMA51XXL NXP-MMA51XXL Datasheet
897Kb / 59P
   MMA51xxL, PSI5 Inertial Sensor
Rev. 5.0, 01/2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com