Electronic Components Datasheet Search |
|
608017032300042 Datasheet(PDF) 11 Page - AVX Corporation |
|
608017032300042 Datasheet(HTML) 11 Page - AVX Corporation |
11 / 12 page 24 Varicon® Series 8017 Insulator Variation Cover & Body Code Cable Actuating Fixed Type No. Entrance Screw Screw 001 No Yes No 002 No No Yes 003 Top Yes No Plug 004 Side Yes No 005 Top No Yes 006 Side No Yes VARIATION CODE RECOMMENDED CHASSIS LAYOUT Insulator Variation Cover & Body Code Cable Fixed Actuating Type No. Entrance Nut Nut 007 No Yes No 008 No No Yes Receptacle 009 Top Yes No 010 Side Yes No 011 Top No Yes 012 Side No Yes 00 Prefix 8017 Series Number XXX Number of Positions 75, 100, 130 XXX 0XX See Variation Code ORDERING CODE Contact Code 217 = Solder 0.098" x 2.49mm – 60 8017 0513 00 339 218 = Wire Wrap – 0.025 x 0.050 x 0.567" / 0.64 x 1.27 x 14.4mm 60 8017 0613 00 339 750 = Wire Wrap – 0.025 x 0.050 x 0.760" / 0.64 x 1.27 x 19.3mm 60 8017 0623 00 339 296 = Wire Wrap – 0.025 x 0.026 x 0.579" / 0.64 x 0.66 x 14.7mm 60 8017 0633 00 339 313 = Wire Crimp (Contacts Loose) – Must be ordered separately 60 8017 0313 00 339 323 = Wire Crimp (1800 Contacts on a Reel) – 60 8017 0323 99 339 Must be ordered separately 75/100/130 CONTACTS Plug with Plug with Actuating Screw 001 Fixed Screw 002 Receptacle with Receptacle with Fixed Nut 007 Actuating Nut 008 Plug 75 CONTACTS Plug Receptacle Receptacle 100 CONTACTS Plug Receptacle 130 CONTACTS Plug 001 002 003 004 005 006 CONNECTOR PLUG AND RECEPTACLE COMBINATIONS No. of Front Chassis Mtg. Back Chassis Mtg. Pos. B C D B C D 75 2.500/63.50 1.953/49.61 1.437/36.50 2.500/63.50 2.953/75.00 1.656/42.06 100 3.100/78.74 2.546/64.67 1.437/36.50 3.100/78.74 3.562/90.47 1.656/42.06 130 3.700/93.98 3.156/80.16 1.437/36.50 3.700/93.98 4.156/105.56 1.656/42.06 Dimensions inches/mm |
Similar Part No. - 608017032300042 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |