Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

608017032300339 Datasheet(PDF) 2 Page - AVX Corporation

Part # 608017032300339
Description  Series 8016 . .075" x .130" x .150" Grid Pattern
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

608017032300339 Datasheet(HTML) 2 Page - AVX Corporation

  608017032300339 Datasheet HTML 1Page - AVX Corporation 608017032300339 Datasheet HTML 2Page - AVX Corporation 608017032300339 Datasheet HTML 3Page - AVX Corporation 608017032300339 Datasheet HTML 4Page - AVX Corporation 608017032300339 Datasheet HTML 5Page - AVX Corporation 608017032300339 Datasheet HTML 6Page - AVX Corporation 608017032300339 Datasheet HTML 7Page - AVX Corporation 608017032300339 Datasheet HTML 8Page - AVX Corporation 608017032300339 Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
15
Varicon®
Series 8016 – Basic Components
CONECTORS:
COVERS:
CONTACTS:
Crimp
Solder Tab
Wire Wrap
14.4mm
Wire Wrap
19.3mm
Wire Wrap
.567
Solder
217 Style
218 Style
750 Style
296 Style
504 Style
Male, Jackscrew
Male, Fixed Nut
Female, Fixed Nut
Female, Jackscrew
Male
Female
(Exposed Contacts)
(Recessed Contacts)
001/601 Style
002/602 Style
007/607 Style
008/608 Style
Top Opening
Side Opening
Top/side Opening
(Removable Side Plate)


Similar Part No. - 608017032300339

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
6080 SCHURTER-6080 Datasheet
465Kb / 4P
   IEC Appliance Inlet C14/C18, Screw-on mounting, Front side,Quick-connect
13.10.2022
logo
Heyco.
6080 HEYCO-6080 Datasheet
139Kb / 1P
   Heavy Duty Ring and Spade Terminals
logo
Analog Technologies, In...
608000502000 ANALOGTECHNOLOGIES-608000502000 Datasheet
512Kb / 7P
   MagI3C Power Modules DNS002 MagI3C Power Supply
V2.0
logo
Wurth Elektronik GmbH &...
608000502000 WURTH-608000502000 Datasheet
511Kb / 8P
   MagI3C Power Modules DNS002 MagI3C Power Supply
V2.0
logo
Analog Devices
60800213421 AD-60800213421 Datasheet
1Mb / 12P
   Evaluating the LTC2688 16-Channel, 16-Bit Voltage Output SoftSpan DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com