Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCM69L818AZP10.5 Datasheet(PDF) 7 Page - Motorola, Inc

Part # MCM69L818AZP10.5
Description  4M Late Write HSTL
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM69L818AZP10.5 Datasheet(HTML) 7 Page - Motorola, Inc

Back Button MCM69L818AZP10.5 Datasheet HTML 3Page - Motorola, Inc MCM69L818AZP10.5 Datasheet HTML 4Page - Motorola, Inc MCM69L818AZP10.5 Datasheet HTML 5Page - Motorola, Inc MCM69L818AZP10.5 Datasheet HTML 6Page - Motorola, Inc MCM69L818AZP10.5 Datasheet HTML 7Page - Motorola, Inc MCM69L818AZP10.5 Datasheet HTML 8Page - Motorola, Inc MCM69L818AZP10.5 Datasheet HTML 9Page - Motorola, Inc MCM69L818AZP10.5 Datasheet HTML 10Page - Motorola, Inc MCM69L818AZP10.5 Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
MCM69L736A
•MCM69L818A
7
MOTOROLA FAST SRAM
DC OUTPUT BUFFER CHARACTERISTICS – PROGRAMMABLE IMPEDANCE PUSH–PULL OUTPUT BUFFER MODE
(0
_C ≤ TA ≤ 70_C, Unless Otherwise Noted, See Notes 5 and 6)
Parameter
Symbol
Min
Max
Unit
Notes
Output Logic Low
VOL
VDDQ/2 – 0.025
VDDQ/2 +0.025
V
1
Output Logic High
VOH
VDDQ/2 – 0.025
VDDQ/2 + 0.025
V
2
Light Load Output Logic Low
VOL1
VSS
0.2
V
3
Light Load Output Logic High
VOH1
VDDQ – 0.2
VDDQ
V
4
NOTES:
1. IOL = (VDDQ/2)/(RQ/5) for values of RQ = 175 Ω ≤ RQ ≤ 350 Ω.
2. | IOH | = (VDDQ/2)/(RQ/5) for values of RQ = 175 Ω ≤ RQ ≤ 350 Ω.
3. IOL ≤ 100 µA.
4. | IOH | ≤ 100 µA.
5. The impedance controlled mode is expected to be used in point–to–point applications, driving high impedance inputs.
6. The ZQ pin is connected through RQ to VSS for the controlled impedance mode.
DC OUTPUT BUFFER CHARACTERISTICS — MINIMUM IMPEDANCE PUSH–PULL OUTPUT BUFFER MODE
(0
_C ≤ TA ≤ 70_C, ZQ = VDD) (See Notes 1 and 2)
Parameter
Symbol
Min
Max
Unit
Notes
Output Logic Low
VOL2
VSS
0.4
V
3
Output Logic High
VOH2
VDDQ – 0.4
VDDQ
V
4
Light Load Output Logic Low
VOL3
VSS
0.2
V
5
Light Load Output Logic High
VOH3
VDDQ – 0.2
VDDQ
V
6
NOTES:
1. The push–pull output mode is expected to be used in bussed applications and may be series or parallel terminated. Conforms to the JEDEC
Standard JESD8–6 Class I.
2. The ZQ pin is connected to VDD to enable the minimum impedance mode.
3. IOL ≤ 8 mA.
4.
IOH ≤ 8 mA.
5. IOL ≤ 100 µA.
6.
IOH ≤ 100 µA.
CAPACITANCE (f = 1.0 MHz, dV = 3.0 V, 0
_C ≤ TA ≤ 70_C, Periodically Sampled Rather Than 100% Tested)
Characteristic
Symbol
Typ
Max
Unit
Input Capacitance
Cin
4
5
pF
Input/Output Capacitance
CI/O
7
8
pF
CK, CK Capacitance
CCK
4
5
pF


Similar Part No. - MCM69L818AZP10.5

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM69L817 MOTOROLA-MCM69L817 Datasheet
180Kb / 16P
   256K x 18 Bit Data Latch BurstRAME Synchronous Fast Static RAM
MCM69L819AZP8.5 MOTOROLA-MCM69L819AZP8.5 Datasheet
211Kb / 20P
   4M Late Write LVTTL
MCM69L819AZP8.5R MOTOROLA-MCM69L819AZP8.5R Datasheet
211Kb / 20P
   4M Late Write LVTTL
MCM69L819AZP9 MOTOROLA-MCM69L819AZP9 Datasheet
211Kb / 20P
   4M Late Write LVTTL
MCM69L819AZP9.5 MOTOROLA-MCM69L819AZP9.5 Datasheet
211Kb / 20P
   4M Late Write LVTTL
More results

Similar Description - MCM69L818AZP10.5

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM69R736A MOTOROLA-MCM69R736A Datasheet
224Kb / 20P
   4M Late Write HSTL
MCM69R736C MOTOROLA-MCM69R736C Datasheet
520Kb / 20P
   4M Late Write HSTL
MCM63R836A MOTOROLA-MCM63R836A Datasheet
385Kb / 21P
   8M Late Write HSTL
MCM69L737A MOTOROLA-MCM69L737A Datasheet
211Kb / 20P
   4M Late Write LVTTL
MCM69R737A MOTOROLA-MCM69R737A Datasheet
212Kb / 20P
   4M Late Write LVTTL
MCM69R738C MOTOROLA-MCM69R738C Datasheet
511Kb / 20P
   4M Late Write 2.5 V I/O
MCM69L738A MOTOROLA-MCM69L738A Datasheet
212Kb / 20P
   4M Late Write 2.5 V I/O
MCM69R738A MOTOROLA-MCM69R738A Datasheet
213Kb / 20P
   4M Late Write 2.5 V I/O
logo
GSI Technology
GS8171DW36AC GSI-GS8171DW36AC Datasheet
1,007Kb / 33P
   18Mb 誇1x1Dp HSTL I/O Double Late Write SigmaRAM
logo
NEC
UPD4443362 NEC-UPD4443362 Datasheet
113Kb / 16P
   4M-BIT CMOS SYNCHRONOUS FAST STATIC RAM 128K-WORD BY 36-BIT HSTL INTERFACE / REGISTER-REGISTER / LATE WRITE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com