Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

008017750005 Datasheet(PDF) 2 Page - AVX Corporation

Part # 008017750005
Description  Series 8016 . .075" x .130" x .150" Grid Pattern
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

008017750005 Datasheet(HTML) 2 Page - AVX Corporation

  008017750005 Datasheet HTML 1Page - AVX Corporation 008017750005 Datasheet HTML 2Page - AVX Corporation 008017750005 Datasheet HTML 3Page - AVX Corporation 008017750005 Datasheet HTML 4Page - AVX Corporation 008017750005 Datasheet HTML 5Page - AVX Corporation 008017750005 Datasheet HTML 6Page - AVX Corporation 008017750005 Datasheet HTML 7Page - AVX Corporation 008017750005 Datasheet HTML 8Page - AVX Corporation 008017750005 Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
15
Varicon®
Series 8016 – Basic Components
CONECTORS:
COVERS:
CONTACTS:
Crimp
Solder Tab
Wire Wrap
14.4mm
Wire Wrap
19.3mm
Wire Wrap
.567
Solder
217 Style
218 Style
750 Style
296 Style
504 Style
Male, Jackscrew
Male, Fixed Nut
Female, Fixed Nut
Female, Jackscrew
Male
Female
(Exposed Contacts)
(Recessed Contacts)
001/601 Style
002/602 Style
007/607 Style
008/608 Style
Top Opening
Side Opening
Top/side Opening
(Removable Side Plate)


Similar Part No. - 008017750005

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
00801775217001 AVX-00801775217001 Datasheet
296Kb / 1P
   Series 8017
00801775217002 AVX-00801775217002 Datasheet
296Kb / 1P
   Series 8017
00801775217003 AVX-00801775217003 Datasheet
296Kb / 1P
   Series 8017
00801775217004 AVX-00801775217004 Datasheet
296Kb / 1P
   Series 8017
00801775217005 AVX-00801775217005 Datasheet
296Kb / 1P
   Series 8017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com