Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Y92F-40-ND Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # Y92F-40-ND
Description  Solid-state Timer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

Y92F-40-ND Datasheet(HTML) 2 Page - Omron Electronics LLC

  Y92F-40-ND Datasheet HTML 1Page - Omron Electronics LLC Y92F-40-ND Datasheet HTML 2Page - Omron Electronics LLC Y92F-40-ND Datasheet HTML 3Page - Omron Electronics LLC Y92F-40-ND Datasheet HTML 4Page - Omron Electronics LLC Y92F-40-ND Datasheet HTML 5Page - Omron Electronics LLC Y92F-40-ND Datasheet HTML 6Page - Omron Electronics LLC Y92F-40-ND Datasheet HTML 7Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
H3M
■ Ratings
Note: 1. Color indicators for the rated voltage are provided on the front of the Timer.
Blue: 100/110/120 VAC
Red: 200/220/240 VAC
None: Other voltages
2. With DC ratings, single-phase full-wave rectified power sources may be used.
3. 90% to 110% for 12-VDC models.
■ Characteristics
Note: For the timer with time range code A, add
±10 ms to the respective characteristics when the time range selector switches are in the x 1 s
(0.05 to 0.5 s) position.
Rated supply voltage
100/110/120 VAC (50/60 Hz), 200/220/240 VAC (50/60 Hz),
12, 24, 48, 100, 110 VDC (see note 2)
Operating voltage range
AC: 85% to 110% of rated supply voltage
DC: 80% to 110% of rated supply voltage (see note 3)
Power consumption
AC: Approx. 5 VA/2 W
DC: Approx. 2 W
Control outputs
5 A at 250 VAC, resistive load (cos
φ = 1)
Accuracy of operating time
±1% max. (see note)
Setting error
±10% max.
Reset time
0.1 s max.
Influence of voltage
±1% max. (see note)
Influence of temperature
±2% max. (see note)
Insulation resistance
100 M
Ω min. (at 500 VDC)
Dielectric strength
2,000 VAC, 50/60 Hz for 1 min (between current-carrying and non-current-carrying parts)
1,500 VAC, 50/60 Hz for 1 min (between contact and control circuit)
1,000 VAC, 50/60 Hz for 1 min (between non-continuous contacts)
Vibration resistance
Destruction: 10 to 55 Hz with 0.75-mm double amplitude
Malfunction: 10 to 55 Hz with 0.5-mm double amplitude
Shock resistance
Destruction: 1,000 m/s2 (approx. 100G)
Malfunction: 100 m/s2 (approx. 10G)
Ambient temperature
Operating:
–10
°C to 50°C
Storage:
–25
°C to 65°C
Ambient humidity
Operating: 35% to 85%
Life expectancy
Mechanical: 20,000,000 operations min. (under no load at 1,800 operations/h)
Electrical:
100,000 operations min. (5 A at 250 VAC, resistive load at 1,800 operations/h)
Approved standards
UL (File No. E41515), CSA (File No. LR22310)
Weight
Approx. 100 g


Similar Part No. - Y92F-40-ND

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
Y92F-30 OMRON-Y92F-30 Datasheet
158Kb / 12P
   Digital Timer
Y92F-30 OMRON-Y92F-30 Datasheet
1Mb / 23P
   Separate Amplifier Sensor with Sensitivity Adjustment
Y92F-30 OMRON-Y92F-30 Datasheet
401Kb / 22P
   Solid-state Multi-functional Timer
Y92F-30 OMRON-Y92F-30 Datasheet
398Kb / 15P
   Solid-State Digital Timer
Y92F-31 OMRON-Y92F-31 Datasheet
234Kb / 11P
   Economical, Compact, Plug-in Timer
More results

Similar Description - Y92F-40-ND

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
H3CR OMRON-H3CR Datasheet
2Mb / 61P
   Solid-state Timer
H3DE-M OMRON-H3DE-M Datasheet
1Mb / 34P
   Solid-state Timer
H3BA-N OMRON-H3BA-N Datasheet
1Mb / 22P
   Solid-state Timer
H3JA OMRON-H3JA Datasheet
288Kb / 8P
   Solid-state Timer
H3Y OMRON-H3Y Datasheet
149Kb / 8P
   Solid-state Timer
H3BA-X OMRON-H3BA-X Datasheet
1Mb / 16P
   Solid-state Timer
logo
List of Unclassifed Man...
1071 ETC2-1071 Datasheet
79Kb / 1P
   INDUSTRIAL SOLID STATE TIMER
logo
Omron Electronics LLC
H3CA OMRON-H3CA Datasheet
398Kb / 15P
   Solid-State Digital Timer
H3CR-A OMRON-H3CR-A Datasheet
401Kb / 22P
   Solid-state Multi-functional Timer
logo
Littelfuse
T10 LITTELFUSE-T10 Datasheet
177Kb / 1P
   Solid-State On-Delay Timer
2019 Rev: 2-B-043019
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com