Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B1REP-GC Datasheet(PDF) 3 Page - Ohmite Mfg. Co.

Part # B1REP-GC
Description  General Specifications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

B1REP-GC Datasheet(HTML) 3 Page - Ohmite Mfg. Co.

  B1REP-GC Datasheet HTML 1Page - Ohmite Mfg. Co. B1REP-GC Datasheet HTML 2Page - Ohmite Mfg. Co. B1REP-GC Datasheet HTML 3Page - Ohmite Mfg. Co. B1REP-GC Datasheet HTML 4Page - Ohmite Mfg. Co. B1REP-GC Datasheet HTML 5Page - Ohmite Mfg. Co. B1REP-GC Datasheet HTML 6Page - Ohmite Mfg. Co. B1REP-GC Datasheet HTML 7Page - Ohmite Mfg. Co. B1REP-GC Datasheet HTML 8Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Series B
Process Sealed Subminiature Antistatic Toggles
www.nkk.com
A14
A
Cap
Colors
Paddle
Colors
A
Black
A
B
White
B
C
Red
C
---
Yellow
E
---
Green
F
---
Blue
G
---
Gray
H
Poles
1
SPDT
2
DPDT
TYPICAL SWITCH ORDERING EXAMPLE
1
B
Straight PC Terminals
with Bracket
2
DESCRIPTION FOR TYPICAL ORDERING EXAMPLE
B12AB
A
.394” (10.0mm)
Bat Toggle
Optional Caps
G
.394” (10.0mm) Bat Lever Cap
J
.248” (6.3mm) Bat Lever Cap
B
Toggles
A
.394” (10.0mm) Bat
A1
.315” (8.0mm) Bat with
Panel Seal Threaded Bushing
(Straight PC only)
J
.248” (6.3mm) Bat
E
.394” (10.0mm) Flatted
H
.248” (6.3mm) Flatted
L
Locking Lever
(with Circuits 2 & 3 only)
SPDT
ON-NONE-ON Circuit
PC Terminals
P
Straight
* B
Straight with Bracket
* H
Right Angle with Bracket
* V
Vertical with Bracket
* Bracketed models are ESD protected
Circuits
2
ON
NONE
ON
3
ON
OFF
ON
5
ON
NONE
(ON)
*R
(ON) NONE
ON
8
(ON)
OFF
(ON)
9
ON
OFF
(ON)
*S
(ON)
OFF
ON
( ) = Momentary
Reverse circuits R & S
available with right angle
& vertical only
*


Similar Part No. - B1REP-GC

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
B1REP-GC NKK-B1REP-GC Datasheet
250Kb / 8P
   General Specifications
More results

Similar Description - B1REP-GC

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com