Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMPSH-3A Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # CMPSH-3A
Description  Schottky Barrier Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

CMPSH-3A Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  CMPSH-3A Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd CMPSH-3A Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Reverse Breakdown Voltage
V(BR)
30
V
IR=100μA
VF1
0.29
0.33
V
IF=2.0mA
VF2
0.40
0.45
V
IF=15mA
Forward voltage
VF3
0.74
1.00
V
IF=100mA
Reverse current
IR
90
25
500
100
nA
μA
VR=25V
VR=25V TA=100℃
Diode Capacitanc
CD
7.0
pF
VR=1V,f=1MHz
Reverse Recovery Time
trr
5
ns
IF=IR=10mA
Irr=0.1XIR,RL=100Ω
CMPSH-3/A/C/S
Schottky Barrier Diode
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - CMPSH-3A

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPSH-3A CENTRAL-CMPSH-3A Datasheet
79Kb / 2P
   SCHOTTKY DIODES
logo
SeCoS Halbleitertechnol...
CMPSH-3A SECOS-CMPSH-3A Datasheet
100Kb / 2P
   Surface Mount Schottky Barrier Rectifiers Array
logo
Rectron Semiconductor
CMPSH-3A RECTRON-CMPSH-3A Datasheet
296Kb / 2P
   SOT-23 PLASTIC-ENCAPSULATE SCHOTTKY DIODE
logo
Central Semiconductor C...
CMPSH-3A CENTRAL-CMPSH-3A Datasheet
588Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY DIODES
logo
Micro Commercial Compon...
CMPSH-3A MCC-CMPSH-3A Datasheet
172Kb / 3P
   350mW 30Volt Switching Diode
More results

Similar Description - CMPSH-3A

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com