Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BY254 Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # BY254
Description  3.0 AMP. Silicon Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

BY254 Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  BY254 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd BY254 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES (BY251 THRU BY255)
FIG.4- TYPICAL JUNCTION CAPACITANCE
100
50
10
1
5
1
100
50
5
10
REVERSE VOLTAGE. (V)
Tj=25 C
0
FIG.1- MAXIMUM FORWARD CURRENT
DERATING CURVE
25
0
50
75
100
125
150
175
2
3
0
1
4
AMBIENT TEMPERATURE. ( C)
o
Single Phase
Half Wave 60Hz
Resistive or
Inductive Load
0.375" (9.5mm)
Lead Length
FIG.2- TYPICAL REVERSE CHARACTERISTICS
0
20
40
60
80
100
120
140
0.01
0.1
100
1
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
Tj=25 C
0
Tj=125 C
0
FORWARD VOLTAGE. (V)
FIG.5- TYPICAL FORWARD
CHARACTERISTICS
1.8
1.6
0.6
0.4
0.8
1.0
1.2
1.4
0.01
100
30
3
10
1
0.03
0.1
Tj=25 C
Pulse Width=300 s
1% Duty Cycle
o
FIG.3- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT PER LEG
0
2
5
10
20
100
50
150
120
60
0
NUMBER OF CYCLES AT 60Hz
8.3ms Single Half Sine Wave
PER LEG. (JEDEC Method)
Tj=Tj max.
90
30
BY251-BY255
3.0 AMP. Silicon Rectifiers
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - BY254

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
BY254 DIOTEC-BY254 Datasheet
94Kb / 2P
   Standard Recovery Rectifier Diodes
logo
Pan Jit International I...
BY254 PANJIT-BY254 Datasheet
67Kb / 2P
   MEDIUM CURRENT PLASTIC RECTIFIER(VOLTAGE - 200 to 1300 Volts CURRENT - 3.0 Amperes)
logo
Diotec Semiconductor
BY254 DIOTEC-BY254 Datasheet
63Kb / 2P
   Si-Rectifiers - Si-Gleichrichter
logo
EIC discrete Semiconduc...
BY254 EIC-BY254 Datasheet
47Kb / 2P
   SILICON RECTIFIER DIODES
logo
Diode Semiconductor Kor...
BY254 DSK-BY254 Datasheet
275Kb / 3P
   PLASTIC SILICON RECTIFIERS
More results

Similar Description - BY254

ManufacturerPart #DatasheetDescription
logo
Shenzhen Yixinwei Techn...
1N5408 YIXIN-1N5408 Datasheet
276Kb / 2P
   3.0 AMP SILICON RECTIFIERS
logo
UNIOHM CORPORATION
1N5400 UNIOHM-1N5400 Datasheet
66Kb / 2P
   3.0 AMP SILICON RECTIFIERS
logo
Goodwork Semiconductor ...
1N5400 GWSEMI-1N5400 Datasheet
65Kb / 2P
   3.0 AMP SILICON RECTIFIERS
logo
Shenzhen Luguang Electr...
1N5400 LUGUANG-1N5400 Datasheet
177Kb / 2P
   3.0 AMP. Silicon Rectifiers
logo
Bytes
1N5400 BYTES-1N5400 Datasheet
151Kb / 2P
   3.0 AMP SILICON RECTIFIERS
logo
SeCoS Halbleitertechnol...
1N5400 SECOS-1N5400_15 Datasheet
259Kb / 2P
   3.0 AMP Silicon Rectifiers
logo
Nanjing International G...
1N5400 DGNJDZ-1N5400 Datasheet
240Kb / 2P
   3.0 AMP SILICON RECTIFIERS
logo
Formosa MS
1N5400 FORMOSA-1N5400 Datasheet
32Kb / 2P
   3.0 AMP SILICON RECTIFIERS
logo
Bytes
BY251 BYTES-BY251 Datasheet
150Kb / 2P
   3.0 AMP SILICON RECTIFIERS
logo
Shenzhen Luguang Electr...
1N5400 LUGUANG-1N5400_17 Datasheet
1Mb / 2P
   3.0 AMP. Silicon Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com