Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

008383060009010 Datasheet(PDF) 1 Page - AVX Corporation

Part # 008383060009010
Description  High Temperature Box Header
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

008383060009010 Datasheet(HTML) 1 Page - AVX Corporation

  008383060009010 Datasheet HTML 1Page - AVX Corporation 008383060009010 Datasheet HTML 2Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
20
High Temperature Box Header
Series 8383
00
Connector Code
Prefix
00 = Standard
Connector
Assembly
8383
Series Number
050
Number of
Contacts
010 = 10 position
014 = 14 position
016 = 16 position
020 = 20 position
026 = 26 position
034 = 34 position
040 = 40 position
050 = 50 position
060 = 60 position
064 = 64 position
000
Contact Variation
000 = Solder PC
Straight
(1.60mm
PCB) Length
2.90mm
001 = Solder PC
Right Angle
(2.40mm
PCB) Length
3.70mm
002 = Solder PC
Right Angle
(1.6mm PCB)
Length
2.90mm
003 = Solder
PC Straight
(2.40mm
PCB) Length
3.70mm
009 = Press Fit
contact for
2.4/3.2mm
PCB or
contact length
4.5mm
0
Clip Variation
0 = No Clip
1
Plating Variation
1 = 30µ" Gold
over Nickel
4 = 10µ" Gold
over Nickel
0
Polarization
0 = No Polarizing
ORDERING CODE
Series 8383 box headers are designed to be suitable
for applications using either infra red or vapor phase
equipment. These connectors are designed to mate
with Series 8290 IDC sockets as well as other industry
compatible connectors.
Termination Type:
Plated Through Hole
Termination Pitch:
0.100" (2.54mm)
Material:
Housing - UL94VO rated high thermal
resistant nylon
Contact - Brass
Contact Plating:
Gold over nickel
Contact Resistance:
Initially 10 milliohms maximum
Current Rating:
1 ampere at 70ºC maximum ambient
Insulation Resistance:
>1000 megohms
Voltage Rating:
350V DC or AC peak
Heat Deflection Temperature:
285ºC
TECHNICAL SPECIFICATION


Similar Part No. - 008383060009010

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
008380010000010 AVX-008380010000010 Datasheet
51Kb / 2P
   UL94VO rated glass filled grey polyester
008380010000010 AVX-008380010000010 Datasheet
95Kb / 2P
   Low Profile Box Header
008380010000012 AVX-008380010000012 Datasheet
95Kb / 2P
   Low Profile Box Header
008380010000040 AVX-008380010000040 Datasheet
95Kb / 2P
   Low Profile Box Header
008380010000042 AVX-008380010000042 Datasheet
95Kb / 2P
   Low Profile Box Header
More results

Similar Description - 008383060009010

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
8383 AVX-8383 Datasheet
99Kb / 2P
   High Temperature Box Header
logo
Adam Technologies, Inc.
BHR-XX-VUA-30 ADAM-TECH-BHR-XX-VUA-30 Datasheet
121Kb / 1P
   BOX HEADER
BHR-XX-VUA-ML ADAM-TECH-BHR-XX-VUA-ML Datasheet
89Kb / 1P
   BOX HEADER
BHR-XX-VUA-ML-HT ADAM-TECH-BHR-XX-VUA-ML-HT Datasheet
88Kb / 1P
   BOX HEADER
BHRE-XX-VSG-165-765-10 ADAM-TECH-BHRE-XX-VSG-165-765-10 Datasheet
81Kb / 1P
   BOX HEADER
BHR-XX-HSGA ADAM-TECH-BHR-XX-HSGA Datasheet
85Kb / 1P
   BOX HEADER
BHR-XX-HUA ADAM-TECH-BHR-XX-HUA Datasheet
83Kb / 1P
   BOX HEADER
BHR-XX-VSGA-SMT ADAM-TECH-BHR-XX-VSGA-SMT Datasheet
89Kb / 1P
   BOX HEADER
BHR-XX-VTA ADAM-TECH-BHR-XX-VTA Datasheet
82Kb / 1P
   BOX HEADER
BHR-XX-VU-171 ADAM-TECH-BHR-XX-VU-171 Datasheet
81Kb / 1P
   BOX HEADER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com