Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAT54J Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # BAT54J
Description  Schottky Barrier Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

BAT54J Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  BAT54J Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd BAT54J Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd BAT54J Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTICS @ Ta=25
℃ unless otherwise specified
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
VF1
IF=0.1mA
240
mV
VF2
IF=1.0mA
320
mV
VF3
IF=10mA
400
mV
VF4
IF=30mA
500
mV
Forward voltage
VF5
IF=100mA
900
mV
VR=30V
Tj=25℃
1
μA
Reverse leakage current
IR
VR=30V
Tj=100℃
100
μA
Reverse recovery time
trr
IF=10mA,IR=10mA
to 1mA RL=100Ω
5.0
ns
Junction capacitance
CJ
VR=1.0V,f=1.0MHz
10
pF
TYPICAL CHARACTERISTICS @ Ta=25
℃ unless otherwise specified
BAT54J
Schottky Barrier Diode
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - BAT54J

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BAT54J STMICROELECTRONICS-BAT54J Datasheet
52Kb / 5P
   SMALL SIGNAL SCHOTTKY DIODE
logo
NXP Semiconductors
BAT54J NXP-BAT54J Datasheet
50Kb / 8P
   Schottky barrier single diode
Rev. 01 - 8 March 2007
logo
Shanghai Shunye Electro...
BAT54J SHUNYE-BAT54J Datasheet
370Kb / 4P
   Schottky Barrier Diode
logo
Galaxy Semi-Conductor H...
BAT54J BILIN-BAT54J Datasheet
237Kb / 4P
   Schottky Barrier Diode
logo
Foshan Blue Rocket Elec...
BAT54J FOSHAN-BAT54J Datasheet
736Kb / 6P
   Schottky Diode in a SOD-323 Plastic Package
More results

Similar Description - BAT54J

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com