Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

308016984300000 Datasheet(PDF) 8 Page - AVX Corporation

Part # 308016984300000
Description  Series 8016 . .075" x .130" x .150" Grid Pattern
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

308016984300000 Datasheet(HTML) 8 Page - AVX Corporation

Back Button 308016984300000 Datasheet HTML 4Page - AVX Corporation 308016984300000 Datasheet HTML 5Page - AVX Corporation 308016984300000 Datasheet HTML 6Page - AVX Corporation 308016984300000 Datasheet HTML 7Page - AVX Corporation 308016984300000 Datasheet HTML 8Page - AVX Corporation 308016984300000 Datasheet HTML 9Page - AVX Corporation 308016984300000 Datasheet HTML 10Page - AVX Corporation 308016984300000 Datasheet HTML 11Page - AVX Corporation 308016984300000 Datasheet HTML 12Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
21
Varicon®
Series 8016 Covers
Part Number
For Size
Hardware
Cable
Clamp
Size
Threads
Entance
Type
mm (inches)
30 8016 9829 00 000
20
Metric
Side
Standard
11.53 (0.454) Dia
30 8016 9831 00 000
20
Metric
Top
Standard
11.53 (0.454) Dia
30 8016 0200 00 415
20
UNC
45
Standard
5 x 10 (0.197 x 0.394) min
30 8016 9821 00 000
38
Metric
Side
Standard
16.51 x 12.70 (0.650 x 0.500)
30 8016 9822 00 000
38
Metric
Top
Standard
16.51 x 12.70 (0.650 x 0.500)
30 8016 9825 00 000
38
Metric
Side
Large
16.51 x 15.44 (0.650 x 0.608)
30 8016 9826 00 000
38
Metric
Top
Large
16.51 x 15.44 (0.650 x 0.608)
30 8016 9838 00 000
38
Metric
Side
Ex-Large
20.83 x 15.60 (0.820 x 0.614)
30 8016 9839 00 000
38
Metric
Top
Ex-Large
20.83 x 15.60 (0.820 x 0.614)
30 8016 0560 00 413
56
UNC
Top/Side
Standard
6 x 14 (0.236 x 0.551) min
30 8016 0560 00 415
56
UNC
45
Standard
6 x 14 (0.236 x 0.551) min
30 8016 9832 00 000
90
Metric
Side
Large
20.32 (0.800) Dia
30 8016 9833 00 000
90
Metric
Top
Large
20.32 (0.800) Dia
30 8016 9843 00 000
90
Metric
Side
Ex-Large
25.40 x 20.32 (1.00 x 0.800)
30 8016 9844 00 000
90
Metric
Top
Ex-Large
25.40 x 20.32 (1.00 x 0.800)
30 8016 9834 00 000
120
Metric
Side
Large
20.32 x 27.43 (0.800 x 1.080)
30 8016 9835 00 000
120
Metric
Top
Large
20.32 x 27.43 (0.800 x 1.080)


Similar Part No. - 308016984300000

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
3080 HONEYWELL-3080 Datasheet
161Kb / 8P
   Industrial VRS Magnetic Speed Sensors
logo
Alpha Wire
3080 ALPHAWIRE-3080 Datasheet
70Kb / 3P
   Customer Specification
logo
Heyco.
3080 HEYCO-3080 Datasheet
117Kb / 1P
   Pry Out Plugs
logo
Laird Tech Smart Techno...
3080-500 LSTD-3080-500 Datasheet
340Kb / 1P
   SILVER PLATED STRETCH FABRIC WITH ANTI-TARNISH COATING
logo
TE Connectivity Ltd
3080-D1-A-X TEC-3080-D1-A-X Datasheet
5Mb / 8P
   M.2 (NGFF) Connectors
01/2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com