Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6458UKD0A-T Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX6458UKD0A-T
Description  High-Voltage, Low-Current Voltage Monitors in SOT Packages
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6458UKD0A-T Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX6458UKD0A-T Datasheet HTML 1Page - Maxim Integrated Products MAX6458UKD0A-T Datasheet HTML 2Page - Maxim Integrated Products MAX6458UKD0A-T Datasheet HTML 3Page - Maxim Integrated Products MAX6458UKD0A-T Datasheet HTML 4Page - Maxim Integrated Products MAX6458UKD0A-T Datasheet HTML 5Page - Maxim Integrated Products MAX6458UKD0A-T Datasheet HTML 6Page - Maxim Integrated Products MAX6458UKD0A-T Datasheet HTML 7Page - Maxim Integrated Products MAX6458UKD0A-T Datasheet HTML 8Page - Maxim Integrated Products MAX6458UKD0A-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
High-Voltage, Low-Current Voltage Monitors in
SOT Packages
3
Note 1: Devices are production tested at TA = +25°C. Overtemperature limits are guaranteed by design.
Note 2: IN voltage monitoring requires that VCC ≥ 4V, but OUT remains asserted in the correct undervoltage lockout state for VCC
down to 1.5V.
Note 3: Startup time is the time required for the internal regulator and reference to reach specified accuracy after the monitor is
powered up from GND.
Note 4: The open-drain output can be pulled up to a voltage greater than VCC but cannot exceed +28V.
ELECTRICAL CHARACTERISTICS (continued)
(VCC = 4V to 28V, TA = -40°C to +125°C, unless otherwise specified. Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
≥ 1.5V, ISINK = 250µA, OUT asserted,
TA = -40°C to +85°C
0.4
Output Voltage Low
VOL
VCC
≥ 4.0V, ISINK = 1mA, OUT asserted,
TA = -40°C to +125°C
0.4
V
Output Leakage Current
ILKG
VCC = 5V, VOUT = 28V (Note 4)
500
nA
Output Short-Circuit Sink
ISC
OUT asserted, OUT = VCC
10
mA
MAX6460
Reference Short-Circuit Current
REF = GND
7
mA
TA = -40°C to +85°C
2.183
2.25
2.303
Reference Output Voltage
VREF
TA = +85°C to +125°C
2.171
2.25
2.303
V
Load Regulation
Sourcing: 0
≤ IREF ≤ 100µA,
sinking: 0
≤ |IREF| ≤ 300nA
50
µV/µA
Input Offset Voltage
VOFFSET
-4.5
+4.5
mV
Input Hysteresis
6mV
Input Bias Current
IBIAS
VIN+ = 1.4V, VIN- = 1V
-25
+25
nA
Input Offset Current
IOFFSET
2pA
Common-Mode Voltage Range
CMVR
0
1.4
V
Common-Mode Rejection Ratio
CMRR
80
dB
Comparator Power-Supply
Rejection Ratio
PSRR
VIN+ = VIN- = 1.4V
80
dB


Similar Part No. - MAX6458UKD0A-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6458UKD0A-T MAXIM-MAX6458UKD0A-T Datasheet
219Kb / 15P
   High-Voltage, Low-Current Voltage Monitors in SOT Packages
Rev 6; 12/12
MAX6458UKD0A-T MAXIM-MAX6458UKD0A-T Datasheet
184Kb / 15P
   High-Voltage, Low-Current Voltage Monitors in SOT Packages
Rev 6; 12/12
More results

Similar Description - MAX6458UKD0A-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6457 MAXIM-MAX6457_09 Datasheet
174Kb / 15P
   High-Voltage, Low-Current Voltage Monitors in SOT Packages
Rev 4; 3/09
MAX6459UTC MAXIM-MAX6459UTC Datasheet
184Kb / 15P
   High-Voltage, Low-Current Voltage Monitors in SOT Packages
Rev 6; 12/12
MAX6459UTB MAXIM-MAX6459UTB Datasheet
219Kb / 15P
   High-Voltage, Low-Current Voltage Monitors in SOT Packages
Rev 6; 12/12
MAX6457 MAXIM-MAX6457 Datasheet
270Kb / 15P
   High-Voltage, Low-Current Voltage Monitors in SOT Packages
Rev 1; 6/03
MAX6709 MAXIM-MAX6709_05 Datasheet
318Kb / 13P
   Low-Voltage, High-Accuracy, Quad Voltage Monitors in μMAX Package
Rev 1; 12/05
MAX6714DUB MAXIM-MAX6714DUB Datasheet
318Kb / 13P
   Low-Voltage, High-Accuracy, Quad Voltage Monitors in μMAX Package
Rev 1; 12/05
logo
Microchip Technology
TC1219 MICROCHIP-TC1219 Datasheet
482Kb / 16P
   Switched Capacitor Voltage Converters with Shutdown in SOT Packages
2002
TC1221ECHTR MICROCHIP-TC1221ECHTR Datasheet
469Kb / 16P
   High Frequency Switched Capacitor Voltage Converters with Shutdown in SOT Packages
03/01/02
TC1221 MICROCHIP-TC1221_14 Datasheet
193Kb / 16P
   High-Frequency Switched Capacitor Voltage Converters with Shutdown in SOT Packages
03/25/14
TC1221 MICROCHIP-TC1221 Datasheet
462Kb / 16P
   High Frequency Switched Capacitor Voltage Converters with Shutdown in SOT Packages
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com