Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B0520LWS Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # B0520LWS
Description  Schottky Barrier Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

B0520LWS Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  B0520LWS Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd B0520LWS Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS @ Ta=2
5℃ unless otherwise specified
Characteristic
Symbol
B0520LW
B0530W
B0540W
Unit
Test Conditions
Minimum Reverse
Breakdown Voltage
V(BR)R
20
-
-
-
30
-
-
-
40
V
IR= 250μA
IR= 130μA
IR= 20μA
Maximum Forward Voltage
Drop
VFM
0.300
0.385
-
0.375
0.430
-
-
0.510
0.620
V
IF = 0.1A,
IF = 0.5A,
IF = 1.0A,
Maximum Leakage Current
IRM
75
-
250
-
-
-
20
-
130
-
-
-
10
-
20
μA
VR = 10V,
VR = 15V,
VR = 20V,
VR = 30V,
VR = 40V,
Reverse Recovery Time
trr
4
ns
IF=IR=10mA
Irr=0.1XIR,RL=100Ω
Junction Capacitance
CJ
170
pF
f = 1MHz, VR = 0V DC
TYPICAL CHARACTERISTICS @ Ta=25
℃ unless otherwise specified
B0520WS/B0530WS/B0540WS
Schottky Barrier Diode
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - B0520LWS

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
B0520LWS WEITRON-B0520LWS Datasheet
209Kb / 3P
   Surface Mount Schottky Barrier Diode
B0520LWS WEITRON-B0520LWS Datasheet
1Mb / 3P
   Surface Mount Schottky Barrier Diode
logo
Microdiode Electronics ...
B0520LWS CHENDA-B0520LWS Datasheet
444Kb / 3P
   Schottky Barrier Diode
logo
Diode Semiconductor Kor...
B0520LWS DSK-B0520LWS Datasheet
368Kb / 3P
   Schottky Barrier Diode
logo
Galaxy Semi-Conductor H...
B0520LWS BILIN-B0520LWS Datasheet
246Kb / 4P
   Schottky Barrier Diode
More results

Similar Description - B0520LWS

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com