Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6457UKD3A-T Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX6457UKD3A-T
Description  High-Voltage, Low-Current Voltage Monitors in SOT Packages
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6457UKD3A-T Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX6457UKD3A-T Datasheet HTML 5Page - Maxim Integrated Products MAX6457UKD3A-T Datasheet HTML 6Page - Maxim Integrated Products MAX6457UKD3A-T Datasheet HTML 7Page - Maxim Integrated Products MAX6457UKD3A-T Datasheet HTML 8Page - Maxim Integrated Products MAX6457UKD3A-T Datasheet HTML 9Page - Maxim Integrated Products MAX6457UKD3A-T Datasheet HTML 10Page - Maxim Integrated Products MAX6457UKD3A-T Datasheet HTML 11Page - Maxim Integrated Products MAX6457UKD3A-T Datasheet HTML 12Page - Maxim Integrated Products MAX6457UKD3A-T Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Hysteresis
Hysteresis adds noise immunity to the voltage monitors
and prevents oscillation due to repeated triggering
when VIN is near the threshold trip voltage. The hystere-
sis in a comparator creates two trip points: one for the
rising input voltage (VTH+) and one for the falling input
voltage (VTH-). These thresholds are shown in Figure 6.
The internal hysteresis options of the MAX6457/
MAX6458/MAX6459 are designed to eliminate the need
for adding an external hysteresis circuit.
Timeout Period
The timeout period (tTP) for the MAX6457 is the time
from when the input (IN+) crosses the rising input
threshold (VTH+) to when the output goes high (see
Figures 6 and 7). For the MAX6458, the monitored volt-
age must be in the “window” before the timeout starts.
The MAX6459 and MAX6460 do not offer the extended
timeout option (150ms). The extended timeout period is
suitable for overvoltage protection applications requir-
ing transient immunity to avoid false output assertion
due to noise spikes.
Latched-Output Operation
The MAX6457 features a digital latch input (CLEAR) to
latch any overvoltage event. If the voltage on IN+ (VIN+)
is below the internal threshold (VTH-), or if VCC is below
4V, OUT remains low regardless of the state of CLEAR.
Drive CLEAR high to latch OUT high when VIN+ exceeds
VTH+. When CLEAR is high, OUT does not deassert if
VIN+ drops back below VIN-. Toggle CLEAR to deassert
OUT. Drive CLEAR low to make the latch transparent
(Figure 7). CLEAR must be low when powering up the
MAX6457. To initiate self-clear at power-up, add a 100k
pullup resistor from CLEAR to VCC and a 1µF capacitor
from CLEAR to GND to hold CLEAR low. Connect
CLEAR to GND when not used. See Figure 9.
High-Voltage, Low-Current Voltage Monitors in
SOT Packages
9
IN+
OUT
>VTH+
<VTH-
VCC
VCC
0
0
tTP
tTP
tTP
CLEAR
Figure 7. Timing Diagram (MAX6457)
5-CELL
Li+
BATTERY
STACK
BATTERY
CHARGER
DC-DC
CONVERTER
LOAD
R1
R2
RPULLUP
IN
OUT
+21V
VCC
GND
IN+
OUT
(OUTA FOR
MAX6459)
MAX6457–
MAX6460
SHDN
Figure 8. Undervoltage Lockout Typical Application Circuit


Similar Part No. - MAX6457UKD3A-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6457UKD3A-T MAXIM-MAX6457UKD3A-T Datasheet
219Kb / 15P
   High-Voltage, Low-Current Voltage Monitors in SOT Packages
Rev 6; 12/12
MAX6457UKD3A-T MAXIM-MAX6457UKD3A-T Datasheet
184Kb / 15P
   High-Voltage, Low-Current Voltage Monitors in SOT Packages
Rev 6; 12/12
More results

Similar Description - MAX6457UKD3A-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6457 MAXIM-MAX6457_09 Datasheet
174Kb / 15P
   High-Voltage, Low-Current Voltage Monitors in SOT Packages
Rev 4; 3/09
MAX6459UTC MAXIM-MAX6459UTC Datasheet
184Kb / 15P
   High-Voltage, Low-Current Voltage Monitors in SOT Packages
Rev 6; 12/12
MAX6459UTB MAXIM-MAX6459UTB Datasheet
219Kb / 15P
   High-Voltage, Low-Current Voltage Monitors in SOT Packages
Rev 6; 12/12
MAX6457 MAXIM-MAX6457 Datasheet
270Kb / 15P
   High-Voltage, Low-Current Voltage Monitors in SOT Packages
Rev 1; 6/03
MAX6709 MAXIM-MAX6709_05 Datasheet
318Kb / 13P
   Low-Voltage, High-Accuracy, Quad Voltage Monitors in μMAX Package
Rev 1; 12/05
MAX6714DUB MAXIM-MAX6714DUB Datasheet
318Kb / 13P
   Low-Voltage, High-Accuracy, Quad Voltage Monitors in μMAX Package
Rev 1; 12/05
logo
Microchip Technology
TC1219 MICROCHIP-TC1219 Datasheet
482Kb / 16P
   Switched Capacitor Voltage Converters with Shutdown in SOT Packages
2002
TC1221ECHTR MICROCHIP-TC1221ECHTR Datasheet
469Kb / 16P
   High Frequency Switched Capacitor Voltage Converters with Shutdown in SOT Packages
03/01/02
TC1221 MICROCHIP-TC1221_14 Datasheet
193Kb / 16P
   High-Frequency Switched Capacitor Voltage Converters with Shutdown in SOT Packages
03/25/14
TC1221 MICROCHIP-TC1221 Datasheet
462Kb / 16P
   High Frequency Switched Capacitor Voltage Converters with Shutdown in SOT Packages
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com