Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6457UKD0A-T Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX6457UKD0A-T
Description  High-Voltage, Low-Current Voltage Monitors in SOT Packages
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6457UKD0A-T Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX6457UKD0A-T Datasheet HTML 4Page - Maxim Integrated Products MAX6457UKD0A-T Datasheet HTML 5Page - Maxim Integrated Products MAX6457UKD0A-T Datasheet HTML 6Page - Maxim Integrated Products MAX6457UKD0A-T Datasheet HTML 7Page - Maxim Integrated Products MAX6457UKD0A-T Datasheet HTML 8Page - Maxim Integrated Products MAX6457UKD0A-T Datasheet HTML 9Page - Maxim Integrated Products MAX6457UKD0A-T Datasheet HTML 10Page - Maxim Integrated Products MAX6457UKD0A-T Datasheet HTML 11Page - Maxim Integrated Products MAX6457UKD0A-T Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Detailed Description
Each of the MAX6457–MAX6460 high-voltage (4V to
28V), low-power voltage monitors include a precision
bandgap reference, one or two low-offset-voltage com-
parators, internal threshold hysteresis, internal timeout
period, and one or two high-voltage open-drain outputs.
Programming the Trip Voltage (VTRIP)
Two external resistors set the trip voltage, VTRIP (Figure 5).
VTRIP is the point at which the applied voltage (typically
VCC) toggles OUT. The MAX6457/MAX6458/MAX6459/
MAX6460’s high input impedance allows large-value
resistors without compromising trip-voltage accuracy.
To minimize current consumption, select a value for R2
between 10k
Ω and 1MΩ, then calculate R1 as follows:
where VTRIP = desired trip voltage (in volts), VTH =
threshold trip voltage (VTH+ for overvoltage detection
or VTH- for undervoltage detection).
Use the MAX6460 voltage reference (REF) to set the
trip threshold by connecting IN+ or IN- through a volt-
age divider (within the inputs common-mode voltage
range) to REF. Do not connect REF directly to IN+ or
IN- since this violates the input common-mode voltage
range. Small leakage currents into the comparators
inputs allows use of large value resistors to prevent
loading the reference and affecting its accuracy. Figure
5b shows an active-high power-good output. Use the
following equation to determine the resistor values
when connecting REF to IN-:
where VREF = reference output voltage (2.25V, typ),
VREFD = divided reference, VTRIP = desired trip thresh-
old in (in volts).
For an active-low power-good output, connect the
resistor divider R1 and R2 to the inverting input and the
reference-divider network to the noninverting input.
Alternatively, connect an external reference less than
1.4V to either input.
RR
V
V
TRIP
REFD
12
1
=−
⎝⎜
⎠⎟
VV
R
RR
REFD
REF
=
+
⎝⎜
⎠⎟
4
34
RR
V
V
TRIP
TH
12
1
=
⎝⎜
⎠⎟
-
High-Voltage, Low-Current Voltage Monitors in
SOT Packages
8
VCC
IN+
GND
OUT
(OUTA FOR
MAX6459)
R1
VCC
R2
RPULLUP
OUT
(OUTA)
MAX6457–
MAX6460
VTRIP = VTH
R1 + R2
R2
Figure 5a. Programming the Trip Voltage
VCC
IN+
REF
IN-
GND
R1
VTRIP
VREFD
R2
R3
R4
RPULLUP
OUT
OUT
MAX6460
Figure 5b. Programming the MAX6460 Trip Voltage
VTH+
VTH-
VIN+
VOUT
0
VCC
VHYST
tTP
tTP
Figure 6. Input and Output Waveforms (Noninverting Input Varied)


Similar Part No. - MAX6457UKD0A-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6457UKD0A-T MAXIM-MAX6457UKD0A-T Datasheet
219Kb / 15P
   High-Voltage, Low-Current Voltage Monitors in SOT Packages
Rev 6; 12/12
MAX6457UKD0A-T MAXIM-MAX6457UKD0A-T Datasheet
184Kb / 15P
   High-Voltage, Low-Current Voltage Monitors in SOT Packages
Rev 6; 12/12
More results

Similar Description - MAX6457UKD0A-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6457 MAXIM-MAX6457_09 Datasheet
174Kb / 15P
   High-Voltage, Low-Current Voltage Monitors in SOT Packages
Rev 4; 3/09
MAX6459UTC MAXIM-MAX6459UTC Datasheet
184Kb / 15P
   High-Voltage, Low-Current Voltage Monitors in SOT Packages
Rev 6; 12/12
MAX6459UTB MAXIM-MAX6459UTB Datasheet
219Kb / 15P
   High-Voltage, Low-Current Voltage Monitors in SOT Packages
Rev 6; 12/12
MAX6457 MAXIM-MAX6457 Datasheet
270Kb / 15P
   High-Voltage, Low-Current Voltage Monitors in SOT Packages
Rev 1; 6/03
MAX6709 MAXIM-MAX6709_05 Datasheet
318Kb / 13P
   Low-Voltage, High-Accuracy, Quad Voltage Monitors in μMAX Package
Rev 1; 12/05
MAX6714DUB MAXIM-MAX6714DUB Datasheet
318Kb / 13P
   Low-Voltage, High-Accuracy, Quad Voltage Monitors in μMAX Package
Rev 1; 12/05
logo
Microchip Technology
TC1219 MICROCHIP-TC1219 Datasheet
482Kb / 16P
   Switched Capacitor Voltage Converters with Shutdown in SOT Packages
2002
TC1221ECHTR MICROCHIP-TC1221ECHTR Datasheet
469Kb / 16P
   High Frequency Switched Capacitor Voltage Converters with Shutdown in SOT Packages
03/01/02
TC1221 MICROCHIP-TC1221_14 Datasheet
193Kb / 16P
   High-Frequency Switched Capacitor Voltage Converters with Shutdown in SOT Packages
03/25/14
TC1221 MICROCHIP-TC1221 Datasheet
462Kb / 16P
   High Frequency Switched Capacitor Voltage Converters with Shutdown in SOT Packages
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com