Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCM69P817ZP3R Datasheet(PDF) 9 Page - Motorola, Inc

Part # MCM69P817ZP3R
Description  256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM69P817ZP3R Datasheet(HTML) 9 Page - Motorola, Inc

Back Button MCM69P817ZP3R Datasheet HTML 5Page - Motorola, Inc MCM69P817ZP3R Datasheet HTML 6Page - Motorola, Inc MCM69P817ZP3R Datasheet HTML 7Page - Motorola, Inc MCM69P817ZP3R Datasheet HTML 8Page - Motorola, Inc MCM69P817ZP3R Datasheet HTML 9Page - Motorola, Inc MCM69P817ZP3R Datasheet HTML 10Page - Motorola, Inc MCM69P817ZP3R Datasheet HTML 11Page - Motorola, Inc MCM69P817ZP3R Datasheet HTML 12Page - Motorola, Inc MCM69P817ZP3R Datasheet HTML 13Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
MCM69P817
9
MOTOROLA FAST SRAM
OUTPUT
Z0 = 50 Ω
RL = 50 Ω
1.5 V
Figure 2. AC Test Load
2.4
INPUT
WAVEFORM
tr
TEST POINT
OUTPUT
BUFFER
2.4
0.4
0.4
OUTPUT
WAVEFORM
OUTPUT LOAD
tf
UNLOADED RISE AND FALL TIME MEASUREMENT
NOTES:
1. Input waveform has a slew rate of 1 V/ns.
2. Rise time is measured from 0.4 to 2.4 V unloaded.
3. Fall time is measured from 2.4 to 0.4 V unloaded.
Figure 3. Unloaded Rise and Fall Time Characterization
2.4
2.4
0.4
0.4


Similar Part No. - MCM69P817ZP3R

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM69P818 MOTOROLA-MCM69P818 Datasheet
179Kb / 16P
   256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P818ZP3.5 MOTOROLA-MCM69P818ZP3.5 Datasheet
179Kb / 16P
   256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P818ZP3.5R MOTOROLA-MCM69P818ZP3.5R Datasheet
179Kb / 16P
   256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P818ZP3.8 MOTOROLA-MCM69P818ZP3.8 Datasheet
179Kb / 16P
   256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P818ZP3.8R MOTOROLA-MCM69P818ZP3.8R Datasheet
179Kb / 16P
   256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
More results

Similar Description - MCM69P817ZP3R

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM69P819 MOTOROLA-MCM69P819 Datasheet
274Kb / 20P
   256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P818 MOTOROLA-MCM69P818 Datasheet
179Kb / 16P
   256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P618C MOTOROLA-MCM69P618C Datasheet
205Kb / 12P
   64K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P736 MOTOROLA-MCM63P736 Datasheet
315Kb / 20P
   128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P737K MOTOROLA-MCM63P737K Datasheet
395Kb / 20P
   128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P837 MOTOROLA-MCM63P837 Datasheet
719Kb / 30P
   256K x 36 and 512K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69F817 MOTOROLA-MCM69F817 Datasheet
175Kb / 16P
   256K x 18 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM69F819 MOTOROLA-MCM69F819 Datasheet
274Kb / 20P
   256K x 18 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM63P733A MOTOROLA-MCM63P733A Datasheet
238Kb / 16P
   128K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P531 MOTOROLA-MCM63P531 Datasheet
334Kb / 16P
   32K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com