Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4401 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4401
Description  Single/Dual/Quad, Low-Cost, Single-Supply Rail-to-Rail Op Amps with Shutdown
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4401 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4401 Datasheet HTML 1Page - Maxim Integrated Products MAX4401 Datasheet HTML 2Page - Maxim Integrated Products MAX4401 Datasheet HTML 3Page - Maxim Integrated Products MAX4401 Datasheet HTML 4Page - Maxim Integrated Products MAX4401 Datasheet HTML 5Page - Maxim Integrated Products MAX4401 Datasheet HTML 6Page - Maxim Integrated Products MAX4401 Datasheet HTML 7Page - Maxim Integrated Products MAX4401 Datasheet HTML 8Page - Maxim Integrated Products MAX4401 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Total Harmonic Distortion
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +5V, VSS = 0V, VCM = 0V, VOUT = VDD/2, RL = ∞ connected to VDD/2, SHDN = VDD (MAX4401 only), TA = +25°C, unless
otherwise noted.)
ELECTRICAL CHARACTERISTICS
(VDD = +5V, VSS = 0V, VCM = 0V, VOUT = VDD/2, RL = ∞ connected to VDD/2, TA = -40°C to +125°C, unless otherwise noted.) (Note 3)
Note 1: Shutdown mode is only available in the 6-pin SC70 single op amp (MAX4401).
Note 2: Guaranteed by design.
Note 3: Specifications are 100% tested at TA = +25°C (exceptions noted). All temperature limits are guaranteed by design.
RL = 100kΩ
RL = 2kΩ
CONDITIONS
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
VOUT = 2V step
(Note 1)
AV = +1V/V
f = 10kHz, VOUT =
2Vp-p, AV = +1V/V
f = 10kHz
f = 10kHz
(Note 1)
µs
7
tS
Settling Time to 0.1%
0.015
%
0.009
THD
Total Harmonic Distortion
pF
2.5
CIN
Input Capacitance
µs
5
tON
Power-On Time
µs
6
tEN
Enable Delay Time
µs
0.4
tSHDN
Shutdown Delay Time
pF
400
CLOAD
Capacitive-Load Stability
fA/
√Hz
1
in
Input Current Noise Density
nV/
√Hz
36
en
Input Voltage Noise Density
Single/Dual/Quad, Low-Cost, Single-Supply,
Rail-to-Rail Op Amps with Shutdown
3
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
V
2.5
5.5
Inferred from PSRR test
VDD
Supply Voltage Range
Supply Current per Amplifier
IDD
800
µA
mV
±6.5
±8.0
MAX4400/MAX4401
MAX4402/MAX4403
VOS
Input Offset Voltage
Input Offset Voltage Drift
TCVOS
±1
µV/°C
pA
±100
(Note 2)
IB
Input Bias Current
Input Offset Current
IOS
(Note 2)
±100
pA
V
VSS
VDD - 1.5
Inferred from CMRR test
VCM
Input Common-Mode Voltage
Range
Common-Mode Rejection Ratio
CMRR
VSS ≤ VCM ≤ VDD - 1.5V
65
dB
dB
74
2.5V
≤ VCC ≤ 5.5V
PSRR
Power-Supply Rejection Ratio
Shutdown Mode Output
Leakage
IOUTSHDN
Device in shutdown
mode, SHDN = VSS,
VSS < VOUT < VDD
(Note 1)
±1.0
±5.0
µA
V
0.3
 VDD
(Note 1)
VIL
SHDN Logic Low
SHDN Logic High
VIH
(Note 1)
0.7
 VDD
V
nA
±1000
SHDN = VDD or VSS (Notes 1, 2)
IIL, IIH
SHDN Input Current
Large-Signal Voltage Gain
AVOL
VSS + 0.3V ≤ VOUT ≤ VDD - 0.3V, RL = 2kΩ
85
dB
mV
250
mV
100
Specified as |VDD - VOH|, RL = 2kΩ
Specified as |VSS - VOL|, RL = 2kΩ
VOH
VOL
Output Voltage High
Output Voltage Low
VSS ≤ VCM ≤ VDD - 1.0V TA = -20°C to +125°C
50
TA = -40°C to +85°C
TA = +85°C to +125°C


Similar Part No. - MAX4401

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4401 MAXIM-MAX4401 Datasheet
298Kb / 12P
   Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
Rev 0; 1/00
MAX4401 MAXIM-MAX4401 Datasheet
178Kb / 10P
   Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
Rev 4; 7/12
MAX4401AXT+T MAXIM-MAX4401AXT+T Datasheet
2Mb / 13P
   Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
2019
MAX4401AXT-T MAXIM-MAX4401AXT-T Datasheet
298Kb / 12P
   Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
Rev 0; 1/00
MAX4401AXTT MAXIM-MAX4401AXTT Datasheet
178Kb / 10P
   Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
Rev 4; 7/12
More results

Similar Description - MAX4401

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4400AUK MAXIM-MAX4400AUK Datasheet
178Kb / 10P
   Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
Rev 4; 7/12
MAX4400 MAXIM-MAX4400 Datasheet
298Kb / 12P
   Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
Rev 0; 1/00
MAX4400 MAXIM-MAX4400_V01 Datasheet
2Mb / 13P
   Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
2019
MAX4480 MAXIM-MAX4480 Datasheet
471Kb / 13P
   Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
Rev 1; 1/01
MAX4480 MAXIM-MAX4480_12 Datasheet
288Kb / 10P
   Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
Rev 2; 10/12
MAX4480 MAXIM-MAX4480_V01 Datasheet
2Mb / 10P
   Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
2014
MAX4484 MAXIM-MAX4484 Datasheet
367Kb / 12P
   Single/Dual/Quad, Low-Cost, Single-Supply 7MHz, Rail-to-Rail Op Amps
Rev 0; 10/00
MAX4484 MAXIM-MAX4484_V01 Datasheet
1Mb / 8P
   Single/Dual/Quad, Low-Cost, Single-Supply 7MHz, Rail-to-Rail Op Amps
2020
MAX4330 MAXIM-MAX4330 Datasheet
176Kb / 16P
   Single/Dual/Quad, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps with Shutdown
Rev 3; 2/98
MAX4091 MAXIM-MAX4091 Datasheet
514Kb / 16P
   Single/Dual/Quad, Micropower, Single-Supply, Rail-to-Rail Op Amps
19-2272; Rev 0; 1/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com