Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5395NATA+T Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX5395NATA+T
Description  Single, 256-Tap Volatile, I2C, Low-Voltage Linear Taper Digital Potentiometer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5395NATA+T Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX5395NATA+T Datasheet HTML 3Page - Maxim Integrated Products MAX5395NATA+T Datasheet HTML 4Page - Maxim Integrated Products MAX5395NATA+T Datasheet HTML 5Page - Maxim Integrated Products MAX5395NATA+T Datasheet HTML 6Page - Maxim Integrated Products MAX5395NATA+T Datasheet HTML 7Page - Maxim Integrated Products MAX5395NATA+T Datasheet HTML 8Page - Maxim Integrated Products MAX5395NATA+T Datasheet HTML 9Page - Maxim Integrated Products MAX5395NATA+T Datasheet HTML 10Page - Maxim Integrated Products MAX5395NATA+T Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7
MAX5395
Single, 256-Tap Volatile, I2C, Low-Voltage Linear
Taper Digital Potentiometer
Typical Operating Characteristics (continued)
(VDD = 1.8V, TA = +25NC, unless otherwise noted.)
TOTAL HARMONIC DISTORTION PLUS NOISE
vs. FREQUENCY
FREQUENCY (kHz)
10
1
0.1
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.20
0
0.01
100
10kI
50kI
100kI
CHARGE-PUMP FEEDTHROUGH AT W
FREQUENCY (MHz)
0.50
2.00
100
200
300
400
500
600
700
800
900
1000
0
1.75
1.50
1.25
1.00
0.75
100kI
50kI
10kI
VARIABLE-RESISTOR DNL
vs. TAP POSITION (10kI)
TAP POSITION
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
-0.5
0
256
224
192
128 160
64
96
32
VDD = 1.8V, VH = 5.0V, CHARGE PUMP ON
VDD = 2.6V, VH = 2.6V, CHARGE PUMP OFF
VDD = 5.0V, VH = 5.0V, CHARGE PUMP OFF
VARIABLE-RESISTOR DNL
vs. TAP POSITION (50kI)
TAP POSITION
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
-0.5
0
256
224
192
128 160
64
96
32
VDD = 1.8V, VH = 5.0V, CHARGE PUMP ON
VDD = 2.6V, VH = 2.6V, CHARGE PUMP OFF
VDD = 5.0V, VH = 5.0V, CHARGE PUMP OFF
VARIABLE-RESISTOR DNL
vs. TAP POSITION (100kI)
TAP POSITION
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
-0.5
0
256
224
192
128 160
64
96
32
VDD = 1.8V, VH = 5.0V, CHARGE PUMP ON
VDD = 2.6V, VH = 2.6V, CHARGE PUMP OFF
VDD = 5.0V, VH = 5.0V, CHARGE PUMP OFF
VARIABLE-RESISTOR INL
vs. TAP POSITION (10kI)
TAP POSITION
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
-0.5
0
256
224
192
128 160
64
96
32
VDD = 1.8V, VH = 5.0V, CHARGE PUMP ON
VDD = 5.0V, VH = 5.0V, CHARGE PUMP OFF
VDD = 2.6V,
VH = 2.6V,
CHARGE
PUMP OFF
VARIABLE-RESISTOR INL
vs. TAP POSITION (50kI)
TAP POSITION
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
-0.5
0
256
224
192
128 160
64
96
32
VDD = 1.8V, VH = 5.0V, CHARGE PUMP ON
VDD = 5.0V, VH = 5.0V, CHARGE PUMP OFF
VDD = 2.6V, VH = 2.6V, CHARGE PUMP OFF
VARIABLE-RESISTOR INL
vs. TAP POSITION (100kI)
TAP POSITION
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
-0.5
0
256
224
192
128 160
64
96
32
VDD = 1.8V, VH = 5.0V, CHARGE PUMP ON
VDD = 2.6V, VH = 2.6V, CHARGE PUMP OFF
VDD = 5.0V, VH = 5.0V, CHARGE PUMP OFF


Similar Part No. - MAX5395NATA+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5395LEVKIT MAXIM-MAX5395LEVKIT Datasheet
733Kb / 12P
   1.7V to 5.5V Wide Input Supply Range
Rev 0; 5/13
More results

Similar Description - MAX5395NATA+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5394 MAXIM-MAX5394 Datasheet
2Mb / 15P
   Single, 256-Tap Volatile, SPI, Low-Voltage Linear Taper Digital Potentiometer
Rev 1; 9/12
MAX5392 MAXIM-MAX5392 Datasheet
2Mb / 16P
   Dual, 256-Tap, Volatile, Low-Voltage, Linear Taper Digital Potentiometer
Rev 1; 4/10
MAX5389 MAXIM-MAX5389 Datasheet
2Mb / 13P
   Dual, 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometer
Rev 1; 4/10
MAX5387 MAXIM-MAX5387 Datasheet
2Mb / 15P
   Dual, 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometer
Rev 1; 4/10
MAX5391 MAXIM-MAX5391_10 Datasheet
2Mb / 14P
   Dual 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometers
Rev 1; 4/10
MAX5386 MAXIM-MAX5386 Datasheet
1Mb / 12P
   Dual, 256-Tap, Volatile Low-Voltage Linear Taper Digital Potentiometers
Rev 0; 4/09
MAX5391 MAXIM-MAX5391 Datasheet
2Mb / 13P
   Dual 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometers
Rev 0; 10/09
MAX5386 MAXIM-MAX5386_10 Datasheet
2Mb / 13P
   Dual, 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometers
Rev 2; 1/10
MAX5386 MAXIM-MAX5386_V01 Datasheet
1Mb / 13P
   Dual, 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometers
2014
MAX5391 MAXIM-MAX5391_V01 Datasheet
1Mb / 14P
   Dual 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometers
2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com