Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

00915828020061 Datasheet(PDF) 1 Page - AVX Corporation

Part # 00915828020061
Description  9158 SOLO STACKER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

00915828020061 Datasheet(HTML) 1 Page - AVX Corporation

  00915828020061 Datasheet HTML 1Page - AVX Corporation 00915828020061 Datasheet HTML 2Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
9158 SOLO STACKER
GENERAL DESCRIPTION
The MOBO® series 9158 is a one-piece connector used to connect two PCBs
within mobile phones, pagers, PDAs, security, handheld scanners, etc. in a
cost-effective manner.
A standard range is available with 16, 20, 24 and 28 contacts to suit stack
heights of 1.90mm to 3.30mm. Other contact variants are also available up to
5.10mm, in custom housings. The SOLO STACKER can allow a spacing
tolerance of up to ±0.30mm and still provide reliable connections between the
PCBs, even if they are not parallel.
SOLO STACKER is designed for PCB surface mounting and is supplied in
tape and reel packaging. Gold plated pads on the mating PCB or suitable flex
circuits provide connection between the boards.
Whatever your requirements this SOLO STACKER can also be customized to
suit your applications.
KEY FEATURES AND BENEFITS
Single piece Connector – no mating half connector required to connect
two boards together which means:
• Reduced assembly time.
• Only one part to purchase and stock.
• Due to the unique contact design, the mating device does not have to
be parallel.
• Extremely robust when subjected to shock and vibration.
• Cost effective.
• Helps reduce tolerance accumulation within system.
APPLICATIONS
Suitable applications include:
• Mobile Phones
• PDA
• Medical
• PMR
• Industrial
• Security
• Handheld Scanner
DRAWINGS AND DIMENSIONS
“B”
Ø 1.15
(0.045)
TYP
0.95 (0.037) REF
WEEK/YEAR
CODE
2.70
(0.106)
MAX
AVAILABLE VACUUM
PLACEMENT AREA
7.00 (0.276)
2.70
(0.106)
4.00 (0.157)
6.00 (0.236)
4.80 (0.189)
1.90
(0.075)
0.04
(0.002)
4.20
(0.165)
3.70 - 4.00
(0.146 - 0.157)
FOR VERSION STACK HEIGHT 030
0.40 (0.016)
0/+0.20
(0/+0.008)
ALL TAILS WITHIN 0.15 (0.006) MAX COPLANARITY TOLERANCE
CONTACT PITCH 1.0 (0.039)
“A”
7.00 (0.276)
2.70
(0.106)
6.00 (0.236)
4.00 (0.157)
1.05
(0.041)
1.80
(0.071)
3.30
(0.130)
FOR VERSION STACK HEIGHT 020 & 025
Number of
Part Number
A
B
Positions
16
00-9158-016-XXX-XXX
7
9.00
20
00-9158-020-XXX-XXX
9
11.00
24
00-9158-024-XXX-XXX
11
13.00
28
00-9158-028-XXX-XXX
13
15.00
A = Number of contact pitches at 1mm
B = Connector Length
25


Similar Part No. - 00915828020061

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
009155002100006 AVX-009155002100006 Datasheet
1Mb / 6P
   Ultra-Low Profile 2.5mm Pitch Battery
00915500210008 AVX-00915500210008 Datasheet
1Mb / 6P
   Ultra-Low Profile 2.5mm Pitch Battery
009155002101006 AVX-009155002101006 Datasheet
1Mb / 6P
   Ultra-Low Profile 2.5mm Pitch Battery
00915500210108 AVX-00915500210108 Datasheet
1Mb / 6P
   Ultra-Low Profile 2.5mm Pitch Battery
009155003100006 AVX-009155003100006 Datasheet
1Mb / 6P
   Ultra-Low Profile 2.5mm Pitch Battery
More results

Similar Description - 00915828020061

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
009188004012062 AVX-009188004012062 Datasheet
516Kb / 4P
   9188 Staggered SOLO Stacker
logo
ADL Embedded Solutions
ADL945PC ADL-ADL945PC Datasheet
541Kb / 2P
   Duo / Core Solo: 1.0GHz - 2.16GHz
MSEBX945 ADL-MSEBX945 Datasheet
221Kb / 2P
   Duo / Core Solo 1.06GHz - 1.50GHz
logo
AVX Corporation
00-9188 AVX-00-9188 Datasheet
1,020Kb / 5P
   Staggered Stacker: BTB
logo
Samtec, Inc
DWM-01-51-T-S-250 SAMTEC-DWM-01-51-T-S-250 Datasheet
395Kb / 1P
   MICRO BOARD STACKER
logo
AVX Corporation
009188004012062 AVX-009188004012062_17 Datasheet
1,020Kb / 5P
   Staggered Stacker: BTB
logo
Wurth Elektronik GmbH &...
61303211321 WURTH-61303211321 Datasheet
304Kb / 6P
   WR-PHD Board Stacker
001.001
logo
Samtec, Inc
STMM-120-02-S-D-SM-LC SAMTEC-STMM-120-02-S-D-SM-LC Datasheet
764Kb / 1P
   SHROUDED IDC HEADER & STACKER
logo
Wurth Elektronik GmbH &...
61303218421 WURTH-61303218421 Datasheet
383Kb / 6P
   WR-PHD Board Stacker
002.001
logo
Major League Electronic...
BSTC-6-D MAJOR-LEAGUE-BSTC-6-D Datasheet
86Kb / 1P
   Board Stacker Terminal Strips
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com