Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

009178002001106 Datasheet(PDF) 1 Page - AVX Corporation

Part # 009178002001106
Description  SSL - Discrete Wire IDC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

009178002001106 Datasheet(HTML) 1 Page - AVX Corporation

  009178002001106 Datasheet HTML 1Page - AVX Corporation 009178002001106 Datasheet HTML 2Page - AVX Corporation 009178002001106 Datasheet HTML 3Page - AVX Corporation 009178002001106 Datasheet HTML 4Page - AVX Corporation 009178002001106 Datasheet HTML 5Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
61
SSL - Discrete Wire IDC
Series 9177
The 917X series of surface mount Insulation Displacement Connectors (IDC)
were developed to meet the harsh automotive and industrial market
applications for connecting individual wires directly to a PCB ranging from 14
AWG to 28 AWG. This industry proven contact system has been tested to
automotive levels of shock, vibration, and temperature cycling to prove their
reliability and robustness. The simplicity of inserting a wire into the connector
with a small tool allows a wide range of devices to be connected to the PCB
without soldering. In SSL applications specifically, these connectors are used to
bring power and signal onto the PCB or are used to daisy chain multiple boards
together in a long string. While the IDC contact provides a gas-tight connection
to conductor of the wire, the housing has been designed to grab the insulation
of the wire to provide a positive strain relief even in the harshest conditions. In
case of repair, the wires can be removed and replace up to three times.
The 9177 series accepts 14 AWG to 20 AWG wires with an insulation diameter
ranging from 2.75mm to 4.25mm. These dual contact connectors support a
15 amp current rating with two large SMT solder tails per wire to provide
maximum stability on the PCB. Available in 1p-3p configuration, these
connectors can be end stackable for higher pin counts.
ELECTRICAL
• Current Rating: 15 Amp / Contact
• Voltage Rating: 600 VAC
9177
Series
00
Prefix
00X
Number of Ways
06
Plating
Option
06 = Pure Tin
all over
HOW TO ORDER
X
Insulator Color
00X
Wire Gauge Size
Code Color
Application
0
Black
Industrial
1
White
Lighting
ENVIRONMENTAL
• Operating Temperature:
-40ºC to +125ºC
MECHANICAL
• Insulator Material: Nylon 46: UL94V0
• Contact Material: Phosphor Bronze
• Plating: Tin over Nickel
• Durability: 3 Cycles
FEATURES AND BENEFITS
• IDC contact provides a gas-tight connection to the PCB for long term reliability
• Connector housing captures the wire insulation for positive strain relief
• Tested to automotive levels on shock, vibration and temperature cycling for
reliability
• Low and high volume assembly tools to match production volumes
• Reduced total applied cost versus solder or crimp processes
• High temperature insulator capable to 260ºC reflow soldering processes
APPLICATIONS
• Connecting discrete wire components
directly to the PCB
• Bringing power and signals onto a PCB
• Daisy chaining PCB’s together to create
a continuous string of boards
• Application Notes: refer to 201-01-124
Code
No of
Details
Ways
001
1
Page 62
002
2
Page 63
003
3
Page 64
Code
Accepted
Wire
Wire Gauge
Insulation
001
14 AWG
Ø 4.25
012
16 AWG
Ø 3.50
022
18 AWG
Ø 3.50
033
20 AWG
Ø 2.75
Certification: UL File #E320991


Similar Part No. - 009178002001106

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
009178001001006 AVX-009178001001006 Datasheet
218Kb / 4P
   IDC SMT Coax Connector
009178001001106 AVX-009178001001106 Datasheet
218Kb / 4P
   IDC SMT Coax Connector
More results

Similar Description - 009178002001106

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
00917700X001X06 AVX-00917700X001X06 Datasheet
236Kb / 5P
   SSL - Discrete Wire IDC
009176001001006 AVX-009176001001006 Datasheet
317Kb / 8P
   SSL - Discrete Wire IDC
00917900X001X06 AVX-00917900X001X06 Datasheet
348Kb / 8P
   SSL - Discrete Wire IDC
009175002701106 AVX-009175002701106 Datasheet
374Kb / 6P
   SSL - Discrete Wire IDC
009175003001006 AVX-009175003001006 Datasheet
368Kb / 5P
   SSL - Discrete Wire IDC
00917500X001X06 AVX-00917500X001X06 Datasheet
368Kb / 5P
   SSL - Discrete Wire IDC
00-9176-002-001-106 AVX-00-9176-002-001-106 Datasheet
368Kb / 9P
   Discrete Wire IDC
logo
Tyco Electronics
2106003-1 MACOM-2106003-1 Datasheet
969Kb / 6P
   IDC SSL Connector
logo
Omron Electronics LLC
XG5 OMRON-XG5 Datasheet
967Kb / 10P
   IDC Sockets for Discrete Wires
XG5_1011 OMRON-XG5_1011 Datasheet
919Kb / 10P
   IDC Sockets for Discrete Wires
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com