Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4561EUT+T Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX4561EUT+T
Description  ±15kV ESD-Protected, Low-Voltage, SPDT/SPST, CMOS Analog Switches
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4561EUT+T Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX4561EUT+T Datasheet HTML 1Page - Maxim Integrated Products MAX4561EUT+T Datasheet HTML 2Page - Maxim Integrated Products MAX4561EUT+T Datasheet HTML 3Page - Maxim Integrated Products MAX4561EUT+T Datasheet HTML 4Page - Maxim Integrated Products MAX4561EUT+T Datasheet HTML 5Page - Maxim Integrated Products MAX4561EUT+T Datasheet HTML 6Page - Maxim Integrated Products MAX4561EUT+T Datasheet HTML 7Page - Maxim Integrated Products MAX4561EUT+T Datasheet HTML 8Page - Maxim Integrated Products MAX4561EUT+T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
±15kV ESD-Protected, Low-Voltage,
SPDT/SPST, CMOS Analog Switches
5
0
20
10
40
30
50
60
-40
20
40
-20
0
60
80
100
SUPPLY CURRENT
vs. TEMPERATURE AND SUPPLY VOLTAGE
TEMPERATURE (
°C)
V+ = 12V
V+ = 3V
V+ = 5V
0
40
20
80
60
100
120
-40
0
20
-20
40
60
80
TURN-ON/TURN-OFF TIME
vs. TEMPERATURE
TEMPERATURE (
°C)
tON
tOFF
V+ = 5V
VCOM = 3V
0
40
20
80
60
100
120
02
1
345
TURN-ON/TURN-OFF TIME vs. VCOM
VCOM (V)
V+ = 5V
tON
tOFF
TURN-ON/TURN-OFF TIME vs. VCOM
0
20
40
60
80
100
120
140
160
01.0
0.5
1.5
2.0
2.5
3.0
VCOM (V)
V+ = 3V
tON
tOFF
0
100
50
200
150
300
250
350
TURN-ON/TURN-OFF TIME
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
12345
tON
tOFF
Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)
0
40
20
80
60
120
100
140
180
160
200
-60
-20
0
-40
20406080
100
SCR HOLDING CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
IH
-40
-25
-30
-35
-20
-15
-10
-5
0
5
10
02
1
345
MAX4561
CHARGE INJECTION vs. VCOM
VCOM (V)
V+ = 3V
V+ = 5V
-10
5
0
-5
10
15
20
02
1
345
MAX4568/MAX4569
CHARGE INJECTION vs. VCOM
VCOM (V)
V+ = 5V
V+ = 3V


Similar Part No. - MAX4561EUT+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4561EUT-T MAXIM-MAX4561EUT-T Datasheet
234Kb / 12P
   ±15kV ESD-Protected, Low-Voltage,SPDT/SPST, CMOS Analog Switches
Rev 0; 4/00
More results

Similar Description - MAX4561EUT+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4561 MAXIM-MAX4561 Datasheet
234Kb / 12P
   ±15kV ESD-Protected, Low-Voltage,SPDT/SPST, CMOS Analog Switches
Rev 0; 4/00
MAX4575 MAXIM-MAX4575 Datasheet
265Kb / 12P
   15kV ESD-Protected, Low-Voltage, Dual, SPST, CMOS Analog Switches
Rev 0; 7/00
MAX4620 MAXIM-MAX4620 Datasheet
324Kb / 16P
   /-15kV ESD-Protected, Low-Voltage, Quad, SPST, CMOS Analog Switches
Rev 0; 7/00
MAX4551 MAXIM-MAX4551 Datasheet
325Kb / 16P
   짹15kV ESD-Protected, Quad, Low-Voltage, SPST Analog Switches
Rev 0; 10/98
MAX4558 MAXIM-MAX4558_V01 Datasheet
1Mb / 16P
   짹15kV ESD-Protected, Low-Voltage, CMOS Analog Multiplexers/Switches
2022
MAX4558 MAXIM-MAX4558 Datasheet
305Kb / 16P
   짹15kV ESD-Protected, Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 0; 4/99
MAX4501 MAXIM-MAX4501 Datasheet
313Kb / 8P
   Low-Voltage, SPST, CMOS Analog Switches
Rev 1; 11/99
MAX4502EUKT MAXIM-MAX4502EUKT Datasheet
319Kb / 8P
   Low-Voltage, SPST, CMOS Analog Switches
Rev 1; 11/99
MAX4711 MAXIM-MAX4711 Datasheet
411Kb / 17P
   Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Rev 1; 11/03
MAX4711 MAXIM-MAX4711 Datasheet
894Kb / 17P
   Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Rev 1; 11/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com