Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4400_V4 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX4400_V4
Description  Single/Dual/Quad, Low-Cost, Single-Supply Rail-to-Rail Op Amps with Shutdown
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4400_V4 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX4400_V4 Datasheet HTML 1Page - Maxim Integrated Products MAX4400_V4 Datasheet HTML 2Page - Maxim Integrated Products MAX4400_V4 Datasheet HTML 3Page - Maxim Integrated Products MAX4400_V4 Datasheet HTML 4Page - Maxim Integrated Products MAX4400_V4 Datasheet HTML 5Page - Maxim Integrated Products MAX4400_V4 Datasheet HTML 6Page - Maxim Integrated Products MAX4400_V4 Datasheet HTML 7Page - Maxim Integrated Products MAX4400_V4 Datasheet HTML 8Page - Maxim Integrated Products MAX4400_V4 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
General Description
The MAX4400–MAX4403 low-cost, general-purpose op
amps offer rail-to-rail outputs, draw only 320µA of quies-
cent current, and operate from a single +2.5V to +5.5V
supply. For additional power conservation, the MAX4401
offers a low-power shutdown mode that reduces supply
current to 1µA (max) and puts the amplifier’s output in a
high-impedance state. These devices deliver ±1.4mA of
output current and are unity-gain stable with a 1MHz gain-
bandwidth product driving capacitive loads up to 400pF.
The MAX4400–MAX4403 are specified to +125°C, making
them suitable for use in a variety of harsh environments,
such as automotive applications.
The MAX4400 single amplifier is available in ultra-small
5-pin SC70 and space-saving 5-pin SOT23 packages.
The single MAX4401 includes the shutdown feature and is
available in a 6-pin SC70. The MAX4402 is a dual amplifier
available in 8-pin SOT23, µMAX®, and SO packages. The
MAX4403 quad amplifier is packaged in a 14-pin TSSOP
or SO.
Applications
Single-Supply, Zero-Crossing Detectors
Instruments and Terminals
Portable Communications
Electronic Ignition Modules
Infrared Receivers
Sensor Signal Detection
Features
o Single +2.5V to +5.5V Supply Voltage Range
o 320µA Quiescent Current per Amplifier
o 1µA (max) Shutdown Mode (MAX4401)
o Available in Space-Saving Packages
5-Pin SC70 (MAX4400)
6-Pin SC70 (MAX4401)
8-Pin SOT23/µMAX (MAX4402)
o 110dB AVOL with 2kΩ Load
o 0.015% THD with 2kΩ Load
o Rail-to-Rail Output Voltage Swing
o 1.4mA of Sink and Source Load Current
o Unity-Gain Stable up to CLOAD = 400pF
o Ground-Sensing Inputs
Single/Dual/Quad, Low-Cost, Single-Supply,
Rail-to-Rail Op Amps with Shutdown
IN+
IN-
1
2
3
5
4 OUT
VSS
VDD
IN+
IN-
1
2
3
6
5
4 OUT
SHDN
VSS
VDD
MAX4400
MAX4401
SC70-5/SOT23-5
SC70-6
PART
TEMP RANGE
PIN-
PACKAGE
TOP
MARK
MAX4400AXK+T
-40°C to +125°C
5 SC70
AAG
MAX4400AUK+T
-40°C to +125°C
5 SOT23
ADNP
MAX4401AXT+T
-40°C to +125°C
6 SC70
AAB
MAX4402AKA+T
-40°C to +125°C
8 SOT23
AADI
MAX4402AUA+
-40°C to +125°C
8 µMAX
MAX4402AUA/V+T
-40°C to +125°C
8 µMAX
MAX4402ASA+
-40°C to +125°C
8 SO
MAX4403AUD+
-40°C to +125°C
14 TSSOP
MAX4403ASD+
-40°C to +125°C
14 SO
19-1599; Rev 4; 7/12
1
For pricing, delivery, and ordering information, please contact Maxim Direct
at 1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Pin Configurations
Ordering Information
Selector Guide
MAX4401
1
Yes
MAX4402
2
No
MAX4403
4
No
µMAX is a registered trademark of Maxim Integrated Products, Inc.
Pin Configurations continued at end of data sheet.
No
1
MAX4400
PART
NO. OF AMPLIFIERS
PER PACKAGE
SHUTDOWN
MODE
+
Denotes a lead(Pb)-free/RoHS-compliant package.
/V denotes an automotive qualified part.
T = Tape and reel.


Similar Part No. - MAX4400_V4

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4400 MAXIM-MAX4400_V01 Datasheet
2Mb / 13P
   Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
2019
More results

Similar Description - MAX4400_V4

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4400AUK MAXIM-MAX4400AUK Datasheet
178Kb / 10P
   Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
Rev 4; 7/12
MAX4400 MAXIM-MAX4400 Datasheet
298Kb / 12P
   Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
Rev 0; 1/00
MAX4400 MAXIM-MAX4400_V01 Datasheet
2Mb / 13P
   Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
2019
MAX4480 MAXIM-MAX4480 Datasheet
471Kb / 13P
   Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
Rev 1; 1/01
MAX4480 MAXIM-MAX4480_12 Datasheet
288Kb / 10P
   Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
Rev 2; 10/12
MAX4480 MAXIM-MAX4480_V01 Datasheet
2Mb / 10P
   Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
2014
MAX4484 MAXIM-MAX4484 Datasheet
367Kb / 12P
   Single/Dual/Quad, Low-Cost, Single-Supply 7MHz, Rail-to-Rail Op Amps
Rev 0; 10/00
MAX4484 MAXIM-MAX4484_V01 Datasheet
1Mb / 8P
   Single/Dual/Quad, Low-Cost, Single-Supply 7MHz, Rail-to-Rail Op Amps
2020
MAX4330 MAXIM-MAX4330 Datasheet
176Kb / 16P
   Single/Dual/Quad, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps with Shutdown
Rev 3; 2/98
MAX4091 MAXIM-MAX4091 Datasheet
514Kb / 16P
   Single/Dual/Quad, Micropower, Single-Supply, Rail-to-Rail Op Amps
19-2272; Rev 0; 1/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com