Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

009162006401070 Datasheet(PDF) 1 Page - AVX Corporation

Part # 009162006401070
Description  9162 Slide-In Low Profile
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

009162006401070 Datasheet(HTML) 1 Page - AVX Corporation

  009162006401070 Datasheet HTML 1Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
9162 Slide-In Low Profile
SIM Connector
GENERAL DESCRIPTION
• Six position Slide-In SIM
• Low Profile – 0.70mm to SIM base
• Side bracket to add solder security
• SIM guidance using the side walls
KEY FEATURES AND BENEFITS
• SMT Slide-In SIM
• Molded in high temperature LCP
• 0.38µm Gold on contact surface and gold flash on contact tails
• 1.60mm connector height
• Tape & Reel packaging
15.65 (0.616)
2.54
(0.100)
2.54
(0.100)
7.78
(0.306)
5.98
(0.235)
5.08
(0.200)
16.7
(0.657)
16.45
(0.648)
5.08
(0.200)
3.00
(0.118)
5.08
(0.200)
REF
1.20
(0.047)
TYP
1.80
(0.071)
TYP
1.80
(0.071)
7.90
(0.311)
16.7
(0.657)
1.50
(0.059)
TYP
2.54
(0.100)
TYP
2.10 (0.083) TYP
12.05 (0.474)
0.08
(0.003)
1.60
(0.063)
15.2
(0.598)
0.85
(0.033)
0.70 (0.028)
MATED CARD
Suggested PCB Layout
HOW TO ORDER
00
Prefix
9162
Series
006
Number of
Contacts
070
SIM Height
Height of SIM Card: 0.70 (0.028)
SIM Type
40 = SMT, Slide-in SIM
40 1
Contact Plating
0.38µm Gold on Contact
Surface and Gold Flash on
Solder Tails. Underplated
1.27µm Nickel.
22


Similar Part No. - 009162006401070

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
009162006200175 AVX-009162006200175 Datasheet
303Kb / 4P
   9162 Slide-In SIM Card Connector
009162006206175 AVX-009162006206175 Datasheet
303Kb / 4P
   9162 Slide-In SIM Card Connector
009162006216175 AVX-009162006216175 Datasheet
303Kb / 4P
   9162 Slide-In SIM Card Connector
009162006301150 AVX-009162006301150 Datasheet
191Kb / 1P
   9162 SIM Connector with Locking Latch
009162006501150 AVX-009162006501150 Datasheet
359Kb / 2P
   9162 SIM/microSD Micro Combination Connector
More results

Similar Description - 009162006401070

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
009162006206175 AVX-009162006206175 Datasheet
303Kb / 4P
   9162 Slide-In SIM Card Connector
logo
Bourns Electronic Solut...
PTA BOURNS-PTA Datasheet
223Kb / 2P
   Low Profile Slide Potentiometer
logo
Copal Electronics
CUS COPAL-CUS Datasheet
1,000Kb / 4P
   LOW-PROFILE SLIDE SWITCHES
logo
Tyco Electronics
2-1437575-0 MACOM-2-1437575-0 Datasheet
285Kb / 2P
   SLIDE SWITCH, LOW PROFILE SSB SERIES
2-1437575-1 MACOM-2-1437575-1 Datasheet
285Kb / 2P
   SLIDE SWITCH, LOW PROFILE SSB SERIES
2-1437575-5 MACOM-2-1437575-5 Datasheet
285Kb / 2P
   SLIDE SWITCH, LOW PROFILE SSB SERIES
2-1437575-8 MACOM-2-1437575-8 Datasheet
285Kb / 2P
   SLIDE SWITCH, LOW PROFILE SSB SERIES
2-1437575-3 MACOM-2-1437575-3 Datasheet
285Kb / 2P
   SLIDE SWITCH, LOW PROFILE SSB SERIES
2-1437575-4 MACOM-2-1437575-4 Datasheet
285Kb / 2P
   SLIDE SWITCH, LOW PROFILE SSB SERIES
2-1437575-9 MACOM-2-1437575-9 Datasheet
285Kb / 2P
   SLIDE SWITCH, LOW PROFILE SSB SERIES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com