Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2121 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX2121
Description  Complete Direct-Conversion L-Band Tuner
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2121 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX2121 Datasheet HTML 3Page - Maxim Integrated Products MAX2121 Datasheet HTML 4Page - Maxim Integrated Products MAX2121 Datasheet HTML 5Page - Maxim Integrated Products MAX2121 Datasheet HTML 6Page - Maxim Integrated Products MAX2121 Datasheet HTML 7Page - Maxim Integrated Products MAX2121 Datasheet HTML 8Page - Maxim Integrated Products MAX2121 Datasheet HTML 9Page - Maxim Integrated Products MAX2121 Datasheet HTML 10Page - Maxim Integrated Products MAX2121 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Complete Direct-Conversion L-Band Tuner
7
Typical Operating Characteristics (continued)
(MAX2121 Evaluation Kit: VCC = +3.3V, TA = +25°C, baseband output frequency = 5MHz, VGC1 = +1.2V, default register settings
except BBG[3:0] = 1011, unless otherwise noted.)
PHASE NOISE AT 10kHz OFFSET vs.
CHANNEL FREQUENCY
CHANNEL FREQUENCY (MHz)
925
1115 1305 1495 1685 1875 2065 2255
-105
-100
-95
-90
PHASE NOISE vs. OFFSET FREQUENCY
OFFSET FREQUENCY (Hz)
1.0E+05
1.0E+04
-120
-110
-100
-90
-130
1.0E+03
1.0E+06
fLO = 1800MHz
LO LEAKAGE vs. LO FREQUENCY
LO FREQUENCY (MHz)
925
1175
1425
1675
1925
2175
-90
-85
-80
-75
-70
MEASURED AT RF INPUT
VCO: KV vs. VTUNE
VTUNE (V)
0
0.5
1.0
1.5
2.0
2.5
3.0
0
50
100
150
200
250
300
350
400
450
SUB-BAND 23
SUB-BAND 12
SUB-BAND 0


Similar Part No. - MAX2121

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2121 MAXIM-MAX2121 Datasheet
331Kb / 18P
   Complete Direct-Conversion L-Band Tuner 925MHz to 2175MHz Frequency Range
Rev 0; 6/11
MAX2121 MAXIM-MAX2121 Datasheet
877Kb / 8P
   All Critical Peripheral Components Included
Rev 1; 5/15
MAX2121B MAXIM-MAX2121B Datasheet
738Kb / 20P
   L-Band Tuner with Programmable Baseband Filter
Rev 1; 9/16
MAX2121BEVKIT MAXIM-MAX2121BEVKIT Datasheet
578Kb / 8P
   Fully Assembled and Tested
Rev 0; 6/15
MAX2121BEVKIT# MAXIM-MAX2121BEVKIT# Datasheet
578Kb / 8P
   Fully Assembled and Tested
Rev 0; 6/15
More results

Similar Description - MAX2121

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2121 MAXIM-MAX2121 Datasheet
331Kb / 18P
   Complete Direct-Conversion L-Band Tuner 925MHz to 2175MHz Frequency Range
Rev 0; 6/11
MAX2112 MAXIM-MAX2112_10 Datasheet
207Kb / 19P
   Complete, Direct-Conversion Tuner for DVB-S2 Applications
Rev 2; 5/10
MAX2112 MAXIM-MAX2112 Datasheet
303Kb / 19P
   Complete, Direct-Conversion Tuner for DVB-S2 Applications
Rev 0; 8/07
MAX2112 MAXIM-MAX2112_V01 Datasheet
1Mb / 19P
   Complete, Direct-Conversion Tuner for DVB-S2 Applications
2020
MAX2116 MAXIM-MAX2116 Datasheet
314Kb / 15P
   Complete DBS Direct-Conversion Tuner ICs with Monolithic VCOs
Rev 2; 3/05
MAX2116 MAXIM-MAX2116_V01 Datasheet
264Kb / 16P
   Complete DBS Direct-Conversion Tuner ICs with Monolithic VCOs
2008
logo
Broadcom Corporation.
BCM3440 BOARDCOM-BCM3440 Datasheet
107Kb / 1P
   DIRECT CONVERSION SATELLITE TUNER
logo
Maxim Integrated Produc...
MAX3580 MAXIM-MAX3580_08 Datasheet
259Kb / 21P
   Direct-Conversion TV Tuner
Rev 6; 11/08
MAX2108 MAXIM-MAX2108 Datasheet
155Kb / 12P
   Direct-Conversion Tuner IC
19-1449; Rev 0; 4/99
MAX2108 MAXIM-MAX2108_05 Datasheet
174Kb / 12P
   Direct-Conversion Tuner IC
Rev 1; 6/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com