Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2091BETP+T Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX2091BETP+T
Description  50MHz to 500MHz Analog VGA, 1735MHz to 1935MHz Upconverting Mixer with Image Filtering, Threshold Alarm Circuit, and Error Amplifier for Level Control
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2091BETP+T Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX2091BETP+T Datasheet HTML 5Page - Maxim Integrated Products MAX2091BETP+T Datasheet HTML 6Page - Maxim Integrated Products MAX2091BETP+T Datasheet HTML 7Page - Maxim Integrated Products MAX2091BETP+T Datasheet HTML 8Page - Maxim Integrated Products MAX2091BETP+T Datasheet HTML 9Page - Maxim Integrated Products MAX2091BETP+T Datasheet HTML 10Page - Maxim Integrated Products MAX2091BETP+T Datasheet HTML 11Page - Maxim Integrated Products MAX2091BETP+T Datasheet HTML 12Page - Maxim Integrated Products MAX2091BETP+T Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
9
50MHz to 500MHz Analog VGA, 1735MHz to 1935MHz
Upconverting Mixer with Image Filtering, Threshold
Alarm Circuit, and Error Amplifier for Level Control
MAX2091
Typical Operating Characteristics (continued)
(Typical Application Circuit configured for Mixer only (MIX_IN to RF_OUT), VCC = 5.5V, TC = +25NC, fMIX_IN = 350MHz, PMIX_IN =
-1dBm, fLO = 1485MHz, PLO = -7dBm, fRF = fIF_IN + fLO, RSOURCE = RLOAD = 50I, CTRL1 = 1, CTRL2 = 0, ALM_THRES = ALM = open,
unless otherwise noted.)
GAIN vs. RF FREQUENCY
RF FREQUENCY (MHz)
1785
1885
-2
-1
0
1
2
-3
1685
1985
TC = -40°C
TC = +95°C
TC = +25°C
GAIN vs. RF FREQUENCY
RF FREQUENCY (MHz)
1785
1885
-2
-1
0
1
2
-3
1685
1985
PLO = -10dBm, -7dBm, -4dBm
GAIN vs. RF FREQUENCY
RF FREQUENCY (MHz)
1785
1885
-2
-1
0
1
2
-3
1685
1985
VCC = 4.75V, 5.00V, 5.25V, 5.50V
MIXER IF MATCH vs. IF FREQUENCY
IF FREQUENCY (MHz)
300
400
-30
-20
-10
0
-40
200
500
TC = +25°C
TC = +95°C
TC = -40°C
MIXER RF MATCH vs. RF FREQUENCY
RF FREQUENCY (MHz)
1785
1885
-20
-10
0
-30
1685
1985
TC = +25°C
TC = -40°C
TC = +95°C
MIXER IF MATCH vs. IF FREQUENCY
IF FREQUENCY (MHz)
300
400
-30
-20
-10
0
-40
200
500
PLO = -10dBm, -7dBm, -4dBm
MIXER RF MATCH vs. RF FREQUENCY
RF FREQUENCY (MHz)
1785
1885
-20
-10
0
-30
1685
1985
PLO = -10dBm, -7dBm, -4dBm
MIXER IF MATCH vs. IF FREQUENCY
IF FREQUENCY (MHz)
300
400
-30
-20
-10
0
-40
200
500
VCC = 4.75V, 5.00V, 5.25V, 5.50V
MIXER RF MATCH vs. RF FREQUENCY
RF FREQUENCY (MHz)
1785
1885
-20
-10
0
-30
1685
1985
VCC = 4.75V, 5.00V, 5.25V, 5.50V


Similar Part No. - MAX2091BETP+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
java.util.regex.PatternSyntaxException: Dangling meta character '*' near index 14 MAX2091BETP+T** ^

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com