Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2121ETI+ Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX2121ETI+
Description  Complete Direct-Conversion L-Band Tuner
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2121ETI+ Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX2121ETI+ Datasheet HTML 6Page - Maxim Integrated Products MAX2121ETI+ Datasheet HTML 7Page - Maxim Integrated Products MAX2121ETI+ Datasheet HTML 8Page - Maxim Integrated Products MAX2121ETI+ Datasheet HTML 9Page - Maxim Integrated Products MAX2121ETI+ Datasheet HTML 10Page - Maxim Integrated Products MAX2121ETI+ Datasheet HTML 11Page - Maxim Integrated Products MAX2121ETI+ Datasheet HTML 12Page - Maxim Integrated Products MAX2121ETI+ Datasheet HTML 13Page - Maxim Integrated Products MAX2121ETI+ Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Complete Direct-Conversion L-Band Tuner
10
Detailed Description
Register Description
The MAX2121 includes 12 user-programmable registers
and two read-only registers. See Table 1 for register
configurations. The register configuration of Table 1
shows each bit name and the bit usage information for all
registers. Note that all registers must be written after and
no earlier than 100µs after the device is powered up. The
VCO autoselection circuit is triggered by writing to regis-
ter 5. Thus register 5 should be the last register to be
written in order to ensure proper PLL lock.
Table 1. Register Configuration
MSB
LSB
DATA BYTE
REG
NUMBER
REGISTER
NAME
READ/
WRITE
REG
ADDRESS
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
1
N-Divider
MSB
Write
0x00
FRAC
1
N[14]
N[13]
N[12]
N[11]
N[10]
N[9]
N[8]
2
N-Divider
LSB
Write
0x01
N[7]
N[6]
N[5]
N[4]
N[3]
N[2]
N[1]
N[0]
3
Charge
Pump
Write
0x02
CPMP[1]
0
CPMP[0]
0
CPLIN[1]
0
CPLIN[0]
1
F[19]
F[18]
F[17]
F[16]
4
F-Divider
MSB
Write
0x03
F[15]
F[14]
F[13]
F[12]
F[11]
F[10]
F[9]
F[8]
5
F-Divider
LSB
Write
0x04
F[7]
F[6]
F[5]
F[4]
F[3]
F[2]
F[1]
F[0]
6
XTAL
Buffer and
Reference
Divider
Write
0x05
XD[2]
XD[1]
XD[0]
R[4]
R[3]
R[2]
R[1]
R[0]
7
PLL
Write
0x06
D24
CPS
ICP
X
X
X
X
X
8
VCO
Write
0x07
VCO[4]
VCO[3]
VCO[2]
VCO[1]
VCO[0]
VAS
ADL
ADE
9
Lowpass
Filter
Write
0x08
10010111
10
Control
Write
0x09
STBY
X
PWDN
0
X
BBG[3]
BBG[2] BBG[1] BBG[0]
11
Shutdown
Write
0x0A
X
PLL
0
DIV
0
VCO
0
BB
0
RFMIX
0
RFVGA
0
FE
0
12
Test
Write
0x0B
CPTST[2]
0
CPTST[1]
0
CPTST[0]
0
X
TURBO
1
LD
MUX[2]
0
LD
MUX[1]
0
LD
MUX[0]
0
13
Status
Byte-1
Read
0x0C
POR
VASA
VASE
LD
X
X
X
X
14
Status
Byte-2
Read
0x0D
VCOSBR[4] VCOSBR[3] VCOSBR[2] VCOSBR[1] VCOSBR[0] ADC[2] ADC[1] ADC[0]
X = Don’t care.
0 = Set to 0 for factory-tested operation.
1 = Set to 1 for factory-tested operation.


Similar Part No. - MAX2121ETI+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2121ETI MAXIM-MAX2121ETI Datasheet
331Kb / 18P
   Complete Direct-Conversion L-Band Tuner 925MHz to 2175MHz Frequency Range
Rev 0; 6/11
More results

Similar Description - MAX2121ETI+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2121 MAXIM-MAX2121 Datasheet
331Kb / 18P
   Complete Direct-Conversion L-Band Tuner 925MHz to 2175MHz Frequency Range
Rev 0; 6/11
MAX2112 MAXIM-MAX2112_10 Datasheet
207Kb / 19P
   Complete, Direct-Conversion Tuner for DVB-S2 Applications
Rev 2; 5/10
MAX2112 MAXIM-MAX2112 Datasheet
303Kb / 19P
   Complete, Direct-Conversion Tuner for DVB-S2 Applications
Rev 0; 8/07
MAX2112 MAXIM-MAX2112_V01 Datasheet
1Mb / 19P
   Complete, Direct-Conversion Tuner for DVB-S2 Applications
2020
MAX2116 MAXIM-MAX2116 Datasheet
314Kb / 15P
   Complete DBS Direct-Conversion Tuner ICs with Monolithic VCOs
Rev 2; 3/05
MAX2116 MAXIM-MAX2116_V01 Datasheet
264Kb / 16P
   Complete DBS Direct-Conversion Tuner ICs with Monolithic VCOs
2008
logo
Broadcom Corporation.
BCM3440 BOARDCOM-BCM3440 Datasheet
107Kb / 1P
   DIRECT CONVERSION SATELLITE TUNER
logo
Maxim Integrated Produc...
MAX3580 MAXIM-MAX3580_08 Datasheet
259Kb / 21P
   Direct-Conversion TV Tuner
Rev 6; 11/08
MAX2108 MAXIM-MAX2108 Datasheet
155Kb / 12P
   Direct-Conversion Tuner IC
19-1449; Rev 0; 4/99
MAX2108 MAXIM-MAX2108_05 Datasheet
174Kb / 12P
   Direct-Conversion Tuner IC
Rev 1; 6/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com