Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

009178002001006 Datasheet(PDF) 5 Page - AVX Corporation

Part # 009178002001006
Description  SSL - Discrete Wire IDC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

009178002001006 Datasheet(HTML) 5 Page - AVX Corporation

  009178002001006 Datasheet HTML 1Page - AVX Corporation 009178002001006 Datasheet HTML 2Page - AVX Corporation 009178002001006 Datasheet HTML 3Page - AVX Corporation 009178002001006 Datasheet HTML 4Page - AVX Corporation 009178002001006 Datasheet HTML 5Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
65
SSL - Discrete Wire IDC
Series 9177
NOTES:
1. ALL DIMENSIONS FOR REFERENCE DIMENSIONS.
2. MAXIMUM COMPONENT HEIGHT 0.80MM IN THIS AREA.
3. MAXIMUM COMPONENT HEIGHT 11.00 MM IN THIS AREA.
4. THE SAME RESTRICTIONS APPLY TO ALL WIRE
INSULATION DIAMETERS.
INSERTION TOOLING – REQUIRES HAND PRESS WITH FLAT ROCK PLATES
HIGH PRODUCTION
No.
Max
Tool
of Ways
Insulation Dia
Part Number
(AWG)
4.25 (14)
06 9177 7017 01 001
1
3.50 (16-18)
06 9177 7017 02 001
2.75 (20)
06 9177 7017 03 001
4.25 (14)
06 9177 7017 01 002
2
3.50 (16-18)
06 9177 7017 02 002
2.75 (20)
06 9177 7017 03 002
4.25 (14)
06 9177 7017 01 003
3
3.50 (16-18)
06 9177 7017 02 003
2.75 (20)
06 9177 7017 03 003
MEDIUM PRODUCTION
Plastic
No.
Max
Tool
of Ways
Insulation Dia
Part Number
(AWG)
4.25 (14)
06 9177 7016 01 001
1
3.50 (16-18)
06 9177 7016 02 001
2.75 (20)
06 9177 7016 03 001
4.25 (14)
06 9177 7016 01 002
2
3.50 (16-18)
06 9177 7016 02 002
2.75 (20)
06 9177 7016 03 002
4.25 (14)
06 9177 7016 01 003
3
3.50 (16-18)
06 9177 7016 02 003
2.75 (20)
06 9177 7016 03 003
1 WAY
2 WAY
3 WAY
INSERTION TOOLING – PCB RESTRICTED AREAS FOR ASSEMBLY TOOLING
1 WAY
2 WAY
3 WAY
The assembly tooling restricts the available
space/component heights on the PCB.
For details see below.


Similar Part No. - 009178002001006

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
009178001001006 AVX-009178001001006 Datasheet
218Kb / 4P
   IDC SMT Coax Connector
009178001001106 AVX-009178001001106 Datasheet
218Kb / 4P
   IDC SMT Coax Connector
More results

Similar Description - 009178002001006

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
00917700X001X06 AVX-00917700X001X06 Datasheet
236Kb / 5P
   SSL - Discrete Wire IDC
009176001001006 AVX-009176001001006 Datasheet
317Kb / 8P
   SSL - Discrete Wire IDC
00917900X001X06 AVX-00917900X001X06 Datasheet
348Kb / 8P
   SSL - Discrete Wire IDC
009175002701106 AVX-009175002701106 Datasheet
374Kb / 6P
   SSL - Discrete Wire IDC
009175003001006 AVX-009175003001006 Datasheet
368Kb / 5P
   SSL - Discrete Wire IDC
00917500X001X06 AVX-00917500X001X06 Datasheet
368Kb / 5P
   SSL - Discrete Wire IDC
00-9176-002-001-106 AVX-00-9176-002-001-106 Datasheet
368Kb / 9P
   Discrete Wire IDC
logo
Tyco Electronics
2106003-1 MACOM-2106003-1 Datasheet
969Kb / 6P
   IDC SSL Connector
logo
Omron Electronics LLC
XG5 OMRON-XG5 Datasheet
967Kb / 10P
   IDC Sockets for Discrete Wires
XG5_1011 OMRON-XG5_1011 Datasheet
919Kb / 10P
   IDC Sockets for Discrete Wires
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com