Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2091ETP+T Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX2091ETP+T
Description  50MHz to 500MHz Analog VGA, 1735MHz to 1935MHz Upconverting Mixer with Image Filtering, Threshold Alarm Circuit, and Error Amplifier for Level Control
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2091ETP+T Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX2091ETP+T Datasheet HTML 3Page - Maxim Integrated Products MAX2091ETP+T Datasheet HTML 4Page - Maxim Integrated Products MAX2091ETP+T Datasheet HTML 5Page - Maxim Integrated Products MAX2091ETP+T Datasheet HTML 6Page - Maxim Integrated Products MAX2091ETP+T Datasheet HTML 7Page - Maxim Integrated Products MAX2091ETP+T Datasheet HTML 8Page - Maxim Integrated Products MAX2091ETP+T Datasheet HTML 9Page - Maxim Integrated Products MAX2091ETP+T Datasheet HTML 10Page - Maxim Integrated Products MAX2091ETP+T Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
7
50MHz to 500MHz Analog VGA, 1735MHz to 1935MHz
Upconverting Mixer with Image Filtering, Threshold
Alarm Circuit, and Error Amplifier for Level Control
MAX2091
Typical Operating Characteristics (continued)
(Typical Application Circuit configured for AGC amp only (IF_IN to IF_OUT), analog attenuator set to maximum gain (VPLVLSET = 2.5V),
VCC = 5.5V, TC = +25NC, fIF_IN = 350MHz, PIF_IN = -25dBm, RSOURCE = RLOAD = 50I, CTRL1 = 1, CTRL2 = 0, ALM_THRES = ALM =
open, unless otherwise noted.)
17
18
OUTPUT P1dB vs. IF FREQUENCY
19
16
IF FREQUENCY (MHz)
200
500
400
300
VCC = 5.00V, 5.50V, 5.80V
VCC = 4.75V
35
40
OUTPUT IP3 vs. IF FREQUENCY
45
30
IF FREQUENCY (MHz)
200
500
400
300
POUT = 0dBm/TONE
TC = +95°C
TC = +25°C
TC = -40°C
35
40
OUTPUT IP3 vs. IF FREQUENCY
45
30
IF FREQUENCY (MHz)
200
500
400
300
POUT = 0dBm/TONE
VCC = 4.75V
VCC = 5.00V
VCC = 5.50V
VCC = 5.80V
35
40
45
30
OUTPUT IP3 vs. VPLVSET SETTING
VPLVSET (V)
2.025
1.550
1.075
0.600
2.500
fIF = 350MHz
POUT = 0dBm/TONE
TC = -40°C LSB
TC = +95°C LSB
TC = +25°C LSB
TC = -40°C USB
TC = +95°C USB
TC = +25°C USB
2ND HARMONIC vs. IF FREQUENCY
50
60
70
80
90
40
TC = +25°C
TC = +95°C
TC = -40°C
POUT = 0dBm
IF FREQUENCY (MHz)
200
500
400
300
2ND HARMONIC vs. IF FREQUENCY
50
60
70
80
90
40
VCC = 5.00V
VCC = 5.50V
VCC = 4.75V
VCC = 5.80V
POUT = 0dBm
IF FREQUENCY (MHz)
200
500
400
300
VPLVSET (V)
2.025
1.550
1.075
0.600
2.500
2ND HARMONIC vs. VPLVSET SETTING
50
60
70
80
90
40
POUT = 0dBm
fIF = 350MHz
TC = +25°C
TC = -40°C
TC = +95°C
IF FREQUENCY (MHz)
200
500
400
300
3RD HARMONIC vs. IF FREQUENCY
70
80
90
100
110
60
POUT = 0dBm
TC = +25°C
TC = +95°C
TC = -40°C
IF FREQUENCY (MHz)
200
500
400
300
3RD HARMONIC vs. IF FREQUENCY
70
80
90
100
110
60
POUT = 0dBm
VCC = 5.00V
VCC = 5.50V, 5.80V
VCC = 4.75V


Similar Part No. - MAX2091ETP+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2091ETP+T MAXIM-MAX2091ETP+T Datasheet
6Mb / 29P
   50MHz to 500MHz Analog VGA, 1735MHz to 1935MHz Upconverting Mixer
2015
More results

Similar Description - MAX2091ETP+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2091 MAXIM-MAX2091_V01 Datasheet
6Mb / 29P
   50MHz to 500MHz Analog VGA, 1735MHz to 1935MHz Upconverting Mixer
2015
MAX2090 MAXIM-MAX2090 Datasheet
1Mb / 14P
   50MHz to 1000MHz Analog VGA with Threshold Alarm Circuit and Error Amplifier for Level Control
Rev 1; 9/12
MAX2090 MAXIM-MAX2090_V01 Datasheet
688Kb / 14P
   50MHz to 1000MHz Analog VGA with Threshold Alarm Circuit and Error Amplifier for Level Control
2015
MAX2092 MAXIM-MAX2092 Datasheet
2Mb / 15P
   700MHz to 2700MHz Analog VGA with Threshold Alarm Circuit and Error Amplifier for Level Control
Rev 0; 6/12
logo
Linear Technology
LT5506 LINER-LT5506 Datasheet
321Kb / 12P
   40MHz to 500MHz Quadrature Demodulator with VGA
LT5506 LINER-LT5506_15 Datasheet
322Kb / 12P
   40MHz to 500MHz Quadrature Demodulator with VGA
logo
Maxim Integrated Produc...
MAX2067 MAXIM-MAX2067 Datasheet
299Kb / 23P
   50MHz to 1000MHz High-Linearity, Serial/Analog-Controlled VGA
Rev 0; 4/08
logo
Linear Technology
LT5511 LINER-LT5511_15 Datasheet
289Kb / 16P
   High Signal Level Upconverting Mixer
LT5511 LINER-LT5511 Datasheet
283Kb / 16P
   High Signal Level Upconverting Mixer
logo
Maxim Integrated Produc...
MAX2064 MAXIM-MAX2064 Datasheet
3Mb / 20P
   Dual 50MHz to 1000MHz High-Linearity, Serial/Analog-Controlled VGA
Rev 0; 12/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com