Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2023_V1 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX2023_V1
Description  High-Dynamic-Range, Direct Up-/Downconversion 1500MHz to 2500MHz Quadrature Mod/Demod
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2023_V1 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX2023_V1 Datasheet HTML 1Page - Maxim Integrated Products MAX2023_V1 Datasheet HTML 2Page - Maxim Integrated Products MAX2023_V1 Datasheet HTML 3Page - Maxim Integrated Products MAX2023_V1 Datasheet HTML 4Page - Maxim Integrated Products MAX2023_V1 Datasheet HTML 5Page - Maxim Integrated Products MAX2023_V1 Datasheet HTML 6Page - Maxim Integrated Products MAX2023_V1 Datasheet HTML 7Page - Maxim Integrated Products MAX2023_V1 Datasheet HTML 8Page - Maxim Integrated Products MAX2023_V1 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
High-Dynamic-Range, Direct Up-/Downconversion
1500MHz to 2500MHz Quadrature Mod/Demod
2
ABSOLUTE MAXIMUM RATINGS
VCC_ to GND ........................................................-0.3V to +5.5V
BBI+, BBI-, BBQ+, BBQ- to GND..................-4V to (VCC + 0.3V)
LO, RF to GND Maximum Current ......................................30mA
RF Input Power ...............................................................+30dBm
Baseband Differential I/Q Input Power ..........................+20dBm
LO Input Power...............................................................+10dBm
RBIASLO1 Maximum Current .............................................10mA
RBIASLO2 Maximum Current .............................................10mA
RBIASLO3 Maximum Current .............................................10mA
Continuous Power Dissipation (Note 1) ...............................7.6W
Operating Case Temperature Range (Note 2) ....-40°C to +85°C
Maximum Junction Temperature .....................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow) .......................................+260°C
DC ELECTRICAL CHARACTERISTICS
(MAX2023
Typical Application Circuit, VCC = 4.75V to 5.25V, GND = 0V, I/Q inputs terminated into 50
Ω to GND, LO input terminated into
50
Ω, RF output terminated into 50Ω, 0V common-mode input, R1 = 432Ω, R2 = 562Ω, R3 = 301Ω, TC = -40°C to +85°C, unless otherwise
noted. Typical values are at VCC = 5V, TC = +25°C, unless otherwise noted.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
4.75
5.00
5.25
V
Supply Current
(Note 5)
255
295
345
mA
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Note 1:
Based on junction temperature TJ = TC + (
θJC x VCC x ICC). This formula can be used when the temperature of the
exposed pad is known while the device is soldered down to a PCB. See the
Applications Information section for details.
The junction temperature must not exceed +150°C.
Note 2:
TC is the temperature on the exposed pad of the package. TA is the ambient temperature of the device and PCB.
Note 3:
Junction temperature TJ = TA + (
θJA x VCC x ICC). This formula can be used when the ambient temperature of the PCB is
known. The junction temperature must not exceed +150°C.
Note 4:
Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-
layer board. For detailed information on package thermal considerations, refer to www.maxim-ic.com/thermal-tutorial.
PACKAGE THERMAL CHARACTERISTICS
TQFN
Junction-to-Ambient
Thermal Resistance (
θJA) (Notes 3, 4) .......................+34°C/W
Junction-to-Case
Thermal Resistance (
θJC) (Notes 1, 4) ......................+8.5°C/W
RECOMMENDED AC OPERATING CONDITIONS
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
RF Frequency (Note 6)
fRF
1500
2500
MHz
LO Frequency (Note 6)
fLO
1500
2500
MHz
IF Frequency (Note 6)
fIF
1000
MHz
LO Power Range
PLO
-3
+3
dBm


Similar Part No. - MAX2023_V1

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2023EVKIT MAXIM-MAX2023EVKIT Datasheet
232Kb / 8P
   Evaluation Kit
Rev 0; 2/07
More results

Similar Description - MAX2023_V1

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2023 MAXIM-MAX2023 Datasheet
210Kb / 13P
   High-Dynamic-Range, Direct Up-/Downconversion 1500MHz to 2300MHz Quadrature Mod/Demod
Rev 0; 7/06
MAX2021 MAXIM-MAX2021 Datasheet
237Kb / 14P
   High-Dynamic-Range, Direct Up-/Downconversion 750MHz to 1200MHz Quadrature Mod/Demod
Rev 0; 3/06
MAX2021 MAXIM-MAX2021_13 Datasheet
588Kb / 20P
   High-Dynamic-Range, Direct Up-/Downconversion 650MHz to 1200MHz Quadrature Mod/Demod
Rev 2; 4/13
MAX2022 MAXIM-MAX2022 Datasheet
293Kb / 14P
   High-Dynamic-Range, Direct Upconversion 1500MHz to 2500MHz Quadrature Modulator
Rev 0; 4/05
MAX2022 MAXIM-MAX2022_V01 Datasheet
1Mb / 26P
   High-Dynamic-Range, Direct Up/ Downconversion 1500MHz to 3000MHz Quadrature Modulator/Demodulator
2013
MAX2022 MAXIM-MAX2022_12 Datasheet
2Mb / 20P
   High-Dynamic-Range, Direct Up/ Downconversion 1500MHz to 3000MHz Quadrature Modulator/Demodulator
Rev 1; 9/12
logo
Texas Instruments
TRF371109 TI1-TRF371109 Datasheet
1Mb / 47P
[Old version datasheet]   Direct Downconversion Receiver
logo
Maxim Integrated Produc...
MAX2700 MAXIM-MAX2700 Datasheet
328Kb / 28P
   1.8GHz to 2.5GHz Direct Downconversion Receivers
Rev 0; 4/00
logo
Linear Technology
LT5558 LINER-LT5558 Datasheet
319Kb / 16P
   600MHz to 1100MHz High Linearity Direct Quadrature Modulator
LT5572 LINER-LT5572 Datasheet
326Kb / 16P
   1.5GHz to 2.5GHz High Linearity Direct Quadrature Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com