Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2014EUA+ Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX2014EUA+
Description  50MHz to 1000MHz, 75dB Logarithmic Detector/Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2014EUA+ Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX2014EUA+ Datasheet HTML 4Page - Maxim Integrated Products MAX2014EUA+ Datasheet HTML 5Page - Maxim Integrated Products MAX2014EUA+ Datasheet HTML 6Page - Maxim Integrated Products MAX2014EUA+ Datasheet HTML 7Page - Maxim Integrated Products MAX2014EUA+ Datasheet HTML 8Page - Maxim Integrated Products MAX2014EUA+ Datasheet HTML 9Page - Maxim Integrated Products MAX2014EUA+ Datasheet HTML 10Page - Maxim Integrated Products MAX2014EUA+ Datasheet HTML 11Page - Maxim Integrated Products MAX2014EUA+ Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
50MHz to 1000MHz, 75dB Logarithmic
Detector/Controller
8
Pin Description
PIN
NAME
DESCRIPTION
1, 4
VCC
Supply Voltage. Bypass with capacitors as specified in the typical application circuits. Place capacitors
as close to the pin as possible (see the Power-Supply Connections section).
2, 3
INHI, INLO
Differential RF Inputs
5
PWDN
Power-Down Input. Drive PWDN with a logic-high to power down the IC. PWDN must be connected to
GND for VS between 4.75V and 5.25V with R4 = 75
Ω.
6
GND
Ground. Connect to the printed circuit (PC) board ground plane.
7
SET
Set-Point Input. To operate in detector mode, connect SET to OUT. To operate in controller mode,
connect a precision voltage source to control the power level of a power amplifier.
8
OUT
Detector Output. In detector mode, this output provides a voltage proportional to the log of the input
power. In controller mode, this output is connected to a power-control input on a power amplifier (PA).
—EP
Exposed Pad (TDFN Package Only). Connect EP to GND using multiple vias, or the EP can also be left
unconnected.
OUTPUT VOLTAGE vs. FREQUENCY
FREQUENCY INPUT (MHz)
0
200
400
600
800
1000
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
PIN = -60dBm
PIN = -30dBm
PIN = -45dBm
PIN = -10dBm
VCC = 2.7V, 3.3V, 3.6V
VCC = 2.7V
VCC = 3.6V
RF PULSE RESPONSE
TIME (50ns/div)
-1.0
-0.5
0
0.5
1.0
1.5
2.0
2.5
VOUT
fIN = 100MHz
RFIN
(AC-COUPLED)
S11 MAGNITUDE
FREQUENCY (MHz)
0
200
400
600
800
1000
-25.0
-22.5
-20.0
-17.5
-15.0
-12.5
-10.0
VCC = 2.7V, 3.0V, 3.3V, 3.6V
S11 MAGNITUDE
FREQUENCY (MHz)
0
200
400
600
800
1000
-25.0
-22.5
-20.0
-17.5
-15.0
-12.5
-10.0
TA = -40
°C
TA = +25
°C
TA = +85
°C
TA = -20
°C
Typical Operating Characteristics (continued)
(
Typical Application Circuit (Figure 1), VS = VCC = 3.3V, PIN = -10dBm, fIN = 100MHz, R1 = 0
Ω, R4 = 0Ω, RL = 10kΩ, VPWDN = 0V,
TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX2014EUA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2014ETA+T MAXIM-MAX2014ETA+T Datasheet
277Kb / 10P
   50MHz to 1000MHz, 75dB Logarithmic Detector/Controller
Rev 0; 6/06
MAX2014ETA-T MAXIM-MAX2014ETA-T Datasheet
277Kb / 10P
   50MHz to 1000MHz, 75dB Logarithmic Detector/Controller
Rev 0; 6/06
More results

Similar Description - MAX2014EUA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2014 MAXIM-MAX2014 Datasheet
277Kb / 10P
   50MHz to 1000MHz, 75dB Logarithmic Detector/Controller
Rev 0; 6/06
MAX2015 MAXIM-MAX2015_07 Datasheet
587Kb / 13P
   0.1GHz to 3GHz, 75dB Logarithmic Detector/Controller
Rev 2; 2/07
MAX2015 MAXIM-MAX2015 Datasheet
628Kb / 10P
   0.1GHz to 2.5GHz, 75dB Logarithmic Detector/Controller
19-2998; Rev 1; 12/03
logo
Analog Devices
ADL5513 AD-ADL5513_17 Datasheet
1Mb / 25P
   Logarithmic Detector/Controller
AD8318 AD-AD8318_17 Datasheet
2Mb / 24P
   Logarithmic Detector/Controller
HMC612LP4 AD-HMC612LP4 Datasheet
694Kb / 10P
   LOGARITHMIC DETECTOR / CONTROLLER
HMC713MS8 AD-HMC713MS8 Datasheet
939Kb / 10P
   LOGARITHMIC DETECTOR / CONTROLLER
HMC611LP4 AD-HMC611LP4 Datasheet
716Kb / 12P
   LOGARITHMIC DETECTOR / CONTROLLER
HMC600LP4 AD-HMC600LP4 Datasheet
503Kb / 8P
   LOGARITHMIC DETECTOR / CONTROLLER
logo
Zarlink Semiconductor I...
SL3522 ZARLINK-SL3522 Datasheet
934Kb / 21P
   500MHz 75dB Logarithmic/Limiting Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com