Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

009276002021006 Datasheet(PDF) 8 Page - AVX Corporation

Part # 009276002021006
Description  Discrete Wire-to-Board; Poke-Home
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

009276002021006 Datasheet(HTML) 8 Page - AVX Corporation

  009276002021006 Datasheet HTML 1Page - AVX Corporation 009276002021006 Datasheet HTML 2Page - AVX Corporation 009276002021006 Datasheet HTML 3Page - AVX Corporation 009276002021006 Datasheet HTML 4Page - AVX Corporation 009276002021006 Datasheet HTML 5Page - AVX Corporation 009276002021006 Datasheet HTML 6Page - AVX Corporation 009276002021006 Datasheet HTML 7Page - AVX Corporation 009276002021006 Datasheet HTML 8Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
WIRE ASSEMBLY
FOR FURTHER DETAILS REFER TO APPLICATION NOTES 201-01-127
Discrete Wire-to-Board; Poke-Home
Series 9276
TRIM INSULATION.
DO NOT CRUSH CENTER OF WIRE.
STRANDED WIRES TWISTED TOGETHER BEFORE INSETION.
CHECK ALL STANDS OF WIRE ARE CORRECTLY ALIGNED
ATER THE INSULATION IS REMOVED.
PUSH WIRE INTO HOLE IN FRONT OF CONNECTOR
DO NOT BEND CONNECTOR
CONTINUED TO PUSH WIRE UNTIL STOP IS REACHED.
WIRE EXTRACTION
PUSH BLADE (NOT SHARP) INTO SLOT ABOVE WIRE.
WHEN WIRE IS FREE, PULL TO EXTRACT.
A KYOCERA GROUP COMPANY
http://www.avx.com
NOTICE: Specifications are subject to change without notice. Contact your nearest AVX Sales Office for the latest specifications. All statements, information and data given
herein are believed to be accurate and reliable, but are presented without guarantee, warranty, or responsibility of any kind, expressed or implied. Statements
or suggestions concerning possible use of our products are made without representation or warranty that any such use is free of patent infringement and are not
recommendations to infringe any patent. The user should not assume that all safety measures are indicated or that other measures may not be required. Specifications are
typical and may not apply to all applications.
© AVX Corporation
S-S927610M1010-N
AMERICAS
AVX Myrtle Beach, SC
Tel: 843-448-9411
AVX Northwest, WA
Tel: 360-699-8746
AVX Midwest, IN
Tel: 317-861-9184
AVX Mid/Pacific, CA
Tel: 408-988-4900
AVX Northeast, MA
Tel: 617-479-0345
AVX Southwest, CA
Tel: 949-859-9509
AVX Canada
Tel: 905-238-3151
AVX South America
Tel: +55-11-4688-1960
EUROPE
AVX Limited, England
Tel: +44-1252-770000
AVX S.A.S., France
Tel: +33-1-69-18-46-00
AVX GmbH, Germany
Tel: +49-8131-9004-0
AVX SRL, Italy
Tel: +39-02-614-571
AVX Czech Republic
Tel: +420-57-57-57-521
AVX/ELCO UK
Tel: +44-1638-675000
ELCO Europe GmbH
Tel: +49-2741-299-0
AVX S.A., Spain
Tel: +34-91-63-97-197
AVX Benelux
Tel: +31-187-489-337
ASIA-PACIFIC
AVX/Kyocera (S) Pte Ltd.,
Singapore
Tel: +65-6286-7555
AVX/Kyocera, Asia, Ltd.,
Hong Kong
Tel: +852-2363-3303
AVX/Kyocera Yuhan Hoesa,
South Korea
Tel: +82-2785-6504
AVX/Kyocera HK Ltd.,
Taiwan
Tel: +886-2-2656-0258
AVX/Kyocera (M) Sdn Bhd,
Malaysia
Tel: +60-4228-1190
AVX/Kyocera International
Trading Co. Ltd.,
Shanghai
Tel: +86-21-3255 1933
AVX/Kyocera Asia Ltd.,
Shenzen
Tel: +86-755-3336-0615
AVX/Kyocera International
Trading Co. Ltd.,
Beijing
Tel: +86-10-6588-3528
AVX/Kyocera India
Liaison Office
Tel: +91-80-6450-0715
ASIA-KED
(KYOCERA Electronic Devices)
KED Hong Kong Ltd.
Tel: +852-2305-1080/1223
KED Hong Kong Ltd.
Shenzen
Tel: +86-755-3398-9600
KED Company Ltd.
Shanghai
Tel: +86-21-3255-1833
KED Hong Kong Ltd. Beijing
Tel: +86-10-5869-4655
KED Taiwan Ltd.
Tel: +886-2-2950-0268
KED Korea Yuhan Hoesa,
South Korea
Tel: +82-2-783-3604/6126
KED (S) Pte Ltd.
Singapore
Tel: +65-6509-0328
Kyocera Corporation
Japan
Tel: +81-75-604-3449


Similar Part No. - 009276002021006

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
009276002021006 AVX-009276002021006 Datasheet
704Kb / 8P
   Discrete Wire-to-Board; Poke-Home
More results

Similar Description - 009276002021006

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
009276001021006 AVX-009276001021006 Datasheet
704Kb / 8P
   Discrete Wire-to-Board; Poke-Home
logo
Kyocera Kinseki Corpota...
00-9296 KSS-00-9296 Datasheet
1Mb / 8P
   POKE-HOME: INVERTED THRU BOARD
090721
logo
AVX Corporation
009286002021106 AVX-009286002021106 Datasheet
1Mb / 9P
   POKE HOME
00-9296 AVX-00-9296 Datasheet
1Mb / 8P
   Poke-Home: Low Profile Horizontal
709296001103006 AVX-709296001103006 Datasheet
1Mb / 6P
   Poke-Home: Single Vertical Contact
709296001102006 AVX-709296001102006 Datasheet
1Mb / 6P
   Poke-Home: Micro Single Vertical Contact
logo
Kyocera Kinseki Corpota...
9296-400 KSS-9296-400 Datasheet
613Kb / 2P
   POKE-HOME: HORIZONTAL CONNECTOR 4MM PITCH
021022
logo
Winchester Electronics ...
RP25W3P-12-TD WINCHESTER-RP25W3P-12-TD Datasheet
49Kb / 1P
   25W3P POKE HOME D-SUB HOUSING
logo
AVX Corporation
70-9296 AVX-70-9296 Datasheet
1Mb / 6P
   Poke-Home: Single Vertical Contact 18-24 AWG:WTB
logo
Tyco Electronics
280379-2 MACOM-280379-2 Datasheet
58Kb / 1P
   Internal Equipment Connection Wire-to-Board for Discrete Wire 2.54mm Centreline
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com